Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75110A Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN75110A
Description  DUAL LINE DRIVERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75110A Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN75110A Datasheet HTML 3Page - Texas Instruments SN75110A Datasheet HTML 4Page - Texas Instruments SN75110A Datasheet HTML 5Page - Texas Instruments SN75110A Datasheet HTML 6Page - Texas Instruments SN75110A Datasheet HTML 7Page - Texas Instruments SN75110A Datasheet HTML 8Page - Texas Instruments SN75110A Datasheet HTML 9Page - Texas Instruments SN75110A Datasheet HTML 10Page - Texas Instruments SN75110A Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
SN55109A, SN55110A
SN75109A, SN75110A, SN75112
DUAL LINE DRIVERS
SLLS106B – DECEMBER 1975 – REVISED MAY 1995
2–9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
using the SN75112 as a CCITT recommended V.35 line driver
The SN75112 dual line driver, the SN75107A dual line receiver, and some external resistors can be used to
implement the data interchange circuit of CCITT recommendation V.35 (1976) modem specification. The circuit
of one channel is shown in Figure 1 and meets the requirement of the interface as specified by Appendix 11 of
CCITT V.35 and summarized in Table 1 (V.35 has been replaced by ITU V.11).
Table 1. CCITT V.35 Electrical Requirements
MIN
MAX
UNIT
GENERATOR
Source impedance, Zsource
50
150
Resistance to ground, R
135
165
Differential output voltage, VOD
440
660
mV
10% to 90% rise time, tr
40
ns
or
0.01
× ui †
Common-mode output voltage, VOC
– 0.6
0.6
V
LOAD (RECEIVER)
Input impedance, ZI
90
110
Resistance to ground, R
135
165
† ui = unit interval or minimum signal element pulse width
1Y
Data Out
1G
Enable
Data In
1B
Enable
1C
1A
5 V
5 V
1/2 SN75112
1
2
10
3
13
12
R3
390
1 Y
1 Z
R1
1.3 k
R5
75
R4
390
5 V
R2
1.3 k
R6
50
R7
50
R8
125
1A
1B
1
2
5 V
6
Strobe
4
5
1/2 SN75107A
100 pF
100 pF
All resistors are 5%, 1/4 W.
Figure 6. CCITT Recommended V.35 Interface Using the SN75112 and SN75107A


Similar Part No. - SN75110A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75110A TI-SN75110A Datasheet
148Kb / 10P
[Old version datasheet]   DUAL LINE DRIVERS
SN75110A TI-SN75110A Datasheet
374Kb / 16P
[Old version datasheet]   DUAL LINE DRIVERS
SN75110A TI-SN75110A Datasheet
547Kb / 18P
[Old version datasheet]   DUAL LINE DRIVERS
SN75110A TI1-SN75110A Datasheet
875Kb / 22P
[Old version datasheet]   DUAL LINE DRIVERS
SN75110A TI-SN75110A Datasheet
1Mb / 23P
[Old version datasheet]   DUAL LINE DRIVERS
REVISED NOVEMBER 2024
More results

Similar Description - SN75110A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55110A TI-SN55110A Datasheet
148Kb / 10P
[Old version datasheet]   DUAL LINE DRIVERS
SN55121 TI-SN55121 Datasheet
117Kb / 7P
[Old version datasheet]   DUAL LINE DRIVERS
logo
National Semiconductor ...
DS75110A NSC-DS75110A Datasheet
306Kb / 7P
   Dual Line Drivers
logo
Texas Instruments
SN55110A TI-SN55110A_03 Datasheet
374Kb / 16P
[Old version datasheet]   DUAL LINE DRIVERS
SN55110A TI1-SN55110A_14 Datasheet
875Kb / 22P
[Old version datasheet]   DUAL LINE DRIVERS
SN55110A TI-SN55110A_V01 Datasheet
1Mb / 23P
[Old version datasheet]   DUAL LINE DRIVERS
REVISED NOVEMBER 2024
SN55110A TI-SN55110A_06 Datasheet
547Kb / 18P
[Old version datasheet]   DUAL LINE DRIVERS
SN55121 TI1-SN55121_14 Datasheet
441Kb / 14P
[Old version datasheet]   DUAL LINE DRIVERS
SN55113 TI1-SN55113_14 Datasheet
859Kb / 23P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
SN55113 TI-SN55113 Datasheet
213Kb / 12P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com