Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75112 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN75112
Description  DUAL LINE DRIVERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75112 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN75112 Datasheet HTML 2Page - Texas Instruments SN75112 Datasheet HTML 3Page - Texas Instruments SN75112 Datasheet HTML 4Page - Texas Instruments SN75112 Datasheet HTML 5Page - Texas Instruments SN75112 Datasheet HTML 6Page - Texas Instruments SN75112 Datasheet HTML 7Page - Texas Instruments SN75112 Datasheet HTML 8Page - Texas Instruments SN75112 Datasheet HTML 9Page - Texas Instruments SN75112 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SN55110A, SN75110A, SN75112
DUAL LINE DRIVERS
SLLS106E – DECEMBER 1975 – REVISED APRIL 2000
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Input A or B
Pulse
Generator
(See Note B)
Pulse
Generator
(See Note B)
Input A or B
Enable C or D
3 V
0 V
3 V
0 V
TEST CIRCUIT
Off
On
tPLH
tPHL
tPHL
tPLH
tPHL
On
Off
Output Y
Output Z
VOLTAGE WAVEFORMS
890
Output Y
Output Z
RL = 50 Ω
890
VCC+
VCC–
To Other Driver
50
See Note C
RL = 50 Ω
50
Input C or D
CL = 40 pF
(see Note A)
CL = 40 pF
(see Note A)
NOTES: A. CL includes probe and jig capacitance.
B. The pulse generators have the following characteristics: ZO = 50 Ω, tr = tf = 10 ± 5 ns, tw1 = 500 ns, PRR ≤ 1 MHz, tw2 = 1 µs, PRR
≤ 500 kHz.
C. For simplicity, only one channel and the enable connections are shown.
tw1
tw2
tPLH
50%
50%
50%
50%
50%
50%
50%
50%
50%
50%
Figure 1. Test Circuit and Voltage Waveforms


Similar Part No. - SN75112

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75112 TI-SN75112 Datasheet
172Kb / 11P
[Old version datasheet]   DUAL LINE DRIVERS
SN75112 TI-SN75112 Datasheet
374Kb / 16P
[Old version datasheet]   DUAL LINE DRIVERS
SN75112 TI-SN75112 Datasheet
547Kb / 18P
[Old version datasheet]   DUAL LINE DRIVERS
SN75112 TI1-SN75112 Datasheet
875Kb / 22P
[Old version datasheet]   DUAL LINE DRIVERS
SN75112A TI-SN75112A Datasheet
374Kb / 16P
[Old version datasheet]   DUAL LINE DRIVERS
More results

Similar Description - SN75112

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55121 TI-SN55121 Datasheet
117Kb / 7P
[Old version datasheet]   DUAL LINE DRIVERS
logo
National Semiconductor ...
DS75110A NSC-DS75110A Datasheet
306Kb / 7P
   Dual Line Drivers
logo
Texas Instruments
SN55110A TI-SN55110A_03 Datasheet
374Kb / 16P
[Old version datasheet]   DUAL LINE DRIVERS
SN55110A TI1-SN55110A_14 Datasheet
875Kb / 22P
[Old version datasheet]   DUAL LINE DRIVERS
SN55110A TI-SN55110A_V01 Datasheet
1Mb / 23P
[Old version datasheet]   DUAL LINE DRIVERS
REVISED NOVEMBER 2024
SN55110A TI-SN55110A_06 Datasheet
547Kb / 18P
[Old version datasheet]   DUAL LINE DRIVERS
SN55109A TI-SN55109A Datasheet
172Kb / 11P
[Old version datasheet]   DUAL LINE DRIVERS
SN55121 TI1-SN55121_14 Datasheet
441Kb / 14P
[Old version datasheet]   DUAL LINE DRIVERS
SN55113 TI1-SN55113_14 Datasheet
859Kb / 23P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
SN55113 TI-SN55113 Datasheet
213Kb / 12P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com