Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM3436-40 Datasheet(PDF) 2 Page - Stealth Microwave, Inc.

Part # SM3436-40
Description  3400-3600 MHz 10 Watt Ultra Linear Power Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Direct Link  http://www.stealthmicrowave.com
Logo STEALTH_MICROWAVE - Stealth Microwave, Inc.

SM3436-40 Datasheet(HTML) 2 Page - Stealth Microwave, Inc.

  SM3436-40 Datasheet HTML 1Page - Stealth Microwave, Inc. SM3436-40 Datasheet HTML 2Page - Stealth Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM3436-40
3400-3600 MHz
10 Watt Ultra Linear Power Amplifier
FOR BWA APPLICATIONS
DIMENSIONS IN INCHES
RF
INPUT
TM
OUTPUT
RF
REV
RF
SMPL
FWD
+12VDC
ON/OFF
CNTL
GND
Pin
Description
Values
RF INPUT
Input Connector ( SMA Female )
- 4 dBm (max.)
RF OUTPUT
Output Connector (SMA Female)
+ 40 dBm @ P1dB
RF SAMPLE
RF Sample Port (SMA Female )
30 dBr
GND
Ground Turret
---
FWD
Forward Power Detector
+ 33 dBm Output Power
≈ + 2.0 Volts
REV
Reverse Power Detector
∞ VSWR @ + 33 dBm ≈ + 5.0 Volts
+12VDC
DC Input Voltage
+ 12 Volts @ 4 Amperes. (operational)
ON/OFF
TTL Logic On/Off
0 Volts = Off, + 5 Volts = On
CNTL
TTL Pulse Control
Rates up to 100 kHz
Specifications subject to change without notice.


Similar Part No. - SM3436-40

ManufacturerPart #DatasheetDescription
logo
Stealth Microwave, Inc.
SM3436-40L STEALTH_MICROWAVE-SM3436-40L Datasheet
135Kb / 2P
   3400-3600 MHz 10 Watt Ultra Linear Power Amplifier
More results

Similar Description - SM3436-40

ManufacturerPart #DatasheetDescription
logo
Stealth Microwave, Inc.
SM3436-40L STEALTH_MICROWAVE-SM3436-40L Datasheet
135Kb / 2P
   3400-3600 MHz 10 Watt Ultra Linear Power Amplifier
SM3436-47L STEALTH_MICROWAVE-SM3436-47L Datasheet
166Kb / 3P
   3400-3600 MHz 50 Watt Ultra Linear Power Amplifier
SM3436-34HS STEALTH_MICROWAVE-SM3436-34HS Datasheet
92Kb / 2P
   3400 - 3600 MHz 2.5 Watt Linear Power Amplifier
SM3436-37HS STEALTH_MICROWAVE-SM3436-37HS Datasheet
114Kb / 4P
   3400-3600 MHz 5 Watt Linear Power Amplifier
SM3436-47 STEALTH_MICROWAVE-SM3436-47 Datasheet
214Kb / 2P
   3400-3600 MHz 50 Watt Linear Power Amplifier
SM3134-47L STEALTH_MICROWAVE-SM3134-47L Datasheet
170Kb / 3P
   3100-3400 MHz 50 Watt Ultra Linear Power Amplifier
SM3437-43L STEALTH_MICROWAVE-SM3437-43L Datasheet
149Kb / 2P
   3400-3700 MHz 20 Watt Linear Power Amplifier
SM3134-37HS STEALTH_MICROWAVE-SM3134-37HS Datasheet
94Kb / 3P
   3100-3400 MHz 5 Watt Linear Power Amplifier
SM3437-43 STEALTH_MICROWAVE-SM3437-43 Datasheet
109Kb / 2P
   3400-3700 MHz 20 Watt Linear Power Amplifier
SM3134-37S STEALTH_MICROWAVE-SM3134-37S Datasheet
94Kb / 3P
   3100-3400 MHz 5 Watt Linear Power Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com