Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75115 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN75115
Description  DUAL DIFFERENTIAL RECEIVERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75115 Datasheet(HTML) 4 Page - Texas Instruments

  SN75115 Datasheet HTML 1Page - Texas Instruments SN75115 Datasheet HTML 2Page - Texas Instruments SN75115 Datasheet HTML 3Page - Texas Instruments SN75115 Datasheet HTML 4Page - Texas Instruments SN75115 Datasheet HTML 5Page - Texas Instruments SN75115 Datasheet HTML 6Page - Texas Instruments SN75115 Datasheet HTML 7Page - Texas Instruments SN75115 Datasheet HTML 8Page - Texas Instruments SN75115 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
SN55115, SN75115
DUAL DIFFERENTIAL RECEIVERS
SLLS072D – SEPTEMBER 1973 – REVISED MAY 1998
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 125°C
POWER RATING
FK†
1375 mW
11.0 mW/
°C
880 mW
275 mW
J†
1375 mW
11.0 mW/
°C
880 mW
275 mW
N
1150 mW
9.2 mW/
°C
736 mW
W†
1000 mW
8.0 mW/
°C
640 mW
200 mW
† In the FK, J, and W packages, SN55115 chips are either silver glass or alloy mounted. SN75115 chips are
glass mounted.
recommended operating conditions
SN55115
SN75115
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
Supply voltage, VCC
4.5
5
5.5
4.75
5
5.25
V
High-level input voltage at STRB, VIH
2.4
2.4
V
Low-level input voltage at STRB, VIL
0.4
0.4
V
High-level output current, IOH
–5
–5
mA
Low-level output current, IOL
15
15
mA
Operating free-air temperature, TA
–55
125
0
70
°C


Similar Part No. - SN75115

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75115 TI1-SN75115 Datasheet
893Kb / 23P
[Old version datasheet]   DUAL DIFFERENTIAL RECEIVERS
SN75115 TI1-SN75115 Datasheet
1Mb / 25P
[Old version datasheet]   DUAL DIFFERENTIAL RECEIVERS
REVISED MAY 1998
SN75115D TI1-SN75115D Datasheet
940Kb / 23P
[Old version datasheet]   DUAL DIFFERENTIAL RECEIVERS
SN75115D TI1-SN75115D Datasheet
893Kb / 23P
[Old version datasheet]   DUAL DIFFERENTIAL RECEIVERS
SN75115D TI1-SN75115D Datasheet
1Mb / 25P
[Old version datasheet]   DUAL DIFFERENTIAL RECEIVERS
REVISED MAY 1998
More results

Similar Description - SN75115

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55115 TI1-SN55115_15 Datasheet
893Kb / 23P
[Old version datasheet]   DUAL DIFFERENTIAL RECEIVERS
SN75115NSR TI1-SN75115NSR Datasheet
940Kb / 23P
[Old version datasheet]   DUAL DIFFERENTIAL RECEIVERS
SN55115 TI1-SN55115_V01 Datasheet
1Mb / 25P
[Old version datasheet]   DUAL DIFFERENTIAL RECEIVERS
REVISED MAY 1998
SN75182DR TI-SN75182DR Datasheet
920Kb / 24P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
SN55182 TI-SN55182 Datasheet
190Kb / 13P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
SN75182DR TI1-SN75182DR Datasheet
935Kb / 24P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
SN65C1167 TI-SN65C1167 Datasheet
288Kb / 14P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_07 Datasheet
485Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_08 Datasheet
514Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_06 Datasheet
353Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com