Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5820 Datasheet(PDF) 5 Page - Motorola, Inc

Part # 1N5820
Description  SCHOTTKY BARRIER RECTIFIERS 3.0 AMPERES 20, 30, 40 VOLTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

1N5820 Datasheet(HTML) 5 Page - Motorola, Inc

  1N5820 Datasheet HTML 1Page - Motorola, Inc 1N5820 Datasheet HTML 2Page - Motorola, Inc 1N5820 Datasheet HTML 3Page - Motorola, Inc 1N5820 Datasheet HTML 4Page - Motorola, Inc 1N5820 Datasheet HTML 5Page - Motorola, Inc 1N5820 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
1N5820 1N5821 1N5822
5
Rectifier Device Data
75
°C
25
°C
100
°C
TJ = 125°C
NOTE 4 — HIGH FREQUENCY OPERATION
Since current flow in a Schottky rectifier is the result of majority
carrier conduction, it is not subject to junction diode forward and
reverse recovery transients due to minority carrier injection and
stored charge. Satisfactory circuit analysis work may be performed
by using a model consisting of an ideal diode in parallel with a
variable capacitance. (See Figure 11.)
Figure 7. Typical Forward Voltage
Figure 8. Maximum Non–Repetitive Surge
Current
Figure 9. Typical Reverse Current
1.2
vF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
50
5.0
NUMBER OF CYCLES
5.0
100
1.0
10
VR, REVERSE VOLTAGE (VOLTS)
8.0
0
50
0.2
0.01
16
0.5
0.4
0
0.2
0.6
0.8
7.0 10
2.0
3.0
100
24
32
40
0.05
1.4
100
20
0.1
70
50
30
20
TJ = 100°C
25
°C
1.0
0.3
0.2
0.1
0.07
0.7
1.0
2.0
3.0
7.0
10
20
30
VR, REVERSE VOLTAGE (VOLTS)
1.0
0.5
200
70
2.0
3.0
5.0
10
500
300
100
0.7
7.0
20
30
1N5820
1N5821
1N5822
TJ = 25°C
f = 1.0 MHz
20
30
50
70
TL = 75°C
f = 60 Hz
SURGE APPLIED AT RATED LOAD CONDITIONS
Figure 10. Typical Capacitance
0.02
0.05
10
1.0
0.5
5.0
2.0
4.0
12
20
28
36
1N5820
1N5821
1N5822
1 CYCLE
1.1
0.3
0.1
0.5
0.7
1.3
0.9


Similar Part No. - 1N5820

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N5820 PANJIT-1N5820 Datasheet
55Kb / 2P
   3 AMPERE SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 40 Volts CURRENT - 3.0 Amperes)
logo
New Jersey Semi-Conduct...
1N5820 NJSEMI-1N5820 Datasheet
128Kb / 1P
   SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
1N5820 TSC-1N5820 Datasheet
63Kb / 2P
   3.0 AMPS. Schottky Barrier Rectifiers
logo
PACELEADER INDUSTRIAL
1N5820 PACELEADER-1N5820 Datasheet
467Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
1N5820 CHENYI-1N5820 Datasheet
169Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - 1N5820

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR330 MOTOROLA-MBR330 Datasheet
121Kb / 6P
   SCHOTTKY BARRIER RECTIFIERS 3.0 AMPERES 20, 30, 40, 50, 60 VOLTS
logo
ON Semiconductor
MBR340 ONSEMI-MBR340 Datasheet
58Kb / 4P
   SCHOTTKY BARRIER RECTIFIER 3.0 AMPERES 40 VOLTS
January, 2002 ??Rev. 3
logo
GOOD-ARK Electronics
1N5820 GOOD-ARK-1N5820_15 Datasheet
183Kb / 2P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 40 Volts Forward Current 3.0 Amperes
logo
ON Semiconductor
MBRS360BT3G ONSEMI-MBRS360BT3G Datasheet
141Kb / 7P
   SCHOTTKY BARRIER RECTIFIERS 3.0 AMPERES, 60 VOLTS
February, 2012 ??Rev. 8
logo
Mospec Semiconductor
SRF20120C MOSPEC-SRF20120C Datasheet
171Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS 20 AMPERES 120 VOLTS
logo
Motorola, Inc
1N5817 MOTOROLA-1N5817 Datasheet
96Kb / 6P
   SCHOTTKY BARRIER RECTIFIERS 1 AMPERE 20, 30 and 40 VOLTS
logo
Kersemi Electronic Co.,...
MBRF30L45CTG KERSEMI-MBRF30L45CTG Datasheet
489Kb / 6P
   DUAL SCHOTTKY BARRIER RECTIFIERS 30 AMPERES, 45 VOLTS
logo
DIYI Electronic Technol...
MBR4040CGD DYELEC-MBR4040CGD Datasheet
1Mb / 3P
   40 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
SHIKUES Electronics
MBRF40150AT SKTECHNOLGY-MBRF40150AT Datasheet
552Kb / 3P
   40 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
DIYI Electronic Technol...
MBRF4040CTD DYELEC-MBRF4040CTD Datasheet
879Kb / 3P
   40 AMPERES SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com