Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74S140NSR Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74S140NSR
Description  DUAL 4-INPUT POSITIVE-NAND 50-OHM LINE DRIVERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74S140NSR Datasheet(HTML) 5 Page - Texas Instruments

  SN74S140NSR Datasheet HTML 1Page - Texas Instruments SN74S140NSR Datasheet HTML 2Page - Texas Instruments SN74S140NSR Datasheet HTML 3Page - Texas Instruments SN74S140NSR Datasheet HTML 4Page - Texas Instruments SN74S140NSR Datasheet HTML 5Page - Texas Instruments SN74S140NSR Datasheet HTML 6Page - Texas Instruments SN74S140NSR Datasheet HTML 7Page - Texas Instruments SN74S140NSR Datasheet HTML 8Page - Texas Instruments SN74S140NSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2)
Eco
Plan
-
The
planned
eco-friendly
classification:
Pb-Free
(RoHS)
or
Green
(RoHS
&
no
Sb/Br)
-
please
check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
26-Sep-2005
Addendum-Page 2


Similar Part No. - SN74S140NSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74S140NSR TI1-SN74S140NSR Datasheet
835Kb / 16P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND 50-OHM LINE DRIVERS
More results

Similar Description - SN74S140NSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54S140 TI1-SN54S140_14 Datasheet
835Kb / 16P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND 50-OHM LINE DRIVERS
logo
Fairchild Semiconductor
DM74S140 FAIRCHILD-DM74S140 Datasheet
35Kb / 3P
   Dual 4-Input NAND 50??Line Driver
logo
NXP Semiconductors
74F3040 PHILIPS-74F3040 Datasheet
71Kb / 8P
   Dual 4-input NAND 30 ohm line driver
1990 Jan 29
logo
Texas Instruments
SN54LV20A TI-SN54LV20A_08 Datasheet
505Kb / 15P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND GATE
logo
Renesas Technology Corp
HD74LS40 RENESAS-HD74LS40 Datasheet
146Kb / 5P
   Dual 4-input Positive NAND Buffers
logo
IK Semicon Co., Ltd
IN7440 IKSEMICON-IN7440 Datasheet
199Kb / 4P
   Dual 4-Input Positive-NAND Buffers
logo
Texas Instruments
74ACT11020 TI1-74ACT11020 Datasheet
79Kb / 5P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND GATES
SN5420 TI1-SN5420_15 Datasheet
951Kb / 20P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND GATES
SN54HC20 TI1-SN54HC20_15 Datasheet
1Mb / 20P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND GATES
SN5440 TI1-SN5440_14 Datasheet
437Kb / 12P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND BUFFERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com