Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75138D Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN75138D
Description  QUADRUPLE BUS TRANSCEIVERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75138D Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN75138D Datasheet HTML 2Page - Texas Instruments SN75138D Datasheet HTML 3Page - Texas Instruments SN75138D Datasheet HTML 4Page - Texas Instruments SN75138D Datasheet HTML 5Page - Texas Instruments SN75138D Datasheet HTML 6Page - Texas Instruments SN75138D Datasheet HTML 7Page - Texas Instruments SN75138D Datasheet HTML 8Page - Texas Instruments SN75138D Datasheet HTML 9Page - Texas Instruments SN75138D Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
SN55138, SN75138
QUADRUPLE BUS TRANSCEIVERS
SLLS079B – SEPTEMBER 1973 – REVISED MAY 1995
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
See Note C
RL
VCC
Test
Point
CL
(see Note B)
VOLTAGE WAVEFORMS
Input
Receiver
0 V
1.5 V
1.5 V
4 V
2.5 V
2.5 V
tPLH
tPHL
VOH
VOL
Output
Receiver
From Output
Under Test
TEST CIRCUIT
NOTES: A. Input pulses are supplied by generators having the following characteristics: tw = 100 ns, PRR ≤ 1 MHz, tr ≤ 10 ns, tf ≤ 10 ns,
ZO ≈ 50 Ω.
B. CL includes probe and jig capacitance.
C. All diodes are 1N916 or 1N3064.
D. When testing driver input (solid line) strobe must be low; when testing strobe input (dashed line) driver input must be high.
Figure 2. Propagation Delay Times From Receiver Input


Similar Part No. - SN75138D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75138D TI1-SN75138D Datasheet
952Kb / 24P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS
SN75138DG4 TI1-SN75138DG4 Datasheet
952Kb / 24P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS
SN75138DR TI1-SN75138DR Datasheet
952Kb / 24P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS
More results

Similar Description - SN75138D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LS242 TI-SN54LS242 Datasheet
135Kb / 4P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS
SN55138 TI1-SN55138_14 Datasheet
952Kb / 24P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS
SN54LS243 TI1-SN54LS243 Datasheet
900Kb / 14P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS
AM26S10C TI-AM26S10C Datasheet
124Kb / 7P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS
REVISED MARCH 1997
AM26S10C TI-AM26S10C_08 Datasheet
540Kb / 13P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS
SN54LS440 TI-SN54LS440 Datasheet
288Kb / 7P
[Old version datasheet]   QUADRUPLE TRIDIRECTIONAL BUS TRANSCEIVERS
logo
Renesas Technology Corp
HD74LS242 RENESAS-HD74LS242 Datasheet
190Kb / 7P
   Quadruple Bus Transceivers (with three-state outputs)
HD74LS243 RENESAS-HD74LS243 Datasheet
184Kb / 7P
   Quadruple Bus Transceivers (with three-state outputs)
logo
Texas Instruments
SN54LS446 TI-SN54LS446 Datasheet
230Kb / 7P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS WITH INDIVIDUAL DIRECTION CONTROLS
SN54F243 TI-SN54F243 Datasheet
74Kb / 5P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com