Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZY6.2 Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # ZY6.2
Description  SILICON ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

ZY6.2 Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  ZY6.2 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. ZY6.2 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. ZY6.2 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Dated : 21/04/2008
F
E
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
ZY Series
Characteristics at Ta = 25 OC
Zener Voltage Range
1)
Zener Impedance
Reverse Voltage
Temp. Coeff.
of Zener Voltage
2)
VZ
at lZT
ZZT
at IZT
VR
at IR
Admissible
Zener Current
at Ta = 25 OC
αVZ at IZT
Type
Min. (V) Max. (V)
mA
Max. (Ω)
mA
Min. (V)
µA
IZM (mA)
10
-4/K
ZY3.6
3.4
3.8
100
7
100
-
-
440
-7…+2
ZY3.9
3.7
4.1
100
7
100
-
-
410
-7…+2
ZY4.3
4
4.6
100
7
100
-
-
360
-7…+3
ZY4.7
4.4
5
100
7
100
-
-
330
-7…+4
ZY5.1
4.8
5.4
100
5
100
-
-
300
-6…+5
ZY5.6
5.2
6
100
2
100
1.5
1
275
-3…+5
ZY6.2
5.8
6.6
100
2
100
1.5
1
245
-1…+6
ZY6.8
6.4
7.2
100
2
100
2
1
220
0…+7
ZY7.5
7
7.9
100
2
100
2
1
200
0…+7
ZY8.2
7.7
8.7
100
2
100
3.5
1
180
+3…+8
ZY9.1
8.5
9.6
50
4
50
7.4
1
165
+3…+8
ZY10
9.4
10.6
50
4
50
8.2
1
145
+5…+9
ZY11
10.4
11.6
50
7
50
9.2
1
135
+5…+10
ZY12
11.4
12.7
50
7
50
10
1
120
+5…+10
ZY13
12.4
14.1
50
10
50
10.7
1
110
+5…+10
ZY15
13.8
15.6
50
10
50
12
1
98
+5…+10
ZY16
15.3
17.1
25
15
25
13.3
1
90
+6…+11
ZY18
16.8
19.1
25
15
25
14.7
1
80
+6…+11
ZY20
18.8
21.2
25
15
25
16.5
1
72
+6…+11
ZY22
20.8
23.3
25
15
25
18.3
1
66
+6…+11
ZY24
22.8
25.6
25
15
25
20.1
1
60
+6…+11
ZY27
25.1
28.9
25
15
25
22.5
1
53
+6…+11
ZY30
28
32
25
15
25
25.1
1
48
+6…+11
ZY33
31
35
25
15
25
27.8
1
44
+6…+11
ZY36
34
38
10
40
10
30.2
1
40
+6…+11
ZY39
37
41
10
40
10
32.9
1
37
+6…+11
ZY43
40
46
10
45
10
35.6
1
33
+7…+12
ZY47
44
50
10
45
10
39.2
1
30
+7…+12
ZY51
48
54
10
60
10
42.8
1
27
+7…+12
ZY56
52
60
10
60
10
47.3
1
25
+7…+12
ZY62
58
66
10
80
10
51.7
1
21
+8…+13
ZY68
64
72
10
80
10
57.1
1
20
+8…+13
ZY75
70
79
10
100
10
63.2
1
18
+8…+13
ZY82
77
88
10
100
10
68.6
1
16
+8…+13
ZY91
85
96
5
200
5
75.7
1
15
+9…+13
ZY100
94
106
5
200
5
83.7
1
13
+9…+13
ZY110
104
116
5
250
5
92.6
1
12
+9…+13
ZY120
114
127
5
250
5
101.6
1
11
+9…+13
ZY130
124
141
5
300
5
110.5
1
10
+9…+13
ZY150
138
156
5
300
5
123
1
9
+9…+13
ZY160
153
171
5
350
5
136
1
8.5
+9…+13
ZY180
168
191
5
350
5
149
1
8
+9…+13
ZY200
188
212
5
350
5
167
1
7.5
+9…+13
1) Tested with pulses tp = 5 ms.
2) Valid provided that leads are kept at ambient temperature at a distance of 10 mm from case.


Similar Part No. - ZY6.2

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
ZY6.2 DIOTEC-ZY6.2 Datasheet
111Kb / 2P
   Silicon-Power-Z-Diodes (non-planar technology)
logo
EIC discrete Semiconduc...
ZY6.2 EIC-ZY6.2 Datasheet
43Kb / 2P
   SILICON ZENER DIODES
logo
Vishay Siliconix
ZY6.2 VISHAY-ZY6.2 Datasheet
320Kb / 7P
   Zener Diodes
02-May-02
logo
Diotec Semiconductor
ZY6.2 DIOTEC-ZY6.2 Datasheet
90Kb / 2P
   Silicon-Power-Zener Diodes
ZY6.2 DIOTEC-ZY6.2 Datasheet
152Kb / 3P
   Silicon-Power-Zener Diodes (non-planar technology)
More results

Similar Description - ZY6.2

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BZX55C2V4 EIC-BZX55C2V4 Datasheet
28Kb / 2P
   SILICON ZENER DIODES
logo
Central Semiconductor C...
CMPZDC2V4 CENTRAL-CMPZDC2V4_15 Datasheet
395Kb / 2P
   SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
2EZ100D10 EIC-2EZ100D10_07 Datasheet
96Kb / 3P
   SILICON ZENER DIODES
logo
Pan Jit International I...
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8 Datasheet
305Kb / 4P
   SILICON ZENER DIODES
logo
Semikron International
Z3SMC1 SEMIKRON-Z3SMC1_07 Datasheet
57Kb / 3P
   Zener silicon diodes
SZ3C1 SEMIKRON-SZ3C1_07 Datasheet
54Kb / 3P
   Zener silicon diodes
logo
EIC discrete Semiconduc...
2EZ2.7D10 EIC-2EZ2.7D10 Datasheet
53Kb / 3P
   SILICON ZENER DIODES
3EZ3.9D10 EIC-3EZ3.9D10 Datasheet
41Kb / 3P
   SILICON ZENER DIODES
Z043B EIC-Z043B Datasheet
111Kb / 2P
   SILICON ZENER DIODES
logo
Semikron International
3EZ1 SEMIKRON-3EZ1 Datasheet
42Kb / 1P
   Zener silicon diodes
logo
Continental Device Indi...
CLL957A CDIL-CLL957A Datasheet
287Kb / 3P
   SILICON ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com