Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA159 Datasheet(PDF) 4 Page - SEMTECH ELECTRONICS LTD.

Part # BA159
Description  FAST SILICON RECTIFIERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

BA159 Datasheet(HTML) 4 Page - SEMTECH ELECTRONICS LTD.

  BA159 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. BA159 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. BA159 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. BA159 Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Dated : 20/06/2003
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
Fig.4- TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE
VOLTAGE,%
0.01
0.1
1
10
100
020
40
60
80
100
Fig.5- TYPICAL JUNCTION CAPACITANCE
100
10
0.1
REVERSE VOLTAGE, VOLTS
0
10
100
1
Fig.6- TYPICAL TRANSIENT THERMAL IMPEDANCE
100
10
1
0.1
0.01
0.1
1
10
100
t, PULSE DURATION,sec.
TJ=100 C
o
TJ=25 C
o
Tj=25 C
f=1.0MHz
Vsig=50mVp-p
o
BA157 THRU BA159
FAST SILICON RECTIFIERS


Similar Part No. - BA159

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BA159 VISHAY-BA159 Datasheet
67Kb / 4P
   Fast Switching Plastic Rectifier
Revision: 26-Oct-09
logo
Pan Jit International I...
BA159 PANJIT-BA159 Datasheet
54Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 400 to 1000 Volts CURRENT - 1.0 Ampere)
logo
HY ELECTRONIC CORP.
BA159 HY-BA159 Datasheet
825Kb / 3P
   Fast Recovery Recitifiers
logo
Nanjing International G...
BA159 DGNJDZ-BA159 Datasheet
178Kb / 2P
   1.0 AMP FAST RECOVERY RECTIFIERS
logo
Vishay Siliconix
BA159 VISHAY-BA159 Datasheet
71Kb / 4P
   Fast Switching Plastic Rectifier
30-Aug-06
More results

Similar Description - BA159

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
R30A SEMTECH-R30A Datasheet
148Kb / 3P
   FAST SILICON RECTIFIERS
logo
Shenzhen Taychipst Elec...
MR820 TAYCHIPST-MR820 Datasheet
3Mb / 2P
   Fast Silicon Rectifiers
logo
Diotec Semiconductor
MR820 DIOTEC-MR820 Datasheet
199Kb / 2P
   Fast Silicon Rectifiers
BY296 DIOTEC-BY296 Datasheet
198Kb / 2P
   Fast Silicon Rectifiers
BY50050 DIOTEC-BY50050 Datasheet
199Kb / 2P
   Fast Silicon Rectifiers
logo
Semtech Corporation
BY296 SEMTECH-BY296 Datasheet
76Kb / 2P
   FAST SILICON RECTIFIERS?
logo
Diotec Semiconductor
BY396 DIOTEC-BY396 Datasheet
199Kb / 2P
   Fast Silicon Rectifiers
FT2000A DIOTEC-FT2000A Datasheet
64Kb / 2P
   Fast Silicon Rectifiers
F1200A DIOTEC-F1200A Datasheet
84Kb / 2P
   Fast Silicon Rectifiers
1N4933 DIOTEC-1N4933 Datasheet
160Kb / 2P
   Fast Silicon Rectifiers
logo
Semtech Corporation
BY396 SEMTECH-BY396 Datasheet
72Kb / 2P
   FAST SILICON RECTIFIERS???
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com