Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75117P Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN75117P
Description  DIFFERENTIAL LINE TRANSCEIVERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75117P Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN75117P Datasheet HTML 3Page - Texas Instruments SN75117P Datasheet HTML 4Page - Texas Instruments SN75117P Datasheet HTML 5Page - Texas Instruments SN75117P Datasheet HTML 6Page - Texas Instruments SN75117P Datasheet HTML 7Page - Texas Instruments SN75117P Datasheet HTML 8Page - Texas Instruments SN75117P Datasheet HTML 9Page - Texas Instruments SN75117P Datasheet HTML 10Page - Texas Instruments SN75117P Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
SN55116, SN75116, SN75117, SN75118, SN75119
DIFFERENTIAL LINE TRANSCEIVERS
SLLS073D – MAY 1976 – REVISED MAY 1998
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics, VCC = 5 V, CL = 30 pF, TA = 25°C
driver section
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation-delay time, low-to-high level output
See Figure 13
14
30
ns
tPHL
Propagation-delay time, high-to-low level output
See Figure 13
12
30
ns
tPZH
Output-enable time to high level
RL = 180 Ω, See Figure 14
8
20
ns
tPZL
Output-enable time to low level
RL = 250 Ω, See Figure 15
17
40
ns
tPHZ
Output-disable time from high level
RL = 180 Ω, See Figure 14
16
30
ns
tPLZ
Output-disable time from low level
RL = 250 Ω, See Figure 15
20
35
ns


Similar Part No. - SN75117P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75117P TI1-SN75117P Datasheet
1Mb / 29P
[Old version datasheet]   DIFFERENTIAL LINE TRANSCEIVERS
More results

Similar Description - SN75117P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ55118 TI-SNJ55118 Datasheet
484Kb / 12P
[Old version datasheet]   Differential line transceivers
SN55116 TI1-SN55116_14 Datasheet
1Mb / 29P
[Old version datasheet]   DIFFERENTIAL LINE TRANSCEIVERS
SN55116 TI1-SN55116_13 Datasheet
311Kb / 15P
[Old version datasheet]   DIFFERENTIAL LINE TRANSCEIVERS
SN65LVDM1677 TI-SN65LVDM1677 Datasheet
341Kb / 20P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE TRANSCEIVERS
SN65LVDM1677 TI-SN65LVDM1677_07 Datasheet
421Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVERS
SN65LVDM1676 TI-SN65LVDM1676_08 Datasheet
450Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVERS
SN65ALS176 TI-SN65ALS176 Datasheet
212Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
logo
National Semiconductor ...
LMS75LBC176 NSC-LMS75LBC176 Datasheet
161Kb / 10P
   Differential Bus Transceivers
logo
Texas Instruments
SN65LBC176A TI-SN65LBC176A Datasheet
342Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65LBC170 TI-SN65LBC170_08 Datasheet
474Kb / 19P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com