Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75ALS195J Datasheet(PDF) 7 Page - Texas Instruments

Part # SN75ALS195J
Description  QUADRUPLE DIFFERENTIAL LINE RECEIVERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS195J Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN75ALS195J Datasheet HTML 3Page - Texas Instruments SN75ALS195J Datasheet HTML 4Page - Texas Instruments SN75ALS195J Datasheet HTML 5Page - Texas Instruments SN75ALS195J Datasheet HTML 6Page - Texas Instruments SN75ALS195J Datasheet HTML 7Page - Texas Instruments SN75ALS195J Datasheet HTML 8Page - Texas Instruments SN75ALS195J Datasheet HTML 9Page - Texas Instruments SN75ALS195J Datasheet HTML 10Page - Texas Instruments SN75ALS195J Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
SN55ALS195, SN75ALS195
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SLLS010D – JUNE 1986 – REVISED MAY 1995
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 4
OUTPUT VOLTAGE
vs
ENABLE VOLTAGE
Enable Voltage – V
3
2
0
0.5
1
1.5
4
5
2
2.5
3
1
0
VID = 200 mV
VIC = 0
RL = 8 kΩ to GND
TA = 25°C
VCC = 5.5 V
VCC = 5 V
VCC = 4.5 V
Figure 5
TA = 125°C
TA = 70°C
TA = 25°C
TA = 0°C
OUTPUT VOLTAGE
vs
ENABLE VOLTAGE
Enable Voltage – V
2
0
0
0.5
1
1.5
2
3
4
2.5
3
1
TA = – 55°C
VCC = 5 V
VID = 200 mV
VIC = 0
RL = 8 kΩ to GND
OUTPUT VOLTAGE
vs
ENABLE VOLTAGE
Enable Voltage – V
3
2
1
0
0
0.5
1
4
5
6
1.5
2
2.5
3
VCC = 5.5 V
VCC = 5 V
VCC = 4.5 V
VID = – 200 mV
VIC = 0
RL = 1 kΩ to VCC
TA = 25°C
Figure 6
Figure 7
OUTPUT VOLTAGE
vs
ENABLE VOLTAGE
Enable Voltage – V
3
2
1
0
0
0.5
1
4
5
6
1.5
2
2.5
3
VCC = 5 V
VID = – 200 mV
VIC = 0
RL = 1 kΩ to VCC
TA = – 55°C
TA = 125°C
TA = 0°C
TA = 25°C
TA = 70°C
† Data for temperatures below 0
°C and above 70°C, and below 4.75 V and above 5.25 V, are applicable to SN55ALS195 circuits only.


Similar Part No. - SN75ALS195J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS195J TI1-SN75ALS195J Datasheet
415Kb / 18P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
More results

Similar Description - SN75ALS195J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26C32C TI-AM26C32C Datasheet
106Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_10 Datasheet
1,008Kb / 24P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_07 Datasheet
903Kb / 23P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_06 Datasheet
541Kb / 18P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55173 TI-SN55173 Datasheet
155Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI1-AM26LS32AC_16 Datasheet
1Mb / 27P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55173 TI1-SN55173_15 Datasheet
791Kb / 20P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN65175 TI-SN65175_06 Datasheet
431Kb / 16P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN65175 TI-SN65175 Datasheet
152Kb / 10P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55ALS195 TI1-SN55ALS195_14 Datasheet
415Kb / 18P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com