Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX1.5C12 Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # BZX1.5C12
Description  SILICON PLANAR ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

BZX1.5C12 Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  BZX1.5C12 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. BZX1.5C12 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dated : 12/06/2007
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
BZX1.5C
Characteristics at Tj = 25 OC
Zener Voltage Range
1)
Maximum Dynamic Resistance
Maximum Reverse
Leakage Current
Type
VZnom
(V)
VZT (V)
IZT (mA)
(Ω) at IZT
(Ω) at IZK
IZK (mA)
IR (µA)
VR (V)
Maximum
DC Zener
Current
2)
IZM (mA)
BZX1.5C3V3
3.3
3.1…3.5
113.6
10
500
1
100
1
454
BZX1.5C3V6
3.6
3.4…3.8
104.2
9
500
1
75
1
416
BZX1.5C3V9
3.9
3.7…4.1
96.1
7.5
500
1
25
1
384
BZX1.5C4V3
4.3
4…4.6
87.2
6
500
1
5
1
348
BZX1.5C4V7
4.7
4.4…5
79.8
5
500
1
5
1.5
319
BZX1.5C5V1
5.1
4.8…5.4
73.5
4
350
1
5
2
294
BZX1.5C5V6
5.6
5.2…6
66.9
2
250
1
5
3
267
BZX1.5C6V2
6.2
5.8…6.6
60.5
2
200
1
5
4
241
BZX1.5C6V8
6.8
6.4…7.2
55.1
2.5
200
1
5
5.2
220
BZX1.5C7V5
7.5
7…7.9
50
3
400
0.5
5
6.8
200
BZX1.5C8V2
8.2
7.7…8.7
45.7
3.5
400
0.5
5
6.5
182
BZX1.5C9V1
9.1
8.5…9.6
41.2
4
500
0.5
5
7
164
BZX1.5C10
10
9.4…10.6
37.5
4.5
500
0.25
5
8
150
BZX1.5C11
11
10.4…11.6
34.1
5.5
550
0.25
1
8.4
136
BZX1.5C12
12
11.4…12.7
31.2
6.5
550
0.25
1
9.1
125
BZX1.5C13
13
12.4…14.1
28.8
7
550
0.25
1
9.9
115
BZX1.5C15
15
13.8…15.6
25
9
550
0.25
1
11.4
100
BZX1.5C16
16
15.3…17.1
23.4
10
600
0.25
1
12.2
93
BZX1.5C18
18
16.8…19.1
20.8
12
600
0.25
1
13.7
83
BZX1.5C20
20
18.8…21.2
18.7
14
650
0.25
1
15.2
75
BZX1.5C22
22
20.8…23.3
17
17.5
650
0.25
1
16.7
68
BZX1.5C24
24
22.8…25.6
15.6
19
700
0.25
1
18.2
62
BZX1.5C27
27
25.1…28.9
13.9
23
700
0.25
1
20.6
55
BZX1.5C30
30
28…32
12.5
26
750
0.25
1
22.8
50
BZX1.5C33
33
31…35
11.4
33
800
0.25
1
25.1
45
BZX1.5C36
36
34…38
10.4
38
850
0.25
1
27.4
41
BZX1.5C39
39
37…41
9.6
45
900
0.25
1
29.7
38
BZX1.5C43
43
40…46
8.7
53
950
0.25
1
32.7
34
BZX1.5C47
47
44…50
8
67
1000
0.25
1
35.8
31
BZX1.5C51
51
48…54
7.3
70
1100
0.25
1
38.8
29
BZX1.5C56
56
52…60
6.7
86
1300
0.25
1
42.6
26
BZX1.5C62
62
58…66
6
100
1500
0.25
1
44.1
24
BZX1.5C68
68
64…72
5.5
120
1700
0.25
1
51.7
22
BZX1.5C75
75
70…79
5
140
2000
0.25
1
56
20
BZX1.5C82
82
77…87
4.6
160
2500
0.25
1
62.2
18
BZX1.5C91
91
85…96
4.1
200
3000
0.25
1
69.2
16
BZX1.5C100
100
94…106
3.7
250
3100
0.25
1
76
15
BZX1.5C110
110
104…116
3.4
300
4000
0.25
1
83.6
13
BZX1.5C120
120
114…127
2.1
380
4500
0.25
1
91.2
12
BZX1.5C130
130
124…141
2.9
450
5000
0.25
1
98.8
11
BZX1.5C150
150
138…156
2.5
600
6000
0.25
1
114
10
BZX1.5C160
160
153…171
2.3
700
6500
0.25
1
121.6
9
BZX1.5C180
180
168…191
2.1
900
7000
0.25
1
136.8
8
BZX1.5C200
200
188…212
1.9
1200
8000
0.25
1
152
7
1) Tested with pulse tp = 20 ms.
2) Valid provided that leads at a distance of 8mm from case are kept at ambient temperature.


Similar Part No. - BZX1.5C12

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
BZX1.5C DGNJDZ-BZX1.5C Datasheet
72Kb / 2P
   Silicon Planar Power Zener Diodes
More results

Similar Description - BZX1.5C12

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com