Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMP103-Q5 Datasheet(PDF) 4 Page - Excelics Semiconductor, Inc.

Part # EMP103-Q5
Description  6.4 - 8.0 GHz Surface-Mounted PA
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

EMP103-Q5 Datasheet(HTML) 4 Page - Excelics Semiconductor, Inc.

  EMP103-Q5 Datasheet HTML 1Page - Excelics Semiconductor, Inc. EMP103-Q5 Datasheet HTML 2Page - Excelics Semiconductor, Inc. EMP103-Q5 Datasheet HTML 3Page - Excelics Semiconductor, Inc. EMP103-Q5 Datasheet HTML 4Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
EMP103-Q5
UPDATED: 04/24/2008
6.4 – 8.0 GHz Surface-Mounted PA
Specifications are subject to change without notice.
Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085
Page 4 of 4
Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
May 2008
Recommended Circuit Schematic:
Vg
22uF
0.1uF
NC
NC
NC
RFin
Vg NC
NC
NC
NC
NC
-Q5
EMP103
Vd1
0.1uF
22uF
Vg
Vd2
NC
NC NC
NC
RFout
NC
NC
NC
0.1uF
22uF
Vd
Notes:
1)
External bypass capacitors should be placed as close to the package as possible.
2)
Dual biasing sequence required:
a.
Turn-on Sequence: Apply Vg = -2.5V, followed by Vd = 10V, lastly increase Vg until required Idq
b.
Turn-off Sequence: Turn off Vd, followed by Vg
3)
Demonstration board available upon request.


Similar Part No. - EMP103-Q5

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EMP103-P2 EXCELICS-EMP103-P2 Datasheet
94Kb / 2P
   6.4 - 8.0 GHz Power Amplifier MMIC
More results

Similar Description - EMP103-Q5

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EMP106-Q5 EXCELICS-EMP106-Q5 Datasheet
125Kb / 3P
   5.0 - 6.4 GHz Surface-Mounted PA
EMP109-Q5 EXCELICS-EMP109-Q5 Datasheet
125Kb / 3P
   5.0 - 6.4 GHz Surface-Mounted PA
EMP107-Q5 EXCELICS-EMP107-Q5 Datasheet
144Kb / 4P
   5.8 - 8.0 GHz Surface-Mounted PA
EMP110-Q5 EXCELICS-EMP110-Q5 Datasheet
129Kb / 3P
   5.8 - 8.0 GHz Surface-Mounted PA
RFMA5880-0.5W-Q7 EXCELICS-RFMA5880-0.5W-Q7 Datasheet
130Kb / 3P
   5.8 - 8.0 GHz High Gain Surface-Mounted PA
EMP103-P2 EXCELICS-EMP103-P2 Datasheet
94Kb / 2P
   6.4 - 8.0 GHz Power Amplifier MMIC
EMP103 EXCELICS-EMP103 Datasheet
252Kb / 2P
   6.4 - 8.0 GHz Power Amplifier MMIC
EMP114-Q5 EXCELICS-EMP114-Q5 Datasheet
125Kb / 3P
   7.0 - 9.0 GHz Surface-Mounted PA
EMP208-Q5 EXCELICS-EMP208-Q5 Datasheet
124Kb / 3P
   17.5 - 20.0 GHz Surface-Mounted PA
EMP210-Q5 EXCELICS-EMP210-Q5 Datasheet
143Kb / 4P
   9.5 - 12.0 GHz Surface-Mounted PA
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com