Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC550 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # BC550
Description  NPN Silicon Epitaxial Planar Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

BC550 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  BC550 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. BC550 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 27/12/2007
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
BC546…BC550
NPN Silicon Epitaxial Planar Transistor
for switching and AF amplifier application
These transistors are subdivided into three groups A,
B and C according to their current gain.
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Collector Base Voltage
BC546
BC547, BC550
BC548, BC549
VCBO
80
50
30
V
Collector Emitter Voltage
BC546
BC547, BC550
BC548, BC549
VCEO
65
45
30
V
Emitter Base Voltage
VEBO
6
V
Collector Current (DC)
IC
100
mA
Peak Collector Current
ICM
200
mA
Total Power Dissipation
Ptot
500
mW
Junction Temperature
Tj
150
O
C
Storage Temperature Range
TS
- 65 to + 150
O
C
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Max.
Unit
DC Current Gain
at VCE = 5 V, IC = 2 mA
Current Gain Group
A
B
C
hFE
hFE
hFE
110
200
420
220
450
800
-
-
-
Collector Base Cutoff Current
at VCB = 30 V
ICBO
-
15
nA
Emitter Base Cutoff Current
at VEB = 5 V
IEBO
-
100
nA
Collector Base Breakdown Voltage
at IC = 100 µA
BC546
BC547, BC550
BC548, BC549
V(BR)CBO
80
50
30
-
-
-
V
Collector Emitter Breakdown Voltage
at IC = 1 mA
BC546
BC547, BC550
BC548, BC549
V(BR)CEO
65
45
30
-
-
-
V
Emitter Base Breakdown Voltage
at IE = 10 µA
V(BR)EBO
6
-
V
1. Collector 2. Base 3. Emitter
TO-92 Plastic Package


Similar Part No. - BC550

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC550 PHILIPS-BC550 Datasheet
44Kb / 8P
   NPN general purpose transistors
1999 Apr 22
logo
Fairchild Semiconductor
BC550 FAIRCHILD-BC550 Datasheet
151Kb / 6P
   Switching and Amplifier
logo
Siemens Semiconductor G...
BC550 SIEMENS-BC550 Datasheet
210Kb / 6P
   NPN Silicon Transistors
logo
Fairchild Semiconductor
BC550 FAIRCHILD-BC550 Datasheet
141Kb / 6P
   NPN Epitaxial Silicon Transistor
BC550 FAIRCHILD-BC550 Datasheet
44Kb / 4P
   NPN EPITAXIAL SILICON TRANSISTOR
More results

Similar Description - BC550

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BFY84 SEME-LAB-BFY84 Datasheet
19Kb / 2P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
AUK corp
SUR541EF AUK-SUR541EF Datasheet
176Kb / 4P
   NPN Epitaxial Planar Silicon Transistor
logo
SeCoS Halbleitertechnol...
2SC4226 SECOS-2SC4226_11 Datasheet
258Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR526H KODENSHI-SUR526H Datasheet
275Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR539J KODENSHI-SUR539J Datasheet
279Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR543EF KODENSHI-SUR543EF Datasheet
276Kb / 5P
   Epitaxial planar NPN silicon transistor
logo
Sanken electric
2SC2921 SANKEN-2SC2921_07 Datasheet
33Kb / 1P
   Silicon NPN Epitaxial Planar Transistor
logo
Seme LAB
2N4239 SEME-LAB-2N4239 Datasheet
122Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
2N3114CSM SEME-LAB-2N3114CSM_09 Datasheet
163Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
Micro Electronics
BC485 MICRO-ELECTRONICS-BC485 Datasheet
57Kb / 1P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
2N4123 MICRO-ELECTRONICS-2N4123 Datasheet
85Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com