Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMP109 Datasheet(PDF) 3 Page - Excelics Semiconductor, Inc.

Part # EMP109
Description  5.0 - 6.5 GHz Power Amplifier MMIC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

EMP109 Datasheet(HTML) 3 Page - Excelics Semiconductor, Inc.

  EMP109 Datasheet HTML 1Page - Excelics Semiconductor, Inc. EMP109 Datasheet HTML 2Page - Excelics Semiconductor, Inc. EMP109 Datasheet HTML 3Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
EMP109
UPDATED 12/15/2004
5.0 – 6.5 GHz Power Amplifier MMIC
Specifications are subject to change without notice.
Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085
page 3 of 3
Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
Revised December 2004
ASSEMBLY DRAWING
The length of RF wires should be as short as possible. Use at least two wires between RF pad and 50 ohm line
and separate the wires to minimize the mutual inductance.
Chip Size 1130 x 2250 microns
Chip Thickness: 85
± 15 microns
PAD Dimensions: 100 x 100 microns
All Dimensions in Microns
CHIP OUTLINE


Similar Part No. - EMP109

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EMP109-P1 EXCELICS-EMP109-P1 Datasheet
87Kb / 1P
   5.0 - 6.5 GHz Power Amplifier MMIC
EMP109-Q5 EXCELICS-EMP109-Q5 Datasheet
125Kb / 3P
   5.0 - 6.4 GHz Surface-Mounted PA
More results

Similar Description - EMP109

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EMP109-P1 EXCELICS-EMP109-P1 Datasheet
87Kb / 1P
   5.0 - 6.5 GHz Power Amplifier MMIC
EMP104-P2 EXCELICS-EMP104-P2 Datasheet
94Kb / 2P
   5.0 - 6.5 GHz Power Amplifier MMIC
RFMA5065-1W EXCELICS-RFMA5065-1W Datasheet
91Kb / 2P
   5.0 - 6.5 GHz Power Amplifier MMIC
RFMA5065-2W EXCELICS-RFMA5065-2W Datasheet
94Kb / 2P
   5.0 - 6.5 GHz Power Amplifier MMIC
EMP104 EXCELICS-EMP104 Datasheet
292Kb / 2P
   5.0 - 6.5 GHz Power Amplifier MMIC
EMP106-P1 EXCELICS-EMP106-P1 Datasheet
87Kb / 1P
   5.0 - 6.5 GHz Power Amplifier MMIC
logo
M/A-COM Technology Solu...
MAAM26100 MA-COM-MAAM26100 Datasheet
257Kb / 5P
   GaAs MMIC Power Amplifier 2.0 - 6.5 GHz
logo
Excelics Semiconductor,...
EMP106 EXCELICS-EMP106 Datasheet
196Kb / 3P
   5.0 - 6.4 GHz Power Amplifier MMIC
EMP112-P1 EXCELICS-EMP112-P1 Datasheet
87Kb / 1P
   5.0 - 7.2 GHz Power Amplifier MMIC
EMP112 EXCELICS-EMP112 Datasheet
217Kb / 3P
   5.0 - 7.2 GHz Power Amplifier MMIC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com