Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMP111 Datasheet(PDF) 1 Page - Excelics Semiconductor, Inc.

Part # EMP111
Description  7.0 - 9.0 GHz Power Amplifier MMIC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

EMP111 Datasheet(HTML) 1 Page - Excelics Semiconductor, Inc.

  EMP111 Datasheet HTML 1Page - Excelics Semiconductor, Inc. EMP111 Datasheet HTML 2Page - Excelics Semiconductor, Inc. EMP111 Datasheet HTML 3Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
EMP111
UPDATED 10/05/2004
7.0 – 9.0 GHz Power Amplifier MMIC
Specifications are subject to change without notice.
Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085
page 1 of 3
Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
Revised October 2004
Dimension: 1130um X 2250um
Thickness: 85um + 13um
FEATURES
7.0 – 9.0 GHz Operating Frequency Range
27.0dBm Output Power at 1dB
Compression
18.0 dB Typical Small Signal Gain
-40dBc OIMD3 @Each Tone Pout 17 dBm
APPLICATIONS
Point-to-point and point-to-multipoint radio
Military Radar Systems
Caution! ESD sensitive device.
ELECTRICAL CHARACTERISTICS
(Tb = 25 °C, 50 ohm, Vds = 7 V, Idsq = 400 mA, Unless Otherwise Specified)
SYMBOL
PARAMETER/TEST CONDITIONS
MIN
TYP
MAX
UNITS
F
Operating Frequency Range
7.0
9.0
GHz
P1dB
Output Power at 1dB Gain Compression
26.0
27.0
dBm
Gss
Small Signal Gain
15.0
18.0
dB
OIMD3
Output 3
rd Order Intermodulation Distortion
@∆f=10MHz, Each Tone Pout 17dBm,
7V, 60%+10%Idss
-41
-38
dBc
Input RL
Input Return Loss
-12
-8
dB
Output RL
Output Return Loss
-6
dB
Idss
Saturated Drain Current
Vds =3V, VGS =0V
475
620
750
mA
Vds
Drain to Source Voltage
7
8
V
NF
Noise Figure @8GHz
8
dB
Rth
Thermal Resistance (Au-Sn Eutectic Attach)
22
oC/W
Tb
Operating Base Plate Temperature
- 35
+ 85
ºC
MAXIMUM RATINGS AT 25°C1,2
SYMBOL
CHARACTERISTIC
ABSOLUTE
CONTINUOUS
Vds
Drain to Source Voltage
12V
8 V
VGS
Gate to Source Voltage
-8V
- 4 V
Ids
Drain Current
Idss
650mA
IGSF
Forward Gate Current
57mA
9.5 mA
PIN
Input Power
24dBm
@ 3dB compression
TCH
Channel Temperature
175°C
150°C
TSTG
Storage Temperature
-65/175°C
-65/150°C
PT
Total Power Dissipation
6.2W
5.2W
1. Operating the device beyond any of the above rating may result in permanent damage.
2. Bias conditions must also satisfy the following equation Vds*Ids < (TCH –Tb)/RTH


Similar Part No. - EMP111

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EMP111-P1 EXCELICS-EMP111-P1 Datasheet
94Kb / 2P
   7.0 - 9.0 GHz Power Amplifier MMIC
EMP111-Q5 EXCELICS-EMP111-Q5 Datasheet
127Kb / 3P
   7.0 -9.0 GHz Surface-Mounted PA
More results

Similar Description - EMP111

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EMP111-P1 EXCELICS-EMP111-P1 Datasheet
94Kb / 2P
   7.0 - 9.0 GHz Power Amplifier MMIC
EMP114-P1 EXCELICS-EMP114-P1 Datasheet
94Kb / 2P
   7.0 - 9.0 GHz Power Amplifier MMIC
EMP114 EXCELICS-EMP114 Datasheet
187Kb / 2P
   7.0 - 9.0 GHz Power Amplifier MMIC
logo
Hittite Microwave Corpo...
HMC486 HITTITE-HMC486 Datasheet
365Kb / 8P
   GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 7.0 - 9.0 GHz
logo
Excelics Semiconductor,...
EMP211-P1 EXCELICS-EMP211-P1 Datasheet
94Kb / 2P
   9.0 - 12.0 GHz Power Amplifier MMIC
EMP212-P1 EXCELICS-EMP212-P1 Datasheet
94Kb / 2P
   9.0 - 12.0 GHz Power Amplifier MMIC
logo
Mimix Broadband
XP1050-QJ MIMIX-XP1050-QJ Datasheet
629Kb / 10P
   7.0-9.0 GHz Linear Power Amplifier 6x6mm QFN
logo
Excelics Semiconductor,...
EMP108 EXCELICS-EMP108 Datasheet
163Kb / 2P
   7.0 - 9.5 GHz Power Amplifier MMIC
EMP108-P1 EXCELICS-EMP108-P1 Datasheet
87Kb / 1P
   7.0 -9.5 GHz Power Amplifier MMIC
logo
M/A-COM Technology Solu...
MAAM71100 MA-COM-MAAM71100 Datasheet
172Kb / 3P
   GaAs MMIC Power Amplifier 7.0 - 11.0 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com