Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMP111-Q5 Datasheet(PDF) 2 Page - Excelics Semiconductor, Inc.

Part # EMP111-Q5
Description  7.0 -9.0 GHz Surface-Mounted PA
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

EMP111-Q5 Datasheet(HTML) 2 Page - Excelics Semiconductor, Inc.

  EMP111-Q5 Datasheet HTML 1Page - Excelics Semiconductor, Inc. EMP111-Q5 Datasheet HTML 2Page - Excelics Semiconductor, Inc. EMP111-Q5 Datasheet HTML 3Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
EMP111-Q5
UPDATED: 04/24/2008
7.0 – 9.0 GHz Surface-Mounted PA
Specifications are subject to change without notice.
Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085
Page 2 of 3
Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
May 2008
CHIP OUTLINE AND PIN ASSIGNMENT
0.197±0.002
0.197±0.002
0.164
0 REF
0.012±0.002
0.034
0.016
0 REF
0.042
11
6
0.026±0.002
10
5
-Q5
15
20
16
1
EMP111
Additional Notes:
1)
Ground Plane must be soldered to PCB RF ground
2)
All dimensions are in inches
3)
Refer to Excelics application notes on QFNs for further guidelines
4)
Pin Assignment:
Vd1
20
Bottom View
Vg
Top View
RFin
15
Vg
-Q5
RFout
11
RFout
6
10
Vd2
Vd1
Vd2
16
1
5
RFin
EMP111
Pin
Assignment
1, 2, 4, 5
NC
3
RFin
6
Vg
7, 8, 9, 10, 11, 12, 14, 15
NC
13
RFout
16
Vd2
17, 18, 19
NC
20
Vd1


Similar Part No. - EMP111-Q5

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EMP111-P1 EXCELICS-EMP111-P1 Datasheet
94Kb / 2P
   7.0 - 9.0 GHz Power Amplifier MMIC
More results

Similar Description - EMP111-Q5

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EMP114-Q5 EXCELICS-EMP114-Q5 Datasheet
125Kb / 3P
   7.0 - 9.0 GHz Surface-Mounted PA
RFMA7090-0.5W-Q7 EXCELICS-RFMA7090-0.5W-Q7 Datasheet
130Kb / 3P
   7.0 - 9.0 GHz High Gain Surface-Mounted PA
RFMA7090-1W-Q7 EXCELICS-RFMA7090-1W-Q7 Datasheet
131Kb / 3P
   7.0 - 9.0 GHz High Gain Surface-Mounted PA
EMP108-Q5 EXCELICS-EMP108-Q5 Datasheet
125Kb / 3P
   7.0 - 9.5 GHz Surface-Mounted PA
EMP111-P1 EXCELICS-EMP111-P1 Datasheet
94Kb / 2P
   7.0 - 9.0 GHz Power Amplifier MMIC
EMP111 EXCELICS-EMP111 Datasheet
207Kb / 3P
   7.0 - 9.0 GHz Power Amplifier MMIC
EMP114-P1 EXCELICS-EMP114-P1 Datasheet
94Kb / 2P
   7.0 - 9.0 GHz Power Amplifier MMIC
EMP114 EXCELICS-EMP114 Datasheet
187Kb / 2P
   7.0 - 9.0 GHz Power Amplifier MMIC
EMP107-Q5 EXCELICS-EMP107-Q5 Datasheet
144Kb / 4P
   5.8 - 8.0 GHz Surface-Mounted PA
EMP110-Q5 EXCELICS-EMP110-Q5 Datasheet
129Kb / 3P
   5.8 - 8.0 GHz Surface-Mounted PA
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com