Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMP112-P10 Datasheet(PDF) 2 Page - Excelics Semiconductor, Inc.

Part # EMP112-P10
Description  5.0 - 7.2 GHz Power Amplifier MMIC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

EMP112-P10 Datasheet(HTML) 2 Page - Excelics Semiconductor, Inc.

  EMP112-P10 Datasheet HTML 1Page - Excelics Semiconductor, Inc. EMP112-P10 Datasheet HTML 2Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EMP112-P10
UPDATED 11/10/2005
5.0 – 7.2 GHz Power Amplifier MMIC
Specifications are subject to change without notice.
Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085
page 2 of 2
Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
Revised November 2005
Package Outline and Dimension:
Tolerance + 0.003
All Dimensions in inches


Similar Part No. - EMP112-P10

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EMP112-P1 EXCELICS-EMP112-P1 Datasheet
87Kb / 1P
   5.0 - 7.2 GHz Power Amplifier MMIC
More results

Similar Description - EMP112-P10

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EMP112-P1 EXCELICS-EMP112-P1 Datasheet
87Kb / 1P
   5.0 - 7.2 GHz Power Amplifier MMIC
EMP112 EXCELICS-EMP112 Datasheet
217Kb / 3P
   5.0 - 7.2 GHz Power Amplifier MMIC
EMP106 EXCELICS-EMP106 Datasheet
196Kb / 3P
   5.0 - 6.4 GHz Power Amplifier MMIC
EMP109 EXCELICS-EMP109 Datasheet
204Kb / 3P
   5.0 - 6.5 GHz Power Amplifier MMIC
EMP104 EXCELICS-EMP104 Datasheet
292Kb / 2P
   5.0 - 6.5 GHz Power Amplifier MMIC
EMP106-P1 EXCELICS-EMP106-P1 Datasheet
87Kb / 1P
   5.0 - 6.5 GHz Power Amplifier MMIC
EMP104-P2 EXCELICS-EMP104-P2 Datasheet
94Kb / 2P
   5.0 - 6.5 GHz Power Amplifier MMIC
RFMA5065-1W EXCELICS-RFMA5065-1W Datasheet
91Kb / 2P
   5.0 - 6.5 GHz Power Amplifier MMIC
RFMA5065-2W EXCELICS-RFMA5065-2W Datasheet
94Kb / 2P
   5.0 - 6.5 GHz Power Amplifier MMIC
EMP109-P1 EXCELICS-EMP109-P1 Datasheet
87Kb / 1P
   5.0 - 6.5 GHz Power Amplifier MMIC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com