Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75LBC174N Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN75LBC174N
Description  QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LBC174N Datasheet(HTML) 4 Page - Texas Instruments

  SN75LBC174N Datasheet HTML 1Page - Texas Instruments SN75LBC174N Datasheet HTML 2Page - Texas Instruments SN75LBC174N Datasheet HTML 3Page - Texas Instruments SN75LBC174N Datasheet HTML 4Page - Texas Instruments SN75LBC174N Datasheet HTML 5Page - Texas Instruments SN75LBC174N Datasheet HTML 6Page - Texas Instruments SN75LBC174N Datasheet HTML 7Page - Texas Instruments SN75LBC174N Datasheet HTML 8Page - Texas Instruments SN75LBC174N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
SN65LBC174, SN75LBC174
QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVERS
SLLS162A – JULY 1993 – REVISED NOVEMBER 1998
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
Input clamp voltage
II = – 18 mA
– 1.5
V
RL = 54 Ω,
SN65LBC174
1.1
1.8
5
|VOD|
Differential output voltage‡
L
,
See Figure 1
SN75LBC174
1.5
1.8
5
V
|VOD|
Differential output voltage‡
RL = 60 Ω,
SN65LBC174
1.1
1.7
5
V
L
,
See Figure 2
SN75LBC174
1.5
1.7
5
∆|VOD| Change in magnitude of common-mode output voltage§
±0.2
V
VOC
Common mode output voltage
RL =54 Ω
See Figure 1
3
V
VOC
Common-mode output voltage
RL = 54 Ω,
See Figure 1
–1
V
∆|VOC| Change in magnitude of common-mode output voltage§
±0.2
V
IO
Output current with power off
VCC = 0,
VO = – 7 V to 12 V
±100
µA
IOZ
High-impedance-state output current
VO = – 7 V to 12 V
±100
µA
IIH
High-level input current
VI = 2.4 V
– 100
µA
IIL
Low-level input current
VI = 0.4 V
– 100
µA
IOS
Short-circuit output current
VO = – 7 V to 12 V
±250
mA
ICC
Supply current (all drivers)
No load
Outputs enabled
7
mA
ICC
Supply current (all drivers)
No load
Outputs disabled
1.5
mA
† All typical values are at VCC = 5 V and TA = 25°C.
‡ The minimum VOD specification does not fully comply with EIA-485 at operating temperatures below 0°C. The lower output signal should be used
to determine the maximum signal transmission distance.
§
∆|VOD| and ∆|VOC| are the changes in magnitude of VOD and VOC, respectively, that occur when the input is changed from a high level to a low
level.
switching characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
td(OD)
Differential output delay time
RL =54 Ω
See Figure 3
2
11
20
ns
tt(OD)
Differential output transition time
RL = 54 Ω,
See Figure 3
10
15
25
ns
tPZH
Output enable time to high level
RL = 110 Ω,
See Figure 3
30
ns
tPZL
Output enable time to low level
RL = 110 Ω,
See Figure 5
30
ns
tPHZ
Output disable time from high level
RL = 110 Ω,
See Figure 4
50
ns
tPLZ
Output disable time from low level
RL = 110 Ω,
See Figure 5
30
ns


Similar Part No. - SN75LBC174N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC174N TI1-SN75LBC174N Datasheet
1Mb / 17P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVERS
More results

Similar Description - SN75LBC174N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC174 TI1-SN65LBC174_16 Datasheet
1Mb / 17P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVERS
SN55ALS194 TI-SN55ALS194 Datasheet
150Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVERS
SN75ALS194NSR TI-SN75ALS194NSR Datasheet
894Kb / 22P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVERS
SNJ55ALS194J TI-SNJ55ALS194J Datasheet
894Kb / 22P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVERS
AM26C31C TI-AM26C31C Datasheet
150Kb / 10P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVERS
REVISED SEPTEMBER 1998
SN75C188 TI-SN75C188_06 Datasheet
411Kb / 15P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE DRIVERS
SN75C198 TI-SN75C198 Datasheet
207Kb / 12P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE DRIVERS
SN75C188 TI-SN75C188 Datasheet
166Kb / 10P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE DRIVERS
SN75C198DR TI1-SN75C198DR Datasheet
694Kb / 18P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE DRIVERS
AM26LV31C TI-AM26LV31C Datasheet
247Kb / 12P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com