Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMP210 Datasheet(PDF) 3 Page - Excelics Semiconductor, Inc.

Part # EMP210
Description  9.5 - 12 GHz Power Amplifier MMIC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

EMP210 Datasheet(HTML) 3 Page - Excelics Semiconductor, Inc.

  EMP210 Datasheet HTML 1Page - Excelics Semiconductor, Inc. EMP210 Datasheet HTML 2Page - Excelics Semiconductor, Inc. EMP210 Datasheet HTML 3Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
EMP210
UPDATED 05/08/2008
9.5 – 12 GHz Power Amplifier MMIC
Specifications are subject to change without notice.
Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085
page 3 of 3
Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
Revised May 2008
DISCLAIMER
EXCELICS SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE
TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. EXCELICS DOES NOT
ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT
DESCRIBED HEREIN.
LIFE SUPPORT POLICY
EXCELICS SEMICONDUCTOR PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS
IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF EXCELICS
SEMICONDUCTOR, INC.
AS HERE IN:
1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body,
or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for
use provided in the labeling, can be reasonably expected to result in significant injury to the user.
2. A critical component is any component of a life support device or system whose failure to perform can be
reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.


Similar Part No. - EMP210

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EMP210-P1 EXCELICS-EMP210-P1 Datasheet
94Kb / 2P
   9.5 - 12.0 GHz Power Amplifier MMIC
EMP210-Q5 EXCELICS-EMP210-Q5 Datasheet
143Kb / 4P
   9.5 - 12.0 GHz Surface-Mounted PA
More results

Similar Description - EMP210

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EMP211 EXCELICS-EMP211 Datasheet
170Kb / 2P
   9.5 - 12.0 GHz Power Amplifier MMIC
EMP108 EXCELICS-EMP108 Datasheet
163Kb / 2P
   7.0 - 9.5 GHz Power Amplifier MMIC
EMP108-P1 EXCELICS-EMP108-P1 Datasheet
87Kb / 1P
   7.0 -9.5 GHz Power Amplifier MMIC
EMP210-P1 EXCELICS-EMP210-P1 Datasheet
94Kb / 2P
   9.5 - 12.0 GHz Power Amplifier MMIC
logo
Mimix Broadband
XP1035-BD MIMIX-XP1035-BD Datasheet
1Mb / 1P
   5.9-9.5 GHz GaAs MMIC Linear Power Amplifier
logo
Hittite Microwave Corpo...
HMC590LP5 HITTITE-HMC590LP5_09 Datasheet
279Kb / 8P
   GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
HMC591LP5 HITTITE-HMC591LP5_09 Datasheet
273Kb / 8P
   GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
HMC590LP5 HITTITE-HMC590LP5 Datasheet
373Kb / 8P
   GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
HMC591LP5 HITTITE-HMC591LP5 Datasheet
367Kb / 8P
   GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
logo
Mimix Broadband
XP1035-BD MIMIX-XP1035-BD_08 Datasheet
1Mb / 1P
   5.9-9.5 GHz GaAs MMIC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com