Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75LBC180D Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN75LBC180D
Description  LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LBC180D Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN75LBC180D Datasheet HTML 4Page - Texas Instruments SN75LBC180D Datasheet HTML 5Page - Texas Instruments SN75LBC180D Datasheet HTML 6Page - Texas Instruments SN75LBC180D Datasheet HTML 7Page - Texas Instruments SN75LBC180D Datasheet HTML 8Page - Texas Instruments SN75LBC180D Datasheet HTML 9Page - Texas Instruments SN75LBC180D Datasheet HTML 10Page - Texas Instruments SN75LBC180D Datasheet HTML 11Page - Texas Instruments SN75LBC180D Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
SN65LBC180, SN75LBC180
LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SLLS174B – FEBRUARY 1994 – REVISED JANUARY 2000
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
TEST CIRCUIT
VOLTAGE WAVEFORMS
2 k
S2
5 V
S3
5 k
50
S1
1.5 V
– 1.5 V
tPZL
1.5 V
1.5 V
3 V
0 V
VOL
S1 to – 1.5 V
S2 Closed
S3 Open
tPZH
1.5 V
1.5 V
Input
0 V
3 V
Output
0 V
VOH
VOL
0.5 V
1.5 V
0 V
3 V
S1 to – 1.5 V
S2 Closed
S3 Closed
tPLZ
VOH
tPHZ
3 V
0 V
1.5 V
0.5 V
Input
Output
1.3 V
Input
Output
Input
Output
4.5 V
1.3 V
S1 to 1.5 V
S2 Open
S3 Closed
S1 to 1.5 V
S2 Closed
S3 Closed
Generator
(see Note A)
A
B
RE
R
Output
IN916 or Equivalent
(4 places)
Input
CL = 15 pF
(see Note B)
NOTES: A. The input pulse is supplied by a generator having the following characteristics: PRR
≤ 1 MHz, 50% duty cycle, tr ≤ 6 ns, tf ≤ 6 ns,
ZO =50 Ω.
B. CL includes probe and jig capacitance.
Figure 7. Receiver Output Enable and Disable Times


Similar Part No. - SN75LBC180D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC180D TI1-SN75LBC180D Datasheet
877Kb / 24P
[Old version datasheet]   LOW-POWER RS-485 LINE DRIVER AND RECEIVER PAIRS
SN75LBC180DG4 TI1-SN75LBC180DG4 Datasheet
877Kb / 24P
[Old version datasheet]   LOW-POWER RS-485 LINE DRIVER AND RECEIVER PAIRS
SN75LBC180DR TI1-SN75LBC180DR Datasheet
877Kb / 24P
[Old version datasheet]   LOW-POWER RS-485 LINE DRIVER AND RECEIVER PAIRS
SN75LBC180DRG4 TI1-SN75LBC180DRG4 Datasheet
877Kb / 24P
[Old version datasheet]   LOW-POWER RS-485 LINE DRIVER AND RECEIVER PAIRS
More results

Similar Description - SN75LBC180D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC179A TI-SN65LBC179A Datasheet
195Kb / 13P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179ADG4 TI1-SN65LBC179ADG4 Datasheet
446Kb / 18P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179ADG4 TI-SN65LBC179ADG4 Datasheet
421Kb / 18P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC180A TI1-SN65LBC180A_15 Datasheet
537Kb / 21P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN75LBC179 TI-SN75LBC179 Datasheet
168Kb / 12P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN75LBC180A TI-SN75LBC180A Datasheet
415Kb / 19P
[Old version datasheet]   LOW POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179DR TI-SN65LBC179DR Datasheet
488Kb / 19P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65ALS180 TI-SN65ALS180 Datasheet
362Kb / 17P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIRS
SN75ALS180 TI-SN75ALS180_07 Datasheet
436Kb / 21P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIRS
logo
National Semiconductor ...
DS8922 NSC-DS8922_04 Datasheet
542Kb / 14P
   RS-422 Dual Differential Line Driver and Receiver Pairs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com