Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75LBC184P Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN75LBC184P
Description  DIFFERENTIAL TRANSCEIVER WITH TRANSIENT VOLTAGE SUPPRESSION
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LBC184P Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN75LBC184P Datasheet HTML 7Page - Texas Instruments SN75LBC184P Datasheet HTML 8Page - Texas Instruments SN75LBC184P Datasheet HTML 9Page - Texas Instruments SN75LBC184P Datasheet HTML 10Page - Texas Instruments SN75LBC184P Datasheet HTML 11Page - Texas Instruments SN75LBC184P Datasheet HTML 12Page - Texas Instruments SN75LBC184P Datasheet HTML 13Page - Texas Instruments SN75LBC184P Datasheet HTML 14Page - Texas Instruments SN75LBC184P Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
SN65LBC184, SN75LBC184
DIFFERENTIAL TRANSCEIVER
WITH TRANSIENT VOLTAGE SUPPRESSION
SLLS236F − OCTOBER 1996 − REVISED APRIL 2005
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
1.0
1.5
2.0
2.5
3.0
−40
−20
0
20
40
60
80
Figure 9
TA − Free-Air Temperature − °C
RL = 54 Ω
DRIVER DIFFERENTIAL OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
VCC = 4.75 V
VCC = 5 V
VCC = 5.25 V
TA − Free-Air Temperature − °C
640
660
680
700
720
740
760
780
800
−40
−20
0
20
40
60
80
DRIVER PROPAGATION DELAY TIME
vs
FREE-AIR TEMPERATURE
tPLH
tPHL
Figure 10
300
400
500
600
700
800
900
−40
−20
0
20
40
60
80
Figure 11
TA − Free-Air Temperature − °C
DRIVER TRANSITION TIME
vs
FREE-AIR TEMPERATURE
tf
tr
IO − Output Current − mA
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
102030405060708090
100
DIFFERENTIAL OUTPUT VOLTAGE
vs
OUTPUT CURRENT
VCC = 5.5 V
VCC = 5 V
VCC = 4.5 V
Figure 12


Similar Part No. - SN75LBC184P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC184P TI-SN75LBC184P Datasheet
506Kb / 21P
[Old version datasheet]   DIFFERENTIAL TRANSCEIVER WITH TRANSIENT VOLTAGE SUPPRESSION
SN75LBC184P TI1-SN75LBC184P Datasheet
1Mb / 27P
[Old version datasheet]   Differential Transceiver With Transient Voltage Suppression
SN75LBC184PE4 TI-SN75LBC184PE4 Datasheet
506Kb / 21P
[Old version datasheet]   DIFFERENTIAL TRANSCEIVER WITH TRANSIENT VOLTAGE SUPPRESSION
SN75LBC184PE4 TI1-SN75LBC184PE4 Datasheet
1Mb / 27P
[Old version datasheet]   Differential Transceiver With Transient Voltage Suppression
More results

Similar Description - SN75LBC184P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC184 TI-SN65LBC184_07 Datasheet
506Kb / 21P
[Old version datasheet]   DIFFERENTIAL TRANSCEIVER WITH TRANSIENT VOLTAGE SUPPRESSION
logo
Guangdong Youtai Semico...
SN65LBC184DR UMW-SN65LBC184DR Datasheet
370Kb / 16P
   DIFFERENTIAL TRANSCEIVER WITH TRANSIENT VOLTAGE SUPPRESSION
logo
Texas Instruments
SN65LBC184 TI1-SN65LBC184_17 Datasheet
1Mb / 27P
[Old version datasheet]   Differential Transceiver With Transient Voltage Suppression
logo
Guangdong Youtai Semico...
SN75LBC184DR UMW-SN75LBC184DR Datasheet
370Kb / 13P
   DIFFERENTIAL TRANSCEIVER WITH TRANSENT VOLTAGE SUPPRESSION
logo
Littelfuse
P6KE LITTELFUSE-P6KE Datasheet
139Kb / 5P
   Transient Voltage Suppression Diodes
1KSMB6.8A LITTELFUSE-1KSMB6.8A Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
P6SMB LITTELFUSE-P6SMB Datasheet
143Kb / 5P
   Transient Voltage Suppression Diodes
TPSMA6L LITTELFUSE-TPSMA6L Datasheet
1Mb / 6P
   Transient Voltage Suppression Diodes
SMBJ10A-E3 LITTELFUSE-SMBJ10A-E3 Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
logo
Shenzhen Luguang Electr...
AK6-058C LUGUANG-AK6-058C Datasheet
678Kb / 2P
   Transient Voltage Suppression Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com