Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCD15-48D15 Datasheet(PDF) 2 Page - Power Mate Technology Co., LTD

Part # LCD15-48D15
Description  15 WATTS MAXIMUM OUTPUT POWER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

LCD15-48D15 Datasheet(HTML) 2 Page - Power Mate Technology Co., LTD

  LCD15-48D15 Datasheet HTML 1Page - Power Mate Technology Co., LTD LCD15-48D15 Datasheet HTML 2Page - Power Mate Technology Co., LTD LCD15-48D15 Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2 of 3 Issued Date:2008/05/21
LCD15-48S05 Derating Curve
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
120
AMBIENT TEMPERATURE(℃)
LCD15-48S05
Efficiency VS Input voltage
80
82
84
86
88
90
92
36
42
48
54
60
66
72
INPUT VOLTAGE(V)
LCD15-48S05
Efficiency VS Output Load
45
50
55
60
65
70
75
80
85
90
10
20
30
40
50
60
70
80
90
100
OUTPUT LOAD (% of Full Load)
Output Current
Input Current
Model
Number
Input
Range
Output
Voltage
Min. Load
Full Load
Output
(4)
Ripple & Noise No Load
(3)
Full Load
(2)
Eff
(4)
(%)
Capacitor
(5)
Load max
LCD15-12S3P3
9 - 18 VDC
3.3 VDC
0mA
4000mA
75mVp-p
120mA
1375mA
84
1000μF
LCD15-12S05
9 - 18 VDC
5 VDC
0mA
3000mA
75mVp-p
90mA
1524mA
86
1000μF
LCD15-12S12
9 - 18 VDC
12 VDC
0mA
1300mA
100mVp-p
40mA
1605mA
85
330μF
LCD15-12S15
9 - 18 VDC
15 VDC
0mA
1000mA
100mVp-p
40mA
1506mA
87
220μF
LCD15-12D05
9 - 18 VDC
± 5 VDC
0mA
± 1500mA
100mVp-p
30mA
1543mA
85
± 500μF
LCD15-12D12
9 - 18 VDC
± 12 VDC
0mA
± 625mA
100mVp-p
30mA
1506mA
87
± 150μF
LCD15-12D15
9 - 18 VDC
± 15 VDC
0mA
± 500mA
100mVp-p
30mA
1488mA
88
± 100μF
LCD15-24S3P3
18 - 36 VDC
3.3 VDC
0mA
4000mA
75mVp-p
50mA
671mA
86
1000μF
LCD15-24S05
18 - 36 VDC
5 VDC
0mA
3000mA
75mVp-p
65mA
763mA
86
1000μF
LCD15-24S12
18 - 36 VDC
12 VDC
0mA
1300mA
100mVp-p
20mA
783mA
87
330μF
LCD15-24S15
18 - 36 VDC
15 VDC
0mA
1000mA
100mVp-p
20mA
744mA
88
220μF
LCD15-24D05
18 - 36 VDC
± 5 VDC
0mA
± 1500mA
100mVp-p
20mA
772mA
85
± 500μF
LCD15-24D12
18 - 36 VDC
± 12 VDC
0mA
± 625mA
100mVp-p
15mA
744mA
88
± 150μF
LCD15-24D15
18 - 36 VDC
± 15 VDC
0mA
± 500mA
100mVp-p
25mA
744mA
88
± 100μF
LCD15-48S3P3
36 - 75 VDC
3.3 VDC
0mA
4000mA
75mVp-p
40mA
336mA
86
1000μF
LCD15-48S05
36 - 75 VDC
5 VDC
0mA
3000mA
75mVp-p
40mA
372mA
88
1000μF
LCD15-48S12
36 - 75 VDC
12 VDC
0mA
1300mA
100mVp-p
15mA
387mA
88
330μF
LCD15-48S15
36 - 75 VDC
15 VDC
0mA
1000mA
100mVp-p
15mA
372mA
88
220μF
LCD15-48D05
36 - 75 VDC
± 5 VDC
0mA
± 1500mA
100mVp-p
15mA
386mA
85
± 500μF
LCD15-48D12
36 - 75 VDC
± 12 VDC
0mA
± 625mA
100mVp-p
15mA
368mA
89
± 150μF
LCD15-48D15
36 - 75 VDC
± 15 VDC
0mA
± 500mA
100mVp-p
20mA
372mA
88
± 100μF
Note
1.
BELLCORE TR-NWT-000332. Case 1: 50% Stress, Temperature at 40ºC.
MIL-HDBK-217F Notice2 @Ta=25 ºC, Full load(Ground, Benign, controlled environment)
2.
Maximum value at nominal input voltage and full load.
3.
Typical value at nominal input voltage and no load.
4.
Typical value at nominal input voltage and full load.
5.
Test by minimum Vin and constant resistive load.
6.
Trimming allows the user to increase or decrease the output voltage set point of the module. This is accomplished by connecting an external resistor
between the TRIM pin and either the +VOUT pin or the -VOUT pin.
7.
The ON/OFF control pin voltage is reference to -Vin.
The order number please see product standard table.
8.
Heat sink is optional and P/N:7G-0047C-F
9.
The LCD15 series can meet EN55022 Class A with parallel external capacitors to the input pins.
Recommend : 12Vin : 10μF /25V 1812 MLCC
24Vin : 6.8μF /50V * 2 pcs 1812 MLCC
48Vin : 2.2μF /100V * 2 pcs 1812 MLCC
10. An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5.
The filter capacitor Power Mate suggest: Nippon chemi-con KY series, 220μF /100V, ESR 48mΩ.
68
LCD15-48S05 Derating Curve
With Heatsink (Note 4)
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
120
AMBIENT TEMPERATURE(℃)
(Note 8)
73


Similar Part No. - LCD15-48D15

ManufacturerPart #DatasheetDescription
logo
Make-Ps
LCD15-48D15 MAKE-PS-LCD15-48D15 Datasheet
860Kb / 3P
   Single & Dual Output DC/DC Converter
logo
Power Mate Technology C...
LCD15-48D15 P-DUKE-LCD15-48D15 Datasheet
443Kb / 4P
   DC-DC CONVERTER
LCD15-48D15W P-DUKE-LCD15-48D15W Datasheet
327Kb / 3P
   15 WATTS MAXIMUM OUTPUT POWER
LCD15-48D15W P-DUKE-LCD15-48D15W Datasheet
442Kb / 4P
   DC-DC CONVERTER
logo
Astrodyne Corporation
LCD15-48D15W ASTRODYNE-LCD15-48D15W Datasheet
602Kb / 4P
   Isolated and Regulated 15 Watt Encapsulated DC/DC Converters
More results

Similar Description - LCD15-48D15

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
LED15-24S3P3 P-DUKE-LED15-24S3P3 Datasheet
328Kb / 3P
   15 WATTS MAXIMUM OUTPUT POWER
logo
Wall Industries,Inc.
JF24S3.3-3500 WALL-JF24S3.3-3500_16 Datasheet
441Kb / 6P
   15 Watts Maximum Output Power
logo
Power Mate Technology C...
LCD15-24S3P3W P-DUKE-LCD15-24S3P3W Datasheet
327Kb / 3P
   15 WATTS MAXIMUM OUTPUT POWER
LED15-24S3P3W P-DUKE-LED15-24S3P3W Datasheet
328Kb / 3P
   15 WATTS MAXIMUM OUTPU POWER
FDC15-24S05 P-DUKE-FDC15-24S05 Datasheet
241Kb / 3P
   15 WATTS OUTPUT POWER
FEC15-12S33 P-DUKE-FEC15-12S33 Datasheet
281Kb / 3P
   15 WATTS OUTPUT POWER
FEC15-24S3P3W P-DUKE-FEC15-24S3P3W Datasheet
254Kb / 3P
   15 WATTS OUTPUT POWER
PDL02-05S33 P-DUKE-PDL02-05S33 Datasheet
309Kb / 3P
   2 WATTS MAXIMUM OUTPUT POWER
PDL03-05S3P3 P-DUKE-PDL03-05S3P3 Datasheet
299Kb / 3P
   3 WATTS MAXIMUM OUTPUT POWER
PDL03-12S3P3W P-DUKE-PDL03-12S3P3W Datasheet
234Kb / 3P
   3 WATTS MAXIMUM OUTPUT POWER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com