Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVDS105D Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS105D
Description  4-PORT LVDS AND 4-PORT TTL-TO-LVDS REPEATERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS105D Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN65LVDS105D Datasheet HTML 4Page - Texas Instruments SN65LVDS105D Datasheet HTML 5Page - Texas Instruments SN65LVDS105D Datasheet HTML 6Page - Texas Instruments SN65LVDS105D Datasheet HTML 7Page - Texas Instruments SN65LVDS105D Datasheet HTML 8Page - Texas Instruments SN65LVDS105D Datasheet HTML 9Page - Texas Instruments SN65LVDS105D Datasheet HTML 10Page - Texas Instruments SN65LVDS105D Datasheet HTML 11Page - Texas Instruments SN65LVDS105D Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
www.ti.com
tPZH
tPHZ
tPZL
tPLZ
3 V
1.5 V
0 V
≅ 1.4 V
1.25 V
1.2 V
≅ 1 V
1.2 V
1.15 V
EN
VOY or VOZ
VOZ or VOY
Y
Z
CL = 10 pF
(2 Places)
(see Note B)
49.9
Ω ± 1% (2 Places)
1.2 V
VOY
VOZ
1 V or 1.4 V
1.2 V
EN
Input
(see Note A)
II
VIA
A
VOD
VOZ
VOY
VOC
IOY
IOZ
Z
Y
V
OY )
V
OZ
2
±
3.75 k
0 V
≤ VTEST ≤ 2.4 V
Y
Z
VOD
Input
100
3.75 k
SN65LVDS104
SN65LVDS105
SLLS396F – SEPTEMBER 1999 – REVISED JANUARY 2005
A.
All input pulses are supplied by a generator having the following characteristics: tr or tf≤ 1 ns, pulse repetition rate
(PRR) = 0.5 Mpps, pulsewidth = 500
± 10 ns.
B.
CL includes instrumentation and fixture capacitance within 0,06 m of the D.U.T.
Figure 5. 'LVDS104 Enable and Disable Time Circuit and Definitions
Figure 6. 'LVDS105 Voltage and Current Definitions
Figure 7. 'LVDS105 VOD Test Circuit
8


Similar Part No. - SN65LVDS105D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS105D TI-SN65LVDS105D Datasheet
510Kb / 26P
[Old version datasheet]   4-PORT LVDS AND 4-PORT TTL-TO-LVDS REPEATERS
SN65LVDS105D TI-SN65LVDS105D Datasheet
650Kb / 27P
[Old version datasheet]   4-PORT LVDS AND 4-PORT TTL-TO-LVDS REPEATERS
SN65LVDS105DG4 TI-SN65LVDS105DG4 Datasheet
510Kb / 26P
[Old version datasheet]   4-PORT LVDS AND 4-PORT TTL-TO-LVDS REPEATERS
SN65LVDS105DG4 TI-SN65LVDS105DG4 Datasheet
650Kb / 27P
[Old version datasheet]   4-PORT LVDS AND 4-PORT TTL-TO-LVDS REPEATERS
SN65LVDS105DR TI-SN65LVDS105DR Datasheet
510Kb / 26P
[Old version datasheet]   4-PORT LVDS AND 4-PORT TTL-TO-LVDS REPEATERS
More results

Similar Description - SN65LVDS105D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLVDS104 STMICROELECTRONICS-STLVDS104 Datasheet
151Kb / 8P
   4-PORT LVDS AND 4-PORT TTL-TO LVDS REPEATERS
STLVDS104 STMICROELECTRONICS-STLVDS104_06 Datasheet
385Kb / 12P
   4-port lvds and 4-port TTL-to LVDS repeaters
STLVDS105 STMICROELECTRONICS-STLVDS105 Datasheet
149Kb / 8P
   4-PORT LVDS AND 4-PORT TTL-TO LVDS REPEATERS
May 2003
logo
Texas Instruments
SN65LVDS104 TI-SN65LVDS104_08 Datasheet
650Kb / 27P
[Old version datasheet]   4-PORT LVDS AND 4-PORT TTL-TO-LVDS REPEATERS
SN65LVDS104 TI-SN65LVDS104_07 Datasheet
510Kb / 26P
[Old version datasheet]   4-PORT LVDS AND 4-PORT TTL-TO-LVDS REPEATERS
SN65LVDS104 TI1-SN65LVDS104 Datasheet
440Kb / 33P
[Old version datasheet]   4-Port LVDS and 4-Port TTL-to-LVDS Repeaters
logo
Maxim Integrated Produc...
MAX9169 MAXIM-MAX9169 Datasheet
291Kb / 19P
   4-Port LVDS and LVTTL-to-LVDS Repeaters
19-2616; Rev 0; 10/02
logo
Texas Instruments
SN65LVDS109 TI-SN65LVDS109 Datasheet
266Kb / 19P
[Old version datasheet]   DUAL 4-PORT AND DUAL 8-PORT LVDS REPEATERS
SN65LVDS109 TI1-SN65LVDS109_13 Datasheet
670Kb / 26P
[Old version datasheet]   DUAL 4-PORT AND DUAL 8-PORT LVDS REPEATERS
logo
ON Semiconductor
FIN1104 ONSEMI-FIN1104 Datasheet
451Kb / 8P
   LVDS 4 Port High Speed Repeater
Revised January 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com