Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFKC05-24D12 Datasheet(PDF) 2 Page - Power Mate Technology Co., LTD

Part # PFKC05-24D12
Description  5 WATTS REGULATED OUTPUT POWER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

PFKC05-24D12 Datasheet(HTML) 2 Page - Power Mate Technology Co., LTD

  PFKC05-24D12 Datasheet HTML 1Page - Power Mate Technology Co., LTD PFKC05-24D12 Datasheet HTML 2Page - Power Mate Technology Co., LTD PFKC05-24D12 Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2 of 3 Issued Date:2008/05/21
Output Current
Input Current
Model
Number
Input
Range
Output
Voltage
Min. load
Full load
Output
(4)
Ripple & Noise No load
(3) Full load(2)
Eff
(4)
(%)
Capacitor
(5)
Load max
PFKC05-12S33
9 – 18 VDC
3.3 VDC
100mA
1000mA
75mVp-p
25mA
404mA
72
2200μF
PFKC05-12S05
9 – 18 VDC
5 VDC
100mA
1000mA
75mVp-p
10mA
579mA
76
1000μF
PFKC05-12S12
9 – 18 VDC
12 VDC
47mA
470mA
120mVp-p
30mA
618mA
80
220μF
PFKC05-12S15
9 – 18 VDC
15 VDC
40mA
400mA
150mVp-p
20mA
658mA
80
150μF
PFKC05-12D05
9 – 18 VDC
± 5 VDC
±50mA
± 500mA
75mVp-p
20mA
571mA
77
± 680μF
PFKC05-12D12
9 – 18 VDC
± 12 VDC
±20mA
± 230mA
120mVp-p
50mA
605mA
80
± 100μF
PFKC05-12D15
9 – 18 VDC
± 15 VDC
±19mA
± 190mA
150mVp-p
30mA
625mA
80
± 68μF
PFKC05-24S33 18 – 36 VDC
3.3 VDC
100mA
1000mA
75mVp-p
15mA
202mA
72
2200μF
PFKC05-24S05 18 – 36 VDC
5 VDC
100mA
1000mA
75mVp-p
10mA
278mA
79
1000μF
PFKC05-24S12 18 – 36 VDC
12 VDC
47mA
470mA
120mVp-p
10mA
306mA
81
220μF
PFKC05-24S15 18 – 36 VDC
15 VDC
40mA
400mA
150mVp-p
10mA
325mA
81
150μF
PFKC05-24D05 18 – 36 VDC
± 5 VDC
±50mA
± 500mA
75mVp-p
10mA
282mA
78
± 680μF
PFKC05-24D12 18 – 36 VDC
± 12 VDC
±23mA
± 230mA
120mVp-p
40mA
299mA
81
± 100μF
PFKC05-24D15 18 – 36 VDC
± 15 VDC
±19mA
± 190mA
150mVp-p
10mA
309mA
81
± 68μF
PFKC05-48S33 36 – 75 VDC
3.3 VDC
100mA
1000mA
75mVp-p
5mA
100mA
73
2200μF
PFKC05-48S05 36 – 75 VDC
5 VDC
100mA
1000mA
75mVp-p
5mA
141mA
78
1000μF
PFKC05-48S12 36 – 75 VDC
12 VDC
47mA
470mA
120mVp-p
5mA
153mA
81
220μF
PFKC05-48S15 36 – 75 VDC
15 VDC
40mA
400mA
150mVp-p
5mA
162mA
81
150μF
PFKC05-48D05 36 – 75 VDC
± 5 VDC
±50mA
± 500mA
75mVp-p
10mA
143mA
77
± 680μF
PFKC05-48D12 36 – 75 VDC
± 12 VDC
±23mA
± 230mA
120mVp-p
10mA
149mA
81
± 100μF
PFKC05-48D15 36 – 75 VDC
± 15 VDC
±19mA
± 190mA
150mVp-p
10mA
154mA
81
± 68μF
Note
1. BELLCORE TR-NWT-000332. Case 1: 50% Stress, Temperature at 40ºC.
MIL-HDBK-217F Notice2 @Ta=25 ºC, Full load(Ground, Benign, controlled environment).
2. Maximum value at nominal input voltage and full load.
3. Typical value at nominal input voltage and no load.
4. Typical value at nominal input voltage and full load.
5. Test by minimum Vin and constant resistive load.
6. An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5.
The filter capacitor Power Mate suggest: Nippon chemi-con KY series, 220μF/100V, ESR 48mΩ.
7. The output requires a minimum loading on the output to maintain specified regulation. Operation under no-load condition will not damage these devices,
however they may not meet all listed specification.
PFKC05-48S05 Derating Curve
0
20
40
60
80
100
120
-25
-5
1535
557595
115
AMBIENT TEMPERATURE(℃)
71
PFKC05-48S05
Efficiency VS Output Load
55
60
65
70
75
80
85
10
20
30
40
50
60
70
80
90
100
OUTPUT LOAD (% of Full Load)


Similar Part No. - PFKC05-24D12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PFKC05-24D12 ETC1-PFKC05-24D12 Datasheet
97Kb / 2P
   5 WATTS REGULATED OUTPUT POWER / STANDARD 24 PIN DIP PACKAGE & SMD TYPE PACKAGE
logo
RSG Electronic Componen...
PFKC05-24D12 RSG-PFKC05-24D12 Datasheet
196Kb / 3P
   5 WATTS REGULATED OUTPUT POWER
logo
Power Mate Technology C...
PFKC05-24D12 P-DUKE-PFKC05-24D12 Datasheet
1Mb / 3P
   5 WATTS DC-DC CONVERTER
More results

Similar Description - PFKC05-24D12

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
PFKC05 RSG-PFKC05 Datasheet
196Kb / 3P
   5 WATTS REGULATED OUTPUT POWER
VKC03 RSG-VKC03 Datasheet
111Kb / 2P
   3 WATTS REGULATED OUTPUT POWER
logo
Power Mate Technology C...
DR1P5-05S05 P-DUKE-DR1P5-05S05 Datasheet
212Kb / 3P
   1.5 WATTS REGULATED OUTPUT POWER
logo
List of Unclassifed Man...
PFKC03 ETC1-PFKC03 Datasheet
99Kb / 2P
   3 WATTS REGULATED OUTPUT POWER
logo
Power Mate Technology C...
MKC03-12S33 P-DUKE-MKC03-12S33 Datasheet
308Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
logo
RSG Electronic Componen...
FKC03 RSG-FKC03 Datasheet
144Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
logo
Power Mate Technology C...
PMKC03-05S33 P-DUKE-PMKC03-05S33 Datasheet
239Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
FKC03-12S33 P-DUKE-FKC03-12S33 Datasheet
236Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
logo
List of Unclassifed Man...
YKC03 ETC1-YKC03 Datasheet
93Kb / 2P
   3 WATTS REGULATED OUTPUT POWER
logo
Power Mate Technology C...
PFKC03-05S33 P-DUKE-PFKC03-05S33 Datasheet
255Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com