Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFKC03-24S33 Datasheet(PDF) 2 Page - Power Mate Technology Co., LTD

Part # PFKC03-24S33
Description  3 WATTS REGULATED OUTPUT POWER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

PFKC03-24S33 Datasheet(HTML) 2 Page - Power Mate Technology Co., LTD

  PFKC03-24S33 Datasheet HTML 1Page - Power Mate Technology Co., LTD PFKC03-24S33 Datasheet HTML 2Page - Power Mate Technology Co., LTD PFKC03-24S33 Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2 of 3 Issued Date:2008/05/21
Output Current
Input Current
Model
Number
Input
Range
Output
Voltage
Min. load Full load
Output
(4)
Ripple & Noise No load
(3)
Full load
(2)
Eff
(4)
(%)
Capacitor
(5)
Load max
PFKC03-05S33
4.5 – 6 VDC
3.3 VDC
60mA
600mA
75mVp-p
20mA
649mA
66
2200μF
PFKC03-05S05
4.5 – 6 VDC
5 VDC
60mA
600mA
75mVp-p
20mA
909mA
70
1000μF
PFKC03-05S12
4.5 – 6 VDC
12 VDC
25mA
250mA
120mVp-p
35mA
835mA
76
170μF
PFKC03-05S15
4.5 – 6 VDC
15 VDC
20mA
200mA
150mVp-p
35mA
845mA
75
110μF
PFKC03-05D05
4.5 – 6 VDC
± 5 VDC
±30mA
± 300mA
75mVp-p
20mA
857mA
74
± 500μF
PFKC03-05D12
4.5 – 6 VDC
± 12 VDC
±12mA
± 125mA
120mVp-p
25mA
845mA
75
± 96μF
PFKC03-05D15
4.5 – 6 VDC
± 15 VDC
±10mA
± 100mA
150mVp-p
55mA
870mA
73
± 47μF
PFKC03-12S33
9 – 18 VDC
3.3 VDC
60mA
600mA
75mVp-p
10mA
266mA
70
2200μF
PFKC03-12S05
9 – 18 VDC
5 VDC
60mA
600mA
75mVp-p
10mA
353mA
75
1000μF
PFKC03-12S12
9 – 18 VDC
12 VDC
25mA
250mA
120mVp-p
15mA
333mA
79
170μF
PFKC03-12S15
9 – 18 VDC
15 VDC
20mA
200mA
150mVp-p
15mA
343mA
77
110μF
PFKC03-12D05
9 – 18 VDC
± 5 VDC
±30mA
± 300mA
75mVp-p
15mA
348mA
76
± 500μF
PFKC03-12D12
9 – 18 VDC
± 12 VDC
±12mA
± 125mA
120mVp-p
20mA
338mA
78
± 96μF
PFKC03-12D15
9 – 18 VDC
± 15 VDC
±10mA
± 100mA
150mVp-p
25mA
333mA
79
± 47μF
PFKC03-24S33
18 – 36 VDC
3.3 VDC
60mA
600mA
75mVp-p
10mA
123mA
71
2200μF
PFKC03-24S05
18 – 36 VDC
5 VDC
60mA
600mA
75mVp-p
10mA
174mA
76
1000μF
PFKC03-24S12
18 – 36 VDC
12 VDC
25mA
250mA
120mVp-p
10mA
164mA
80
170μF
PFKC03-24S15
18 – 36 VDC
15 VDC
20mA
200mA
150mVp-p
10mA
164mA
80
110μF
PFKC03-24D05
18 – 36 VDC
± 5 VDC
±30mA
± 300mA
75mVp-p
10mA
172mA
77
± 500μF
PFKC03-24D12
18 – 36 VDC
± 12 VDC
±12mA
± 125mA
120mVp-p
10mA
167mA
79
± 96μF
PFKC03-24D15
18 – 36 VDC
± 15 VDC
±10mA
± 100mA
150mVp-p
10mA
167mA
79
± 47μF
PFKC03-48S33
36 – 75 VDC
3.3 VDC
60mA
600mA
75mVp-p
5mA
61mA
72
2200μF
PFKC03-48S05
36 – 75 VDC
5 VDC
60mA
600mA
75mVp-p
5mA
88mA
75
1000μF
PFKC03-48S12
36 – 75 VDC
12 VDC
25mA
250mA
120mVp-p
5mA
84mA
79
170μF
PFKC03-48S15
36 – 75 VDC
15 VDC
20mA
200mA
150mVp-p
5mA
84mA
79
110μF
PFKC03-48D05
36 – 75 VDC
± 5 VDC
±30mA
± 300mA
75mVp-p
5mA
86mA
77
± 500μF
PFKC03-48D12
36 – 75 VDC
± 12 VDC
±12mA
± 125mA
120mVp-p
5mA
84mA
79
± 96μF
PFKC03-48D15
36 – 75 VDC
± 15 VDC
±10mA
± 100mA
150mVp-p
5mA
84mA
79
± 47μF
Note
1.
BELLCORE TR-NWT-000332. Case 1: 50% Stress, Temperature at 40ºC.
MIL-HDBK-217F Notice2 @Ta=25 ºC, Full load(Ground, Benign, controlled environment).
2.
Maximum value at nominal input voltage and full load.
3.
Typical value at nominal input voltage and no load.
4.
Typical value at nominal input voltage and full load.
5.
Test by minimum Vin and constant resistive load.
6.
An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5.
The filter capacitor Power Mate suggest: Nippon chemi-con KY series, 220μF/100V, ESR 48mΩ.
7.
The output requires a minimum loading on the output to maintain specified regulation. Operation under no-load condition will not
damage these devices, however they may not meet all listed specification.
PFKC03-48S05 Derating Curve
0
20
40
60
80
100
120
-25
-5153555
7595
115
AMBIENT TEMPERATURE(℃)
71


Similar Part No. - PFKC03-24S33

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PFKC03-24S33 ETC1-PFKC03-24S33 Datasheet
99Kb / 2P
   3 WATTS REGULATED OUTPUT POWER
logo
RSG Electronic Componen...
PFKC03-24S33 RSG-PFKC03-24S33 Datasheet
174Kb / 3P
   3 WATTS DC-DC CONVERTER
logo
Power Mate Technology C...
PFKC03-24S33 P-DUKE-PFKC03-24S33 Datasheet
682Kb / 3P
   3 WATTS DC-DC CONVERTER
More results

Similar Description - PFKC03-24S33

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
VKC03 RSG-VKC03 Datasheet
111Kb / 2P
   3 WATTS REGULATED OUTPUT POWER
logo
List of Unclassifed Man...
PFKC03 ETC1-PFKC03 Datasheet
99Kb / 2P
   3 WATTS REGULATED OUTPUT POWER
logo
Power Mate Technology C...
MKC03-12S33 P-DUKE-MKC03-12S33 Datasheet
308Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
logo
RSG Electronic Componen...
FKC03 RSG-FKC03 Datasheet
144Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
logo
Power Mate Technology C...
PMKC03-05S33 P-DUKE-PMKC03-05S33 Datasheet
239Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
FKC03-12S33 P-DUKE-FKC03-12S33 Datasheet
236Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
logo
List of Unclassifed Man...
YKC03 ETC1-YKC03 Datasheet
93Kb / 2P
   3 WATTS REGULATED OUTPUT POWER
logo
RSG Electronic Componen...
PFKC05 RSG-PFKC05 Datasheet
196Kb / 3P
   5 WATTS REGULATED OUTPUT POWER
logo
Power Mate Technology C...
DR1P5-05S05 P-DUKE-DR1P5-05S05 Datasheet
212Kb / 3P
   1.5 WATTS REGULATED OUTPUT POWER
PFKC05-12S33 P-DUKE-PFKC05-12S33 Datasheet
235Kb / 3P
   5 WATTS REGULATED OUTPUT POWER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com