Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVDS117DGG Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS117DGG
Description  DUAL 4-PORT AND DUAL 8-PORT LVDS REPEATERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS117DGG Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN65LVDS117DGG Datasheet HTML 3Page - Texas Instruments SN65LVDS117DGG Datasheet HTML 4Page - Texas Instruments SN65LVDS117DGG Datasheet HTML 5Page - Texas Instruments SN65LVDS117DGG Datasheet HTML 6Page - Texas Instruments SN65LVDS117DGG Datasheet HTML 7Page - Texas Instruments SN65LVDS117DGG Datasheet HTML 8Page - Texas Instruments SN65LVDS117DGG Datasheet HTML 9Page - Texas Instruments SN65LVDS117DGG Datasheet HTML 10Page - Texas Instruments SN65LVDS117DGG Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
SN65LVDS109, SN65LVDS117
DUAL 4-PORT AND DUAL 8-PORT LVDS REPEATERS
SLLS369C – AUGUST 1999 – REVISED MARCH 2000
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output
1.6
2.8
4.5
ns
tPHL
Propagation delay time, high-to-low-level output
1.6
2.8
4.5
ns
tr
Differential output signal rise time
0.3
0.8
1.2
ns
tf
Differential output signal fall time
RL = 100 Ω,
CL 10 pF
0.3
0.8
1.2
ns
tsk(p)
Pulse skew (|tPHL - tPLH|)‡
CL = 10 pF,
See Figure 4
140
500
ps
tsk(o)
Output skew§
See Figure 4
100
550
ps
tsk(b)
Bank skew¶
40
150
ps
tsk(pp)
Part-to-part skew#
1.5
ns
tPZH
Propagation delay time, high-impedance-to-high-level output
5.7
15
tPZL
Propagation delay time, high-impedance-to-low-level output
See Figure 5
7.7
15
ns
tPHZ
Propagation delay time, high-level-to-high-impedance output
See Figure 5
3.2
15
tPLZ
Propagation delay time, low-level-to-high-impedance output
3.2
15
ns
† All typical values are at 25
°C and with a 3.3 V supply.
‡ tsk(p) is the magnitude of the time difference between the tPLH and tPHL of any output of a single device.
§ tsk(o) is the magnitude of the time difference between the tPLH or tPHL of any outputs with both inputs tied together.
¶ tsk(b) is the magnitude of the time difference between the tPLH and tPHL of the two outputs of any bank of a single device.
# tsk(pp) is the magnitude of the time difference in propagation delay times between any specified terminals of two devices when both devices
operate with the same supply voltages, at the same temperature, and have identical packages and test circuits.
PARAMETER MEASUREMENT INFORMATION
(VOY + VOZ)/2
IOZ
IOY
Y
Z
VOD
VOY
VOC
VOZ
VID
VIB
VIA
IIA
A
B
IIB
Figure 1. Voltage and Current Definitions


Similar Part No. - SN65LVDS117DGG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS117DGG TI1-SN65LVDS117DGG Datasheet
670Kb / 26P
[Old version datasheet]   DUAL 4-PORT AND DUAL 8-PORT LVDS REPEATERS
SN65LVDS117DGGG4 TI1-SN65LVDS117DGGG4 Datasheet
670Kb / 26P
[Old version datasheet]   DUAL 4-PORT AND DUAL 8-PORT LVDS REPEATERS
SN65LVDS117DGGR TI1-SN65LVDS117DGGR Datasheet
670Kb / 26P
[Old version datasheet]   DUAL 4-PORT AND DUAL 8-PORT LVDS REPEATERS
SN65LVDS117DGGRG4 TI1-SN65LVDS117DGGRG4 Datasheet
670Kb / 26P
[Old version datasheet]   DUAL 4-PORT AND DUAL 8-PORT LVDS REPEATERS
More results

Similar Description - SN65LVDS117DGG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS109 TI1-SN65LVDS109_13 Datasheet
670Kb / 26P
[Old version datasheet]   DUAL 4-PORT AND DUAL 8-PORT LVDS REPEATERS
logo
STMicroelectronics
STLVDS104 STMICROELECTRONICS-STLVDS104 Datasheet
151Kb / 8P
   4-PORT LVDS AND 4-PORT TTL-TO LVDS REPEATERS
STLVDS104 STMICROELECTRONICS-STLVDS104_06 Datasheet
385Kb / 12P
   4-port lvds and 4-port TTL-to LVDS repeaters
STLVDS105 STMICROELECTRONICS-STLVDS105 Datasheet
149Kb / 8P
   4-PORT LVDS AND 4-PORT TTL-TO LVDS REPEATERS
May 2003
logo
Texas Instruments
SN65LVDS104 TI-SN65LVDS104_08 Datasheet
650Kb / 27P
[Old version datasheet]   4-PORT LVDS AND 4-PORT TTL-TO-LVDS REPEATERS
SN65LVDS104 TI-SN65LVDS104_07 Datasheet
510Kb / 26P
[Old version datasheet]   4-PORT LVDS AND 4-PORT TTL-TO-LVDS REPEATERS
SN65LVDS104 TI-SN65LVDS104 Datasheet
414Kb / 24P
[Old version datasheet]   4-PORT LVDS AND 4-PORT TTL-TO-LVDS REPEATERS
SN65LVDS104 TI1-SN65LVDS104 Datasheet
440Kb / 33P
[Old version datasheet]   4-Port LVDS and 4-Port TTL-to-LVDS Repeaters
logo
Maxim Integrated Produc...
MAX9169 MAXIM-MAX9169 Datasheet
291Kb / 19P
   4-Port LVDS and LVTTL-to-LVDS Repeaters
19-2616; Rev 0; 10/02
logo
Texas Instruments
SN65LVDS22 TI-SN65LVDS22 Datasheet
188Kb / 13P
[Old version datasheet]   DUAL MULTIPLEXED LVDS REPEATERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com