Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVDS117DGG Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS117DGG
Description  DUAL 4-PORT AND DUAL 8-PORT LVDS REPEATERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS117DGG Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN65LVDS117DGG Datasheet HTML 5Page - Texas Instruments SN65LVDS117DGG Datasheet HTML 6Page - Texas Instruments SN65LVDS117DGG Datasheet HTML 7Page - Texas Instruments SN65LVDS117DGG Datasheet HTML 8Page - Texas Instruments SN65LVDS117DGG Datasheet HTML 9Page - Texas Instruments SN65LVDS117DGG Datasheet HTML 10Page - Texas Instruments SN65LVDS117DGG Datasheet HTML 11Page - Texas Instruments SN65LVDS117DGG Datasheet HTML 12Page - Texas Instruments SN65LVDS117DGG Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
SN65LVDS109, SN65LVDS117
DUAL 4-PORT AND DUAL 8-PORT LVDS REPEATERS
SLLS369C – AUGUST 1999 – REVISED MARCH 2000
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Y
Z
VOD
Input
CL = 10 pF
(2 Places)
100
Ω ± 1 %
1.4 V
1.2 V
1 V
tPLH
tPHL
100%
80%
20%
0%
Input
Output
0 V
tf
tr
VOD(H)
VOD(L)
VIB
VIA
A
B
NOTE A: All input pulses are supplied by a generator having the following characteristics: tr or tf ≤ 1 ns, pulse repetition rate (PRR) = 50 Mpps,
pulsewidth = 10
±0.2 ns . CL includes instrumentation and fixture capacitance within 0,06 mm of the D.U.T.
Figure 4. Test Circuit, Timing, and Voltage Definitions for the Differential Output Signal
CL = 10 pF
(2 Places)
Y
Z
Inputs
49.9
Ω ± 1% (2 Places)
tPZH
tPHZ
tPZL
tPLZ
2 V
1.4 V
0.8 V
100%,
≅ 1.4 V
50%
0%, 1.2 V
0%,
≅ 1 V
100%, 1.2 V
50%
Input
VOY
or
VOZ
VOZ
or
VOY
VOY VOZ
1 V or 1.4 V
1.4 V or 1 V
EN
1.2 V
+
NOTE A: All input pulses are supplied by a generator having the following characteristics: tr or tf ≤ 1 ns, pulse repetition rate (PRR) = 0.5 Mpps,
pulsewidth = 500
±10 ns . CL includes instrumentation and fixture capacitance within 0,06 mm of the D.U.T.
Figure 5. Enable and Disable Time Circuit and Definitions


Similar Part No. - SN65LVDS117DGG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS117DGG TI1-SN65LVDS117DGG Datasheet
670Kb / 26P
[Old version datasheet]   DUAL 4-PORT AND DUAL 8-PORT LVDS REPEATERS
SN65LVDS117DGGG4 TI1-SN65LVDS117DGGG4 Datasheet
670Kb / 26P
[Old version datasheet]   DUAL 4-PORT AND DUAL 8-PORT LVDS REPEATERS
SN65LVDS117DGGR TI1-SN65LVDS117DGGR Datasheet
670Kb / 26P
[Old version datasheet]   DUAL 4-PORT AND DUAL 8-PORT LVDS REPEATERS
SN65LVDS117DGGRG4 TI1-SN65LVDS117DGGRG4 Datasheet
670Kb / 26P
[Old version datasheet]   DUAL 4-PORT AND DUAL 8-PORT LVDS REPEATERS
More results

Similar Description - SN65LVDS117DGG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS109 TI1-SN65LVDS109_13 Datasheet
670Kb / 26P
[Old version datasheet]   DUAL 4-PORT AND DUAL 8-PORT LVDS REPEATERS
logo
STMicroelectronics
STLVDS104 STMICROELECTRONICS-STLVDS104 Datasheet
151Kb / 8P
   4-PORT LVDS AND 4-PORT TTL-TO LVDS REPEATERS
STLVDS104 STMICROELECTRONICS-STLVDS104_06 Datasheet
385Kb / 12P
   4-port lvds and 4-port TTL-to LVDS repeaters
STLVDS105 STMICROELECTRONICS-STLVDS105 Datasheet
149Kb / 8P
   4-PORT LVDS AND 4-PORT TTL-TO LVDS REPEATERS
May 2003
logo
Texas Instruments
SN65LVDS104 TI-SN65LVDS104_08 Datasheet
650Kb / 27P
[Old version datasheet]   4-PORT LVDS AND 4-PORT TTL-TO-LVDS REPEATERS
SN65LVDS104 TI-SN65LVDS104_07 Datasheet
510Kb / 26P
[Old version datasheet]   4-PORT LVDS AND 4-PORT TTL-TO-LVDS REPEATERS
SN65LVDS104 TI-SN65LVDS104 Datasheet
414Kb / 24P
[Old version datasheet]   4-PORT LVDS AND 4-PORT TTL-TO-LVDS REPEATERS
SN65LVDS104 TI1-SN65LVDS104 Datasheet
440Kb / 33P
[Old version datasheet]   4-Port LVDS and 4-Port TTL-to-LVDS Repeaters
logo
Maxim Integrated Produc...
MAX9169 MAXIM-MAX9169 Datasheet
291Kb / 19P
   4-Port LVDS and LVTTL-to-LVDS Repeaters
19-2616; Rev 0; 10/02
logo
Texas Instruments
SN65LVDS22 TI-SN65LVDS22 Datasheet
188Kb / 13P
[Old version datasheet]   DUAL MULTIPLEXED LVDS REPEATERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com