Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75LBC184PE4 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN75LBC184PE4
Description  DIFFERENTIAL TRANSCEIVER WITH TRANSIENT VOLTAGE SUPPRESSION
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LBC184PE4 Datasheet(HTML) 5 Page - Texas Instruments

  SN75LBC184PE4 Datasheet HTML 1Page - Texas Instruments SN75LBC184PE4 Datasheet HTML 2Page - Texas Instruments SN75LBC184PE4 Datasheet HTML 3Page - Texas Instruments SN75LBC184PE4 Datasheet HTML 4Page - Texas Instruments SN75LBC184PE4 Datasheet HTML 5Page - Texas Instruments SN75LBC184PE4 Datasheet HTML 6Page - Texas Instruments SN75LBC184PE4 Datasheet HTML 7Page - Texas Instruments SN75LBC184PE4 Datasheet HTML 8Page - Texas Instruments SN75LBC184PE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
SN65LBC184, SN75LBC184
DIFFERENTIAL TRANSCEIVER
WITH TRANSIENT VOLTAGE SUPPRESSION
SLLS236F − OCTOBER 1996 − REVISED APRIL 2005
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DRIVER SECTION
electrical characteristics over recommended operating conditions (unless otherwise noted)
PARAMETER
ALTERNATE
SYMBOLS
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
DE = RE = 5 V,
No Load
12
25
mA
ICC
Supply current
NA
DE = 0 V,
RE = 5 V,
No Load
175
300
µA
IIH
High-level input current (D, DE, RE)
NA
VI = 2.4 V
50
µA
IIL
Low-level input current (D, DE, RE)
NA
VI = 0.4 V
−50
µA
Short-circuit output current
VO = −7 V
− 250
−120
IOS
Short-circuit output current
(see Note 5)
NA
VO = VCC
250
mA
IOS
(see Note 5)
NA
VO = 12 V
250
mA
IOZ
High-impedance output current
NA
See Receiver II
mA
VO
Output voltage
Voa, Vob
IO = 0
0
VCC
V
VOC(PP)
Peak-to-peak change in common-
mode output voltage during state
transitions
NA
See Figures 5 and 6
0.8
V
VOC
Common-mode output voltage
|Vos|
See Figure 4
1
3
V
|
∆VOC(SS)|
Magnitude of change, common-
mode steady-state output voltage
|Vos − Vos|
See Figure 5
0.1
V
|VOD|
Magnitude of differential output
Vo
IO = 0
1.5
6
V
|VOD|
Magnitude of differential output
voltage |VA − VB|
Vo
RL = 54 Ω,
See Figure 4
1.5
V
∆|VOD|
Change in differential voltage mag-
nitude between logic states
||Vt| − |Vt||
RL = 54 Ω
0.1
V
† All typical values are measured with TA = 25°C and VCC = 5 V.
NOTE 5: This parameter is measured with only one output being driven at a time.
switching characteristics over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
td(DH)
Differential output delay time, low-to-high-level output
1.3
µs
td(DL)
Differential-output delay time, high-to-low-level output
1.3
µs
tPLH
Propagation delay time, low-to-high-level output
RL = 54 Ω,
CL = 50 pF,
0.5
1.3
µs
tPHL
Propagation delay time, high-to-low-level output
RL = 54 Ω,
See Figure 5
CL = 50 pF,
0.5
1.3
µs
tsk(p)
Pulse skew (| td(DH) − td(DL) |)
See Figure 5
75
150
ns
tr
Rise time, single ended
0.25
1.2
µs
tf
Fall time, single ended
0.25
1.2
µs
tPZH
Output enable time to high level
RL = 110 Ω,
See Figure 2
3.5
µs
tPZL
Output enable time to low level
RL = 110 Ω,
See Figure 3
3.5
µs
tPHZ
Output disable time from high level
RL = 110 Ω,
See Figure 2
2
µs
tPLZ
Output disable time from low level
RL = 110 Ω,
See Figure 3
2
µs


Similar Part No. - SN75LBC184PE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC184PE4 TI-SN75LBC184PE4 Datasheet
506Kb / 21P
[Old version datasheet]   DIFFERENTIAL TRANSCEIVER WITH TRANSIENT VOLTAGE SUPPRESSION
SN75LBC184PE4 TI1-SN75LBC184PE4 Datasheet
1Mb / 27P
[Old version datasheet]   Differential Transceiver With Transient Voltage Suppression
More results

Similar Description - SN75LBC184PE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC184 TI-SN65LBC184_07 Datasheet
506Kb / 21P
[Old version datasheet]   DIFFERENTIAL TRANSCEIVER WITH TRANSIENT VOLTAGE SUPPRESSION
logo
Guangdong Youtai Semico...
SN65LBC184DR UMW-SN65LBC184DR Datasheet
370Kb / 16P
   DIFFERENTIAL TRANSCEIVER WITH TRANSIENT VOLTAGE SUPPRESSION
logo
Texas Instruments
SN65LBC184 TI1-SN65LBC184_17 Datasheet
1Mb / 27P
[Old version datasheet]   Differential Transceiver With Transient Voltage Suppression
logo
Guangdong Youtai Semico...
SN75LBC184DR UMW-SN75LBC184DR Datasheet
370Kb / 13P
   DIFFERENTIAL TRANSCEIVER WITH TRANSENT VOLTAGE SUPPRESSION
logo
Littelfuse
P6KE LITTELFUSE-P6KE Datasheet
139Kb / 5P
   Transient Voltage Suppression Diodes
1KSMB6.8A LITTELFUSE-1KSMB6.8A Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
P6SMB LITTELFUSE-P6SMB Datasheet
143Kb / 5P
   Transient Voltage Suppression Diodes
TPSMA6L LITTELFUSE-TPSMA6L Datasheet
1Mb / 6P
   Transient Voltage Suppression Diodes
SMBJ10A-E3 LITTELFUSE-SMBJ10A-E3 Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
logo
Shenzhen Luguang Electr...
AK6-058C LUGUANG-AK6-058C Datasheet
678Kb / 2P
   Transient Voltage Suppression Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com