Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMP690ACPA Datasheet(PDF) 3 Page - A1 PROs co., Ltd.

Part # IMP690ACPA
Description  μP Power Supplly Supervisor wiitth Battttery Backup Swiittch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP690ACPA Datasheet(HTML) 3 Page - A1 PROs co., Ltd.

  IMP690ACPA Datasheet HTML 1Page - A1 PROs co., Ltd. IMP690ACPA Datasheet HTML 2Page - A1 PROs co., Ltd. IMP690ACPA Datasheet HTML 3Page - A1 PROs co., Ltd. IMP690ACPA Datasheet HTML 4Page - A1 PROs co., Ltd. IMP690ACPA Datasheet HTML 5Page - A1 PROs co., Ltd. IMP690ACPA Datasheet HTML 6Page - A1 PROs co., Ltd. IMP690ACPA Datasheet HTML 7Page - A1 PROs co., Ltd. IMP690ACPA Datasheet HTML 8Page - A1 PROs co., Ltd. IMP690ACPA Datasheet HTML 9Page - A1 PROs co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
IMP690A
IMP690A , 692A
, 692A , 802L, 802M, 805L
, 802L, 802M, 805L
Absolute Maximum Ratings
Pin Description
Pin Terminal Voltage with Respect to Ground
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3V to 6.0V
VBATT . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3V to 6.0V
All Other Inputs* . . . . . . . . . . . . . . . . . . . –0.3V to (VCC + 0.3V)
Input Current at VCC . . . . . . . . . . . . . . . . . . 200mA
Input Current at VBATT . . . . . . . . . . . . . . . . . 50mA
Input Current at GND . . . . . . . . . . . . . . . . . 20mA
Output Current:
VOUT . . . . . . . . . . . . . . . Short circuit protected
All Other Inputs . . . . . . . . . . . . . . . . . . . 20mA
Rate of Rise: VBATT and VCC . . . . . . . . . . 100V/µs
Continuous Power Dissipation
Plastic DIP (derate 9mW/
°C above 70°C) . . . 800mW
SO (derate 5.9mW/
°C above 70°C) . . . . . . . . 500mW
CerDIP (derate 8mW/
°C above 70°C) . . . . . . 650mW
Operating Temperature Range (C Devices) . . . . 0
°C to 70°C
Operating Temperature Range (E Devices) . . . . –40
°C to 85°C
Storage Temperature Range . . . . . . . . . . . . . . . . . –65
°C to 160°C
Lead Temperature Soldering, (10 sec) . . . . . . . . 300
°C
* The input voltage limits on PFI and WDI may be exceeded if the
current is limited to less than 10mA
These are stress ratings only and functional operation is not implied.
Exposure to absolute maximum ratings for prolonged time periods may
affect device reliability.
Pin Number
IMP690A/IMP692A
IMP802L/IMP802M
IMP805L
Name
Function
1
1
VOUT
Voltage supply for RAM. When VCC is above the reset threshold, VOUT
connects to VCC through a P-channel MOS device. If VCC falls below the
reset threshold, this output will be connected to the backup supply at
VBATT (or VCC, whichever is higher) through the MOS switch to provide
continuous power to the CMOS RAM.
2
2
VCC
+5V power supply input
3
3
GND
Ground
4
4
PFI
Power failure monitor input. PFI is connected to the internal power fail
comparator which is referenced to 1.25V. The power fail output (PFO)
is active LOW but remains HIGH if PFI is above 1.25V. If this feature is
unused, the PFI pin should be connected to GND or VOUT.
5
5

PFO
Power-fail output.

PFO is active LOW whenever the PFI pin is less than
1.25V.
6
6
WDI
Watchdog input. The WDI input monitors microprocessor activity. An
internal timer is reset with each transition of the WDI input. If WDI is held
HIGH or LOW for longer than the watchdog timeout period, typically 1.6
seconds, RESET (or

RESET) is asserted for the reset pulse width time,
tRS, of 140ms, minimum.
7
––––

RESET
Active-LOW reset output. When triggered by VCC falling below the reset
threshold or by watchdog timer timeout, RESET (or

RESET) pulses low
for the reset pulse width, tRS, typically 200ms. It will remain low if VCC is
below the reset threshold (4.65V in the IMP690A/IMP802L and 4.4V in
the IMP692A/IMP802L) and remains low for 200ms after VCC rise above
the reset threshold.
––––
7
RESET
Active-HIGH reset output. The inverse of

RESET.
8
8
VBATT
Auxiliary power or backup-battery input. VBATT should be connected to
GND if the function is not used. This input has about 40mV of hysteresis
to prevent rapid toggling between VCC and VBATT.
3


Similar Part No. - IMP690ACPA

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IMP690ACPA IMP-IMP690ACPA Datasheet
225Kb / 10P
   關P POWER SUPPLY SUPERVISOR WITH BATTERY BACKUP SWITCH
More results

Similar Description - IMP690ACPA

ManufacturerPart #DatasheetDescription
logo
A1 PROs co., Ltd.
IMP2524 A1PROS-IMP2524 Datasheet
381Kb / 32P
   Quad USB Hiigh--Siide Power Swiittch wiitth Faulltt Dettecttiion
logo
Diodes Incorporated
PT7A7511 DIODES-PT7A7511 Datasheet
1Mb / 11P
   μP Supervisor Circuits
August 2020 Rev 1-3
logo
A1 PROs co., Ltd.
IMP1232LP A1PROS-IMP1232LP Datasheet
1Mb / 7P
   5V μP Power Supplly Moniittor and Ressett Ciircuiitt
06/15/99
logo
Maxim Integrated Produc...
MAX6361 MAXIM-MAX6361_05 Datasheet
178Kb / 12P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 3; 11/05
MAX6361 MAXIM-MAX6361_11 Datasheet
124Kb / 11P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 4; 10/11
logo
Texas Instruments
TPS3606-33 TI-TPS3606-33 Datasheet
388Kb / 18P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR LOW-POWER PROCESSORS
logo
Alliance Semiconductor ...
ASM690 ALSC-ASM690 Datasheet
323Kb / 13P
   UP Power Supply Supervisor With Battery Backup Switch
logo
Texas Instruments
TPS3617-50 TI1-TPS3617-50 Datasheet
271Kb / 15P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3617 TI1-TPS3617 Datasheet
612Kb / 17P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
logo
IMP, Inc
IMP690A IMP-IMP690A Datasheet
225Kb / 10P
   關P POWER SUPPLY SUPERVISOR WITH BATTERY BACKUP SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com