Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMP1232LPEMA Datasheet(PDF) 5 Page - A1 PROs co., Ltd.

Part # IMP1232LPEMA
Description  5V μP Power Supplly Moniittor and Ressett Ciircuiitt
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP1232LPEMA Datasheet(HTML) 5 Page - A1 PROs co., Ltd.

  IMP1232LPEMA Datasheet HTML 1Page - A1 PROs co., Ltd. IMP1232LPEMA Datasheet HTML 2Page - A1 PROs co., Ltd. IMP1232LPEMA Datasheet HTML 3Page - A1 PROs co., Ltd. IMP1232LPEMA Datasheet HTML 4Page - A1 PROs co., Ltd. IMP1232LPEMA Datasheet HTML 5Page - A1 PROs co., Ltd. IMP1232LPEMA Datasheet HTML 6Page - A1 PROs co., Ltd. IMP1232LPEMA Datasheet HTML 7Page - A1 PROs co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
©
1999 IMP, Inc.
408-432-9100/www.impweb.com
3
IMP1
IMP1881100
Absolute Maximum Ratings
Electrical Characteristics
Voltage on VCC . . . . . . . . . . . . . . . . . . . . . . . . –0.5V to 7V
Voltage on RESET . . . . . . . . . . . . . . . . . . . . . –0.5V to VCC + 0.5V
Operating Temperature Range . . . . . . . . . . . –40
°C to 85°C
Soldering Temperature . . . . . . . . . . . . . . . . . . 260
°C for 10 seconds
Storage Temperature . . . . . . . . . . . . . . . . . . . –55
°C to 125°C
Voltages measured with respect to ground.
These are stress ratings only and functional operation is not implied.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Supply Voltage
VCC
1.2
5.5
V
Output Voltage
VOH
IOUT < 500µA
VCC – 0.5V
VCC – 0.1V
V
Output Current
IOH
Output = 2.4V, VCC ≥ 2.7V
350
µA
Output Current
IOL
Output = 0.4V, VCC ≥ 2.7V
+10
mA
Operating Current
ICC
VCC < 5.5V, RESET output open
8
20
µA
VCC Trip Point (IMP1810-5)
VCCTP
4.50
4.62
4.75
V
VCC Trip Point (IMP1810-10)
VCCTP
4.25
4.37
4.49
V
VCC Trip Point (IMP1810-15)
VCCTP
4.00
4.12
4.24
V
Output Capacitance
COUT
10
pF
VCC Detect to RESET Low
tRPD
2
5
µs
VCC Slew Rate
tF
300
µs
(VCCTP (MAX) to VCCTP (MIN))
VCC Slew Rate
tR
0
ns
(VCCTP (MIN) to VCCTP (MAX))
VCC Detect to RESET High
tRPU
tr = 5µs
100
150
300
ms
Unless otherwise noted, VCC = 1.2V to 5.5V and specifications are over the operating temperature range of – 40°C to +85°C.
All voltages are referenced to ground.
Notes 1. The tF value is for reference in defining values for tRPD and should not be considered a requirement for proper operation or use.


Similar Part No. - IMP1232LPEMA

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IMP1232LPEMA IMP-IMP1232LPEMA Datasheet
104Kb / 7P
   5V 關P Power Suppl er Supply Monit y Monitor and or and Reset Cir eset Circuit
More results

Similar Description - IMP1232LPEMA

ManufacturerPart #DatasheetDescription
logo
A1 PROs co., Ltd.
IMP1832 A1PROS-IMP1832 Datasheet
115Kb / 7P
   3..3V 關P Power Supplly Moniittor and Ressett Ciircuiitt
IMP1834 A1PROS-IMP1834 Datasheet
247Kb / 8P
   Duall 5V and 3..3V mP Power Supplly Superviissorss w/Manuall Ressett
07/02/99
IMP690A A1PROS-IMP690A Datasheet
227Kb / 10P
   μP Power Supplly Supervisor wiitth Battttery Backup Swiittch
IMP1810 A1PROS-IMP1810 Datasheet
1Mb / 36P
   Low Power,, 5V - Ressett- Acttiive LOW,, Open--Draiin Outtputt
06/15/99
logo
Maxim Integrated Produc...
MAX6301 MAXIM-MAX6301_10 Datasheet
160Kb / 12P
   5V, Low-Power μP Supervisory Circuits with Adjustable Reset/Watchdog
Rev 4; 9/10
MAX6464UK45 MAXIM-MAX6464UK45 Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and μP Supervisory Circuits
Rev 2; 12/05
MAX6464UK31 MAXIM-MAX6464UK31 Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and μP Supervisory Circuits
Rev 2; 12/05
logo
Bel Fuse Inc.
PEE1100-12-054XA BEL-PEE1100-12-054XA Datasheet
1Mb / 25P
   Front-End AC-DC Power Supplly
logo
Diodes Incorporated
PT7A7511 DIODES-PT7A7511 Datasheet
1Mb / 11P
   μP Supervisor Circuits
August 2020 Rev 1-3
logo
Maxim Integrated Produc...
MAX6800 MAXIM-MAX6800_12 Datasheet
123Kb / 7P
   3-Pin, Low-Power μP Reset Circuits
Rev 4; 3/12
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com