Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMP706PCSA Datasheet(PDF) 3 Page - A1 PROs co., Ltd.

Part # IMP706PCSA
Description  3/3..3/4..0V μP Supervisorr Circuits
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP706PCSA Datasheet(HTML) 3 Page - A1 PROs co., Ltd.

  IMP706PCSA Datasheet HTML 1Page - A1 PROs co., Ltd. IMP706PCSA Datasheet HTML 2Page - A1 PROs co., Ltd. IMP706PCSA Datasheet HTML 3Page - A1 PROs co., Ltd. IMP706PCSA Datasheet HTML 4Page - A1 PROs co., Ltd. IMP706PCSA Datasheet HTML 5Page - A1 PROs co., Ltd. IMP706PCSA Datasheet HTML 6Page - A1 PROs co., Ltd. IMP706PCSA Datasheet HTML 7Page - A1 PROs co., Ltd. IMP706PCSA Datasheet HTML 8Page - A1 PROs co., Ltd. IMP706PCSA Datasheet HTML 9Page - A1 PROs co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
©
1999 IMP, Inc.
408-432-9100/www.impweb.com
3
IMP706P/R/S/T/J, IMP708R/S/T/J
IMP706P/R/S/T/J, IMP708R/S/T/J
Absolute Maximum Ratings
Electrical Characteristics
Pin Terminal Voltage with Respect to Ground
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3V to 6.0V
All other inputs . . . . . . . . . . . . . . . . . . . . . . . . –0.3V to (VCC + 0.3V)
Input Current at VCC and GND . . . . . . . . . . 20mA
Output Current: All outputs . . . . . . . . . . . . . 20mA
Rate of Rise at VCC . . . . . . . . . . . . . . . . . . . . . 100V/µs
Plastic DIP Power Dissipation . . . . . . . . . . . 700mW
(Derate 9mW/
°C above 70°C)
SO Power Dissipation . . . . . . . . . . . . . . . . . . 470mW
(Derate 5.9mW/
°C above 70°C)
MicroSO Power Dissipation . . . . . . . . . . . . . 330mW
(Derate 4.1mW/
°C above 70°C)
Operating Temperature Range
IMP706xE, IMP708xE . . . . . . . . . . . . . . . . . . –40
°C to +85°C
IMP706xC, IMP708xC . . . . . . . . . . . . . . . . . . 0
°C to +70°C
Storage Temperature Range . . . . . . . . . . . . . . –65
°C to +160°C
Lead Temperature Soldering (10 sec) . . . . . . 300
°C
These are stress ratings only and functional operation is not implied.
Exposure to absolute maximum ratings for prolonged time periods may
affect device reliability.
Unless otherwise noted, specifications are over the operating temperature range and VCC supply voltages are 2.7V to 5.5V (IMP706P,
IMP708R), 3.0V to 5.5V (IMP706/8S), 3.15V to 5.5V (IMP706/8T) and 4.1V to 5.5V (IMP706/8J).
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
it
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
ti
n
U
e
g
a
t
l
o
V
g
n
i
t
a
r
e
p
O
e
g
n
a
R
V C
C
C
x
8
0
7
P
M
I
,
C
x
6
0
7
P
M
I
E
x
8
0
7
P
M
I
,
E
x
6
0
7
P
M
I
1
.
1
2
.
1
5
.
5
5
.
5
V
t
n
e
r
r
u
C
y
l
p
p
u
S
V C
C
V
6
.
3
<
I C
C
V
=
R
M
,
E
x
6
0
7
P
M
I
,
C
x
6
0
7
P
M
I
C
C
g
n
i
t
a
o
l
F
I
D
W
,5
70
4
1
µA
V
=
R
M
,
E
x
8
0
7
P
M
I
,
C
x
8
0
7
P
M
I
C
C
g
n
i
t
a
o
l
F
I
D
W
,0
50
4
1
t
n
e
r
r
u
C
y
l
p
p
u
S
V C
C
V
5
.
5
<
I C
C
V
=
R
M
,
E
x
6
0
7
P
M
I
,
C
x
6
0
7
P
M
I
C
C
g
n
i
t
a
o
l
F
I
D
W
,5
70
4
1
µA
V
=
R
M
,
E
x
8
0
7
P
M
I
,
C
x
8
0
7
P
M
I
C
C
g
n
i
t
a
o
l
F
I
D
W
,0
50
4
1
d
l
o
h
s
e
r
h
T
T
E
S
E
RV T
R
s
e
c
i
v
e
d
R
d
n
a
P
s
e
c
i
v
e
d
S
s
e
c
i
v
e
d
T
s
e
c
i
v
e
d
J
5
5
.
2
5
8
.
2
0
0
.
3
9
8
.
3
3
6
.
2
3
9
.
2
8
0
.
3
0
0
.
4
0
7
.
2
0
0
.
3
5
1
.
3
0
1
.
4
V
d
l
o
h
s
e
r
h
T
T
E
S
E
R
s
i
s
e
r
e
t
s
y
H
0
4V
m
h
t
d
i
W
e
s
l
u
P
T
E
S
E
Rt S
R
V C
C
,
)
s
e
c
i
v
e
d
R
/
P
,
8
/
6
0
7
P
M
I
(
V
3
=
V C
C
)
s
e
c
i
v
e
d
T
/
S
,
8
/
6
0
7
P
M
I
(
V
3
.
3
=
V C
C
)
s
e
c
i
v
e
d
J
,
8
/
6
0
7
P
M
I
(
V
4
.
4
=
0
4
10
0
20
8
2s
m
V C
C
V
5
=0
0
2
h
t
d
i
W
e
s
l
u
P
R
Mt R
M
V
<
V
5
.
4
C
C
V
5
.
5
<0
5
1s
n
V
<
V
6
.
3
C
C
)
s
e
c
i
v
e
d
J
8
/
6
0
7
P
M
I
(
V
5
.
4
<
V
)
X
A
M
(
T
S
R
V
<
C
C
)
s
e
c
i
v
e
d
T
/
S
/
R
/
P
8
/
6
0
7
P
M
I
(
V
6
.
3
<
0
0
5
y
a
l
e
D
t
u
O
T
E
S
E
R
o
t
R
Mt D
M
V
<
V
6
.
3
C
C
)
s
e
c
i
v
e
d
J
8
/
6
0
7
P
M
I
(
V
5
.
4
<
V
)
X
A
M
(
T
S
R
V
<
C
C
)
s
e
c
i
v
e
d
T
/
S
/
R
/
P
8
/
6
0
7
P
M
I
(
V
6
.
3
<
0
5
7s
n
V
<
V
5
.
4
C
C
V
5
.
5
<0
5
2
d
l
o
h
s
e
r
h
T
t
u
p
n
I
R
MV H
I
V
)
X
A
M
(
T
S
R
V
<
C
C
V
5
.
4
<V
7
.
0
C
C
V
V L
I
V
)
X
A
M
(
T
S
R
V
<
C
C
V
5
.
4
<6
.
0
V H
I
V
<
V
5
.
4
C
C
V
5
.
5
<0
.
2
V L
I
V
<
V
5
.
4
C
C
V
5
.
5
<8
.
0
r
o
t
s
i
s
e
R
p
u
-
ll
u
P
R
MRP
0
10
20
4k
e
g
a
t
l
o
V
t
u
p
t
u
O
T
E
S
E
R
)
s
e
c
i
v
e
d
J
/
T
/
S
/
R
ll
A
(
V H
O
I
E
C
R
U
O
S
0
0
8
=
µ
V
<
V
5
.
4
,
A
C
C
V
5
.
5
<V C
C
V
5
.
1
–V
V L
O
I
K
N
I
S
V
<
V
5
.
4
,
A
m
2
.
3
=
C
C
V
5
.
5
<4
.
0
V H
O
I
E
C
R
U
O
S
0
0
5
=
µ V
,
A
)
X
A
M
(
T
S
R
V
<
C
C
V
5
.
4
<V
8
.
0
C
C
V L
O
I
K
N
I
S
V
,
A
m
2
.
1
=
)
X
A
M
(
T
S
R
V
<
C
C
V
5
.
4
<3
.
0
V L
O
I
K
N
I
S
0
5
=
µ V
,
A
C
C
)
s
e
c
i
v
e
d
C
x
8
0
7
P
M
I
,
C
x
6
0
7
P
M
I
(
V
1
.
1
=3
.
0
I
K
N
I
S
0
0
1
=
µ V
,
A
C
C
)
s
e
c
i
v
e
d
E
x
8
0
7
P
M
I
,
E
x
6
0
7
P
M
I
(
V
2
.
1
=3
.
0


Similar Part No. - IMP706PCSA

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IMP706PCSA IMP-IMP706PCSA Datasheet
229Kb / 8P
   3/3.3/4.0V 關P SUPERVISOR CIRCUITS
More results

Similar Description - IMP706PCSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6800 MAXIM-MAX6800_12 Datasheet
123Kb / 7P
   3-Pin, Low-Power μP Reset Circuits
Rev 4; 3/12
logo
First Silicon Co., Ltd
FTK3960P FS-FTK3960P Datasheet
1Mb / 5P
   3 0V N-Channel MOSFETs
logo
Maxim Integrated Produc...
MAX6332_V3 MAXIM-MAX6332_V3 Datasheet
95Kb / 6P
   3-Pin, Ultra-Low-Voltage, Low-Power μP Reset Circuits
Rev 3; 6/12
logo
Cyrustek corporation
ES51960 CYRUSTEK-ES51960 Datasheet
317Kb / 23P
   3 3/4 Auto DMM
ES51983 CYRUSTEK-ES51983 Datasheet
362Kb / 21P
   3 3/4 AUTO DMM
ES51977 CYRUSTEK-ES51977 Datasheet
270Kb / 21P
   3 3/4 AUTO EASY
logo
List of Unclassifed Man...
ES51961 ETC1-ES51961 Datasheet
1Mb / 24P
   3 3/4 MANU DMM
logo
Cyrustek corporation
ES51961 CYRUSTEK-ES51961 Datasheet
456Kb / 26P
   3 3/4 MANU DMM
ES51983 CYRUSTEK-ES51983_11 Datasheet
589Kb / 21P
   3 3/4 AUTO DMM
logo
NXP Semiconductors
10119 PHILIPS-10119 Datasheet
181Kb / 5P
   4-Wide 4-3-3-3-Input OR-AND Gate
June 14 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com