Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMP2524-2BN Datasheet(PDF) 7 Page - A1 PROs co., Ltd.

Part # IMP2524-2BN
Description  Quad USB Hiigh--Siide Power Swiittch wiitth Faulltt Dettecttiion
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP2524-2BN Datasheet(HTML) 7 Page - A1 PROs co., Ltd.

Back Button IMP2524-2BN Datasheet HTML 3Page - A1 PROs co., Ltd. IMP2524-2BN Datasheet HTML 4Page - A1 PROs co., Ltd. IMP2524-2BN Datasheet HTML 5Page - A1 PROs co., Ltd. IMP2524-2BN Datasheet HTML 6Page - A1 PROs co., Ltd. IMP2524-2BN Datasheet HTML 7Page - A1 PROs co., Ltd. IMP2524-2BN Datasheet HTML 8Page - A1 PROs co., Ltd. IMP2524-2BN Datasheet HTML 9Page - A1 PROs co., Ltd. IMP2524-2BN Datasheet HTML 10Page - A1 PROs co., Ltd. IMP2524-2BN Datasheet HTML 11Page - A1 PROs co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
© 2000 IMP, Inc.
408-432-9100/www.impweb.com
1
IMP2525
IMP2525
POWER MANAGEMENT
Applications
N USB power management
N USB hosts and self-powered hubs
N Battery-charger circuits and power supplies
N Meets or exceeds USB Rev. 1.1 and 2.0
specification
N Low MOSFET RON (0.14Ω at 3V)
N 2.7V to 5.5V input operation
N Current limiting
N Soft-start turn-on (1ms) prevents turn-on glitches
N 500mA continuous load current
N MOSFET short-circuit current limit (1.25A max)
N Low supply current
– 110µA ON state current, 1µA OFF state current
N Active-LOW or Active-HIGH Enable input
N 3.3V or 5V logic compatibility
N Fault Flag indicates three fault conditions:
– Undervoltage
– Current limit
– Thermal shutdown
N Open-drain Fault Flag output
N 2.4V Undervoltage Lockout (UVLO)
N Pin compatible with the Micrel MIC2525
Block Diagrams
USB High-Side P
USB High-Side Po
ow
wer Switc
er Switch
h
– Sing
– Single switc
le switch
h
– 0.
– 0.1144
"ON" r
"ON" resis
esisttance at 3V
ance at 3V
– MIC2525 pin com
– MIC2525 pin compatible
patible
The IMP2525 high-side power switch IC is designed for self-powered
and bus-powered Universal Serial Bus (USB) power supply and power
management applications. The IMP2525 conforms to USB standards
with a low output switch ON-resistance (RON) and minimal voltage drop
across the switch. The fault current is limited to 750mA typically, and
a flag output conveys fault conditions to the local USB controller.
The IMP2525 provides a “Soft-Start” function that ramps up the ON-
current to eliminate any excessive voltage drop on the input side that
could occur due to charging a capacitive load in bus-powered applica-
tions. Self-monitoring features include thermal shutdown to prevent
catastrophic switch failure from high-current loads and undervoltage
lockout (UVLO) that insures that the device remains off unless there is a
valid supply voltage present. The Enable input logic can be interfaced
with both 3.3V and 5V logic. Both active-HIGH and active-LOW enable
logic versions are available. The IMP2525 devices are available in 8-pin
DIP and 8-pin SO packages.
IMP offers a complete family of USB power management products. For
dual-switch applications see the IMP2526 data sheet and for quad-switch
application, see the IMP2524. The single-switch IMP2525A features a
50% lower switch resistance, 0.07
Ω.
2525_01.eps
OUT
NC/OUT
8
6
FLG
2
GND
3
IMP2525
Power
Switch
Gate
Control
Current
Limit
1.2V
Reference
UVLO
Thermal
Shutdown
Oscillator
EN
1
IN
7
Charge
Pump
Key Features


Similar Part No. - IMP2524-2BN

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IMP2524 IMP-IMP2524 Datasheet
117Kb / 4P
   Quad USB High-Side Power Switch with Fault Detection
More results

Similar Description - IMP2524-2BN

ManufacturerPart #DatasheetDescription
logo
A1 PROs co., Ltd.
IMP690A A1PROS-IMP690A Datasheet
227Kb / 10P
   μP Power Supplly Supervisor wiitth Battttery Backup Swiittch
logo
Micrel Semiconductor
MIC2527 MICREL-MIC2527 Datasheet
124Kb / 12P
   Quad USB Power Control Switch
MIC2027 MICREL-MIC2027_06 Datasheet
1Mb / 17P
   Quad USB Power Distribution Switch
logo
SynQor Worldwide Headqu...
MQFL-28-06S SYNQOR-MQFL-28-06S Datasheet
654Kb / 16P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
logo
Analog Intergrations Co...
AIC1529 AIC-AIC1529 Datasheet
275Kb / 11P
   Quad USB High-Side Power Switch
AIC1527 AIC-AIC1527 Datasheet
158Kb / 8P
   Quad USB High-Side Power Switch
logo
Texas Instruments
LM3544 TI1-LM3544 Datasheet
818Kb / 15P
[Old version datasheet]   Quad Port USB Power Distribution Switch
logo
Silicon Standard Corp.
SS6527 SSC-SS6527 Datasheet
508Kb / 9P
   Quad USB High-Side Power Switch
logo
SynQor Worldwide Headqu...
MQME-28-P SYNQOR-MQME-28-P Datasheet
601Kb / 12P
   HIIGH RELLIIABIILLIITTY EMI FIILLTTER
logo
Generalplus Technology ...
GPL085A GENERALPLUS-GPL085A Datasheet
717Kb / 15P
   Low Power 660--dott LCD Conttrollller wiitth 64KB ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com