Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMP2525A-2BM Datasheet(PDF) 4 Page - A1 PROs co., Ltd.

Part # IMP2525A-2BM
Description  Quad USB Hiigh--Siide Power Swiittch wiitth Faulltt Dettecttiion
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP2525A-2BM Datasheet(HTML) 4 Page - A1 PROs co., Ltd.

  IMP2525A-2BM Datasheet HTML 1Page - A1 PROs co., Ltd. IMP2525A-2BM Datasheet HTML 2Page - A1 PROs co., Ltd. IMP2525A-2BM Datasheet HTML 3Page - A1 PROs co., Ltd. IMP2525A-2BM Datasheet HTML 4Page - A1 PROs co., Ltd. IMP2525A-2BM Datasheet HTML 5Page - A1 PROs co., Ltd. IMP2525A-2BM Datasheet HTML 6Page - A1 PROs co., Ltd. IMP2525A-2BM Datasheet HTML 7Page - A1 PROs co., Ltd. IMP2525A-2BM Datasheet HTML 8Page - A1 PROs co., Ltd. IMP2525A-2BM Datasheet HTML 9Page - A1 PROs co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
IMP252
IMP252 4/2
4/2 77
2
408-432-9100/www.impweb.com
© 2000 IMP, Inc.
Pin Descriptions
Pin Configuration
Ordering Information
4
GND
3
OUTA
2
ENA
1
FLGA
13 INA/B
14 OUTB
15 ENB
16 FLGB
8
FLGC
7
ENC
6
OUTC
5
INC/D
9
FLGD
10 END
11 OUTD
12 GND
2524/27_02.eps
IMP2524/27
SO/DIP
2524/27_03.eps
OUTA
3
INA/B
GND
13
4
GND
12
FLGA
2
ENA
1
Logic,
Charge
Pump
OUTB
14
ENB
15
FLGB
16
Logic,
Charge
Pump
OUTC
6
INC/D
5
FLGC
8
ENC
7
Logic,
Charge
Pump
OUTD
11
END
10
FLGD
9
Logic,
Charge
Pump
IMP2524/27
r
e
b
m
u
N
n
i
Pe
m
a
Nn
o
i
t
c
n
u
F
1A
G
L
F
-
r
e
d
n
u
o
t
e
s
n
o
p
s
e
r
n
i
e
t
a
t
s
W
O
L
-
e
v
i
t
c
a
n
a
o
t
n
i
s
e
o
g
t
u
p
t
u
o
n
i
a
r
d
-
n
e
p
o
s
i
h
T
.
t
u
p
t
u
o
A
g
a
l
F
t
l
u
a
F
.
s
n
o
i
t
i
d
n
o
c
n
w
o
d
t
u
h
s
l
a
m
r
e
h
t
r
o
t
i
m
il
t
n
e
r
r
u
c
,
e
g
a
t
l
o
v
2A
N
E
H
G
I
H
-
e
v
i
t
c
a
h
t
o
B
.
t
u
p
n
i
c
i
g
o
l
l
o
r
t
n
o
c
r
e
v
i
r
d
h
c
t
i
w
s
T
E
F
S
O
M
B
l
e
n
n
a
h
C
e
h
t
s
i
n
i
p
s
i
h
T
.
t
u
p
n
I
A
e
l
b
a
n
E
.
e
l
b
a
li
a
v
a
e
r
a
s
e
c
i
v
e
d
c
i
g
o
l
)
x
i
f
f
u
s
2
-
(
W
O
L
-
e
v
i
t
c
a
d
n
a
)
x
i
f
f
u
s
1
-
(
3A
T
U
O
.
s
e
t
a
t
s
F
F
O
d
n
a
N
O
o
t
n
i
d
a
o
l
e
h
t
s
e
v
i
r
d
n
i
p
t
u
p
t
u
o
e
h
T
.
)
e
c
r
u
o
S
T
E
F
S
O
M
(
t
u
p
t
u
o
h
c
t
i
w
s
A
-
l
e
n
n
a
h
C
4D
N
G
.
r
e
h
t
e
g
o
t
6
d
n
a
4
s
n
i
p
h
t
o
b
t
c
e
n
n
o
C
.
C
I
e
h
t
f
o
y
r
t
i
u
c
r
i
c
l
a
n
r
e
t
n
i
e
h
t
r
o
f
n
r
u
t
e
r
y
l
p
p
u
s
r
e
w
o
P
.
d
n
u
o
r
G
5D
/
C
N
I
.
n
o
i
t
c
e
n
n
o
c
n
i
a
r
d
T
E
F
S
O
M
g
n
i
h
c
t
i
w
s
e
h
t
s
i
s
i
h
T
.
e
g
a
t
l
o
v
t
u
p
n
i
y
l
p
p
u
s
r
e
w
o
p
e
v
i
t
i
s
o
p
D
d
n
a
C
l
e
n
n
a
h
C
.
t
i
u
c
r
i
c
p
m
u
p
-
e
g
r
a
h
c
e
h
t
d
n
a
c
i
g
o
l
e
h
t
r
o
f
t
u
p
n
i
e
g
a
t
l
o
v
y
l
p
p
u
s
D
l
e
n
n
a
h
c
d
n
a
C
l
e
n
n
a
h
c
e
h
t
s
i
t
I
6C
T
U
O
.
s
e
t
a
t
s
F
F
O
d
n
a
N
O
o
t
n
i
d
a
o
l
e
h
t
s
e
v
i
r
d
n
i
p
t
u
p
t
u
o
e
h
T
.
)
e
c
r
u
o
S
T
E
F
S
O
M
(
t
u
p
t
u
o
h
c
t
i
w
s
C
-
l
e
n
n
a
h
C
7C
N
E
H
G
I
H
-
e
v
i
t
c
a
h
t
o
B
.
t
u
p
n
i
c
i
g
o
l
l
o
r
t
n
o
c
r
e
v
i
r
d
h
c
t
i
w
s
T
E
F
S
O
M
B
l
e
n
n
a
h
C
e
h
t
s
i
n
i
p
s
i
h
T
.
t
u
p
n
I
C
e
l
b
a
n
E
.
e
l
b
a
li
a
v
a
e
r
a
s
e
c
i
v
e
d
c
i
g
o
l
)
x
i
f
f
u
s
2
-
(
W
O
L
-
e
v
i
t
c
a
d
n
a
)
x
i
f
f
u
s
1
-
(
8C
G
L
F
-
r
e
d
n
u
o
t
e
s
n
o
p
s
e
r
n
i
e
t
a
t
s
W
O
L
-
e
v
i
t
c
a
n
a
o
t
n
i
s
e
o
g
t
u
p
t
u
o
n
i
a
r
d
-
n
e
p
o
s
i
h
T
.
t
u
p
t
u
o
C
g
a
l
F
t
l
u
a
F
.
s
n
o
i
t
i
d
n
o
c
n
w
o
d
t
u
h
s
l
a
m
r
e
h
t
r
o
t
i
m
il
t
n
e
r
r
u
c
,
e
g
a
t
l
o
v
9D
G
L
F
-
r
e
d
n
u
o
t
e
s
n
o
p
s
e
r
n
i
e
t
a
t
s
W
O
L
-
e
v
i
t
c
a
n
a
o
t
n
i
s
e
o
g
t
u
p
t
u
o
n
i
a
r
d
-
n
e
p
o
s
i
h
T
.
t
u
p
t
u
o
D
g
a
l
F
t
l
u
a
F
.
s
n
o
i
t
i
d
n
o
c
n
w
o
d
t
u
h
s
l
a
m
r
e
h
t
r
o
t
i
m
il
t
n
e
r
r
u
c
,
e
g
a
t
l
o
v
0
1D
N
E
H
G
I
H
-
e
v
i
t
c
a
h
t
o
B
.
t
u
p
n
i
c
i
g
o
l
l
o
r
t
n
o
c
r
e
v
i
r
d
h
c
t
i
w
s
T
E
F
S
O
M
B
l
e
n
n
a
h
C
e
h
t
s
i
n
i
p
s
i
h
T
.
t
u
p
n
I
D
e
l
b
a
n
E
.
e
l
b
a
li
a
v
a
e
r
a
s
e
c
i
v
e
d
c
i
g
o
l
)
x
i
f
f
u
s
2
-
(
W
O
L
-
e
v
i
t
c
a
d
n
a
)
x
i
f
f
u
s
1
-
(
1
1D
T
U
O
.
s
e
t
a
t
s
F
F
O
d
n
a
N
O
o
t
n
i
d
a
o
l
e
h
t
s
e
v
i
r
d
n
i
p
t
u
p
t
u
o
e
h
T
.
)
e
c
r
u
o
S
T
E
F
S
O
M
(
t
u
p
t
u
o
h
c
t
i
w
s
D
-
l
e
n
n
a
h
C
2
1D
N
G
.
r
e
h
t
e
g
o
t
6
d
n
a
4
s
n
i
p
h
t
o
b
t
c
e
n
n
o
C
.
C
I
e
h
t
f
o
y
r
t
i
u
c
r
i
c
l
a
n
r
e
t
n
i
e
h
t
r
o
f
n
r
u
t
e
r
y
l
p
p
u
s
r
e
w
o
P
.
d
n
u
o
r
G
3
1B
/
A
N
I
.
n
o
i
t
c
e
n
n
o
c
n
i
a
r
d
T
E
F
S
O
M
g
n
i
h
c
t
i
w
s
e
h
t
s
i
s
i
h
T
.
e
g
a
t
l
o
v
t
u
p
n
i
y
l
p
p
u
s
r
e
w
o
p
e
v
i
t
i
s
o
p
B
d
n
a
A
l
e
n
n
a
h
C
.
t
i
u
c
r
i
c
p
m
u
p
-
e
g
r
a
h
c
e
h
t
d
n
a
c
i
g
o
l
e
h
t
r
o
f
t
u
p
n
i
e
g
a
t
l
o
v
y
l
p
p
u
s
B
l
e
n
n
a
h
c
d
n
a
A
l
e
n
n
a
h
c
e
h
t
s
i
t
I
4
1B
T
U
O
.
s
e
t
a
t
s
F
F
O
d
n
a
N
O
o
t
n
i
d
a
o
l
e
h
t
s
e
v
i
r
d
n
i
p
t
u
p
t
u
o
e
h
T
.
)
e
c
r
u
o
S
T
E
F
S
O
M
(
t
u
p
t
u
o
h
c
t
i
w
s
B
-
l
e
n
n
a
h
C
5
1B
N
E
H
G
I
H
-
e
v
i
t
c
a
h
t
o
B
.
t
u
p
n
i
c
i
g
o
l
l
o
r
t
n
o
c
r
e
v
i
r
d
h
c
t
i
w
s
T
E
F
S
O
M
B
-
l
e
n
n
a
h
C
e
h
t
s
i
n
i
p
s
i
h
T
.
t
u
p
n
I
B
e
l
b
a
n
E
.
e
l
b
a
li
a
v
a
e
r
a
s
e
c
i
v
e
d
c
i
g
o
l
)
x
i
f
f
u
s
2
-
(
W
O
L
-
e
v
i
t
c
a
d
n
a
)
x
i
f
f
u
s
1
-
(
6
1B
G
L
F
-
r
e
d
n
u
o
t
e
s
n
o
p
s
e
r
n
i
e
t
a
t
s
W
O
L
-
e
v
i
t
c
a
n
a
o
t
n
i
s
e
o
g
t
u
p
t
u
o
n
i
a
r
d
-
n
e
p
o
s
i
h
T
.
t
u
p
t
u
o
B
g
a
l
F
t
l
u
a
F
.
s
n
o
i
t
i
d
n
o
c
n
w
o
d
t
u
h
s
l
a
m
r
e
h
t
r
o
t
i
m
il
t
n
e
r
r
u
c
,
e
g
a
t
l
o
v
1
0
t
7
2
/
4
2
5
2
r
e
b
m
u
N
n
i
Pc
i
g
o
L
e
l
b
a
n
Ee
c
n
a
t
s
i
s
e
R
N
O
l
a
c
i
p
y
Te
g
n
a
R
e
r
u
t
a
r
e
p
m
e
Te
g
a
k
c
a
P
-
s
n
i
P
M
W
B
1
-
4
2
5
2
P
M
IH
G
I
H
e
v
i
t
c
Am
0
0
1
C
°
5
8
+
o
t
C
°
0
4
O
S
-
6
1
M
W
B
2
-
4
2
5
2
P
M
IW
O
L
e
v
i
t
c
Am
0
0
1
C
°
5
8
+
o
t
C
°
0
4
O
S
-
6
1
N
B
1
-
4
2
5
2
P
M
IH
G
I
H
e
v
i
t
c
Am
0
0
1
C
°
5
8
+
o
t
C
°
0
4
P
I
D
-
6
1
N
B
2
-
4
2
5
2
P
M
IW
O
L
e
v
i
t
c
Am
0
0
1
C
°
5
8
+
o
t
C
°
0
4
P
I
D
-
6
1
M
W
B
1
-
7
2
5
2
P
M
IH
G
I
H
e
v
i
t
c
Am
0
0
2
C
°
5
8
+
o
t
C
°
0
4
O
S
-
6
1
M
W
B
2
-
7
2
5
2
P
M
IW
O
L
e
v
i
t
c
Am
0
0
2
C
°
5
8
+
o
t
C
°
0
4
O
S
-
6
1
N
B
1
-
7
2
5
2
P
M
IH
G
I
H
e
v
i
t
c
Am
0
0
2
C
°
5
8
+
o
t
C
°
0
4
P
I
D
-
6
1
N
B
2
-
7
2
5
2
P
M
IW
O
L
e
v
i
t
c
Am
0
0
2
C
°
5
8
+
o
t
C
°
0
4
P
I
D
-
6
1
2
0
t
7
2
/
4
2
5
2


Similar Part No. - IMP2525A-2BM

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IMP2524 IMP-IMP2524 Datasheet
117Kb / 4P
   Quad USB High-Side Power Switch with Fault Detection
IMP2527 IMP-IMP2527 Datasheet
117Kb / 4P
   Quad USB High-Side Power Switch with Fault Detection
More results

Similar Description - IMP2525A-2BM

ManufacturerPart #DatasheetDescription
logo
A1 PROs co., Ltd.
IMP690A A1PROS-IMP690A Datasheet
227Kb / 10P
   μP Power Supplly Supervisor wiitth Battttery Backup Swiittch
logo
Micrel Semiconductor
MIC2527 MICREL-MIC2527 Datasheet
124Kb / 12P
   Quad USB Power Control Switch
MIC2027 MICREL-MIC2027_06 Datasheet
1Mb / 17P
   Quad USB Power Distribution Switch
logo
SynQor Worldwide Headqu...
MQFL-28-06S SYNQOR-MQFL-28-06S Datasheet
654Kb / 16P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
logo
Analog Intergrations Co...
AIC1529 AIC-AIC1529 Datasheet
275Kb / 11P
   Quad USB High-Side Power Switch
AIC1527 AIC-AIC1527 Datasheet
158Kb / 8P
   Quad USB High-Side Power Switch
logo
Texas Instruments
LM3544 TI1-LM3544 Datasheet
818Kb / 15P
[Old version datasheet]   Quad Port USB Power Distribution Switch
logo
Silicon Standard Corp.
SS6527 SSC-SS6527 Datasheet
508Kb / 9P
   Quad USB High-Side Power Switch
logo
SynQor Worldwide Headqu...
MQME-28-P SYNQOR-MQME-28-P Datasheet
601Kb / 12P
   HIIGH RELLIIABIILLIITTY EMI FIILLTTER
logo
Generalplus Technology ...
GPL085A GENERALPLUS-GPL085A Datasheet
717Kb / 15P
   Low Power 660--dott LCD Conttrollller wiitth 64KB ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com