Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMP2525A-2BNIMP2526-1BM Datasheet(PDF) 11 Page - A1 PROs co., Ltd.

Part # IMP2525A-2BNIMP2526-1BM
Description  Quad USB Hiigh--Siide Power Swiittch wiitth Faulltt Dettecttiion
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP2525A-2BNIMP2526-1BM Datasheet(HTML) 11 Page - A1 PROs co., Ltd.

Back Button IMP2525A-2BNIMP2526-1BM Datasheet HTML 7Page - A1 PROs co., Ltd. IMP2525A-2BNIMP2526-1BM Datasheet HTML 8Page - A1 PROs co., Ltd. IMP2525A-2BNIMP2526-1BM Datasheet HTML 9Page - A1 PROs co., Ltd. IMP2525A-2BNIMP2526-1BM Datasheet HTML 10Page - A1 PROs co., Ltd. IMP2525A-2BNIMP2526-1BM Datasheet HTML 11Page - A1 PROs co., Ltd. IMP2525A-2BNIMP2526-1BM Datasheet HTML 12Page - A1 PROs co., Ltd. IMP2525A-2BNIMP2526-1BM Datasheet HTML 13Page - A1 PROs co., Ltd. IMP2525A-2BNIMP2526-1BM Datasheet HTML 14Page - A1 PROs co., Ltd. IMP2525A-2BNIMP2526-1BM Datasheet HTML 15Page - A1 PROs co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
IMP2525
IMP2525
© 2000 IMP, Inc.
USB High-Side Power Switches
5
Application Information
Supply Filtering
IMP strongly recommends the use of a 0.1
µF to 1µF bypass capac-
itor to control transients on the power supply pin. This capacitor,
connected from IN to GND, should be in close proximity to the
IMP2525 for maximum transient suppression. The lack of suitable
bypassing can result in ringing on the IN input when transients
occur. This ringing, due to supply lead inductance, could damage
IMP2525 control circuitry if the 8V maximum input rating is
exceeded.
Figure 1. Supply Bypassing
2525_04.eps
4.0V to 5.5V
0.1
µF to 1µF
IN
GND
IMP2525
3
7
Enable Input
As with any logic input, the enable pin, EN, must be driven to a
definitive logic state at all times. Floating the input can result in
spurious operation. Do not drive EN below GND.
Fault Flag Output
Soft Start
The IMP2525 provides a “Soft-Start” function that ramps up the
ON-current to eliminate any excessive voltage drop that could
occur due to charging a capacitive load in bus-powered applica-
tions. The "Soft-Start" results from a switch ON resistance, RON,
that is ramped down from a high impedance to 0.14
Ω in millisec-
onds. This RON ramping reduces the inrush current and related
transients occur when charging capacitive loads; a requirement
for meeting the USB voltage drop standards for bus-powered
applications (see Figure 2). In circuits with large load capacitances,
CBULK, exceeding 10
µF, the soft-start circuit shown in Figure 3 can
be used to limit the inrush start-up current to USB transient spec-
ifications. The current limiting feature of the IMP2525 provides
this high-load, soft-start operation.
2525_06.eps
EN
VBUS
GND
Cable
Bus Powered Hub
Cable
Downstream USB Device
USB
Host
1
0.1
µF
Capacitive
Load
CBULK
4.7
µF
OUT
FLG
2
IN
GND
IMP2525-xBM
USB
Controller
3
OUT
NC
4
8
7
6
5
NC
Figure 2. Soft-Start Application


Similar Part No. - IMP2525A-2BNIMP2526-1BM

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IMP2524 IMP-IMP2524 Datasheet
117Kb / 4P
   Quad USB High-Side Power Switch with Fault Detection
IMP2527 IMP-IMP2527 Datasheet
117Kb / 4P
   Quad USB High-Side Power Switch with Fault Detection
More results

Similar Description - IMP2525A-2BNIMP2526-1BM

ManufacturerPart #DatasheetDescription
logo
A1 PROs co., Ltd.
IMP690A A1PROS-IMP690A Datasheet
227Kb / 10P
   μP Power Supplly Supervisor wiitth Battttery Backup Swiittch
logo
Micrel Semiconductor
MIC2527 MICREL-MIC2527 Datasheet
124Kb / 12P
   Quad USB Power Control Switch
MIC2027 MICREL-MIC2027_06 Datasheet
1Mb / 17P
   Quad USB Power Distribution Switch
logo
SynQor Worldwide Headqu...
MQFL-28-06S SYNQOR-MQFL-28-06S Datasheet
654Kb / 16P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
logo
Analog Intergrations Co...
AIC1529 AIC-AIC1529 Datasheet
275Kb / 11P
   Quad USB High-Side Power Switch
AIC1527 AIC-AIC1527 Datasheet
158Kb / 8P
   Quad USB High-Side Power Switch
logo
Texas Instruments
LM3544 TI1-LM3544 Datasheet
818Kb / 15P
[Old version datasheet]   Quad Port USB Power Distribution Switch
logo
Silicon Standard Corp.
SS6527 SSC-SS6527 Datasheet
508Kb / 9P
   Quad USB High-Side Power Switch
logo
SynQor Worldwide Headqu...
MQME-28-P SYNQOR-MQME-28-P Datasheet
601Kb / 12P
   HIIGH RELLIIABIILLIITTY EMI FIILLTTER
logo
Generalplus Technology ...
GPL085A GENERALPLUS-GPL085A Datasheet
717Kb / 15P
   Low Power 660--dott LCD Conttrollller wiitth 64KB ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com