Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP-GB-LX-RNA Datasheet(PDF) 1 Page - Source Photonics, Inc.

Part # SP-GB-LX-RNA
Description  10Km Gigabit Ethernet SFP Transceiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SP-GB-LX-RNA Datasheet(HTML) 1 Page - Source Photonics, Inc.

  SP-GB-LX-RNA Datasheet HTML 1Page - Source Photonics, Inc. SP-GB-LX-RNA Datasheet HTML 2Page - Source Photonics, Inc. SP-GB-LX-RNA Datasheet HTML 3Page - Source Photonics, Inc. SP-GB-LX-RNA Datasheet HTML 4Page - Source Photonics, Inc. SP-GB-LX-RNA Datasheet HTML 5Page - Source Photonics, Inc. SP-GB-LX-RNA Datasheet HTML 6Page - Source Photonics, Inc. SP-GB-LX-RNA Datasheet HTML 7Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
10Km Gigabit Ethernet SFP Transceiver
SP-GB-LX
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS833-Jul1008
Rev A.7
LUMINENTOIC.COM
Features
• Data Rate 1.062 to 1.25 Gb/s
• Single 3.3V Supply
• 10km Reach
• 13dB Typical Link Budget
• Commercial, Reduced and Industrial Temp. Operation
• 1310nm FP Laser
• Fibre Channel 100-SM-LC-L Compliant
• Gigabit Ethernet IEEE 802.3ah Compliant
• SFP MSA SFF-8074i Compliant
• Telcordia GR-468 Compliant
• Digital Diagnostic SFF-8472 Compliant
• Color code Bail Latch : Blue
• RoHS compliant
Parameter
Symbol
Min.
Typ.
Max.
Unit
Supply Voltage
Vcc
3.135
3.3
3.465
V
Total Current
ICC
-
-
300
mA
Power Supply Rejectiona
PSR
100
-
-
mVp-p
Operating Case Temperature (-CxA)
Topr
-5
-
70
ºC
Operating Case Temperature (-RxA)
Topr
-20
-
85
ºC
Operating Case Temperature (-TxA)
Topr
-40
-
85
ºC
Storage Temperature
Tstg
-40
-
85
ºC
Data Rate GbE
DR
-
1250
-
Mbps
Data Rate FC
DR
-
1062.5
-
Mbps
a) 20Hz to 155MHz
General Operation
Parameter
Symbol
Min
Typical
Max
Unit
Optical Power
Pop
-9
-5
-3
dBm
Average Launch Power (Tx:Off)
Poff
-
-
-30
dBm
Extinction Ratio
ER
9
-
-
dB
Eye Mask
IEEE 802.3ah compliant
Total Jitter
TJ
-
-
200
ps
Optical Rise Timeb
tr
-
-
260
ps
Optical Fall Timeb
tf
-
-
260
ps
Mean Wavelength
λ
1270
1310
1355
nm
Spectral Width (RMS)
∆λ
IEEE 802.3ah 1000BASE-LX10 Compliant
Relative Intensity Noise
RIN
-
-
-120
dB/Hz
b) 20%-80% values
Transmitter Specifications (Optical)


Similar Part No. - SP-GB-LX-RNA

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SP-GB-LX-XDFN SOURCE-SP-GB-LX-XDFN Datasheet
293Kb / 9P
   Dual data-rate 1.25Gbps/1.0625Gbps
More results

Similar Description - SP-GB-LX-RNA

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SP-GB-MX-CNA SOURCE-SP-GB-MX-CNA Datasheet
497Kb / 7P
   10Km Gigabit Ethernet SFP Transceiver
SP-GB-ELX-CNA SOURCE-SP-GB-ELX-CNA Datasheet
476Kb / 7P
   20Km Gigabit Ethernet SFP Transceiver
SP-GB-YX-CDA SOURCE-SP-GB-YX-CDA Datasheet
489Kb / 7P
   60 Km Gigabit Ethernet SFP Transceiver
SP-GB-EZX-CDA SOURCE-SP-GB-EZX-CDA Datasheet
478Kb / 7P
   120 km Gigabit Ethernet SFP Transceiver
SP-GB-XD-CDA SOURCE-SP-GB-XD-CDA Datasheet
475Kb / 7P
   50 Km Gigabit Ethernet SFP Transceiver
logo
MRV Communications, Inc...
SFP-GD-MX MRV-SFP-GD-MX Datasheet
76Kb / 4P
   Multi-mode Gigabit Ethernet SFP Transceiver
logo
Source Photonics, Inc.
SP-GB-ZX-CDA SOURCE-SP-GB-ZX-CDA Datasheet
531Kb / 7P
   80 km Gigabit Ethernet SFP Transceiver
logo
Hitachi Semiconductor
HTR6516 HITACHI-HTR6516 Datasheet
569Kb / 16P
   SFP TRANSCEIVER for Gigabit Ethernet Fibre Channel
logo
Source Photonics, Inc.
SPC-GB-EZX-27CDA SOURCE-SPC-GB-EZX-27CDA Datasheet
485Kb / 7P
   CWDM 120 Km Gigabit Ethernet SFP Transceiver
SPC-GB-ZX-31CDA SOURCE-SPC-GB-ZX-31CDA Datasheet
513Kb / 8P
   CWDM 80 Km Gigabit Ethernet SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com