Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEM03-48D12 Datasheet(PDF) 1 Page - Power Mate Technology Co., LTD

Part # TEM03-48D12
Description  3 WATTS MAXIMUM OUTPUT POWER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

TEM03-48D12 Datasheet(HTML) 1 Page - Power Mate Technology Co., LTD

  TEM03-48D12 Datasheet HTML 1Page - Power Mate Technology Co., LTD TEM03-48D12 Datasheet HTML 2Page - Power Mate Technology Co., LTD TEM03-48D12 Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3 Issued Date:2008/01/25
OUTPUT SPECIFICATIONS
Maximum output power
3 Watts
Voltage accuracy
Full load and nominal Vin
± 1%
Minimum load
0%
Line regulation
LL to HL at Full Load
± 0.2%
Load regulation
No load to Full load
± 0.5%
Ripple and noise
50MHz bandwidth
See table
Maximum temperature drift
±0.02% / ºC
Transient response recovery time
25% load step change
500μS, typ.
Short circuit protection
Continuous, automatics recovery
Over current protection
170%, typ.
OUTPUT VOLTAGE ADJUSTMENT TERMINAL(Vset )
(Note 6)
Model number
Open
-Vout shorted
+Vout shorted
XXS33
XXS05
XXS12
XXD12
3.3V
5V
12V
±12V
3.67V
6V
15V
±15V
2.84V
4.3V
-
-
Model number
Open
-Vout connected
with resistance (7)
+Vout connected
with resistance (7)
XXS33
XXS05
XXS12
XXD12
3.3V
5V
12V
±12V
3.3 to 3.67V
5 to 6V
12 to 15V
±12 to ±15V
(8-1)
(8-3)
(8-5)
(8-6)
3.3 to 2.84V
5 to 4.3V
-
-
(8-2)
(8-4)
GENERAL SPECIFICATIONS
Efficiency
See table
Isolation voltage
Input to Output
Input (Output) to Case
500 Vac
Isolation resistance
Input to Output
Input (Output) to Case
500VDC
50M ohms
Isolation capacitance
300 pF, max.
Safety standard pending
IEC60950-1, J60950-1, UL60950-1, EN60950-1
Switching frequency
Full load to No load
100K to 1500K Hz
Case material
Metal case
Base material
None
Weight
11.5g (0.41oz)
Dimension
1.12 x 0.81 x 0.33 Inch
(28.5 x 20.5 x 8.5 mm)
MTBF (Note 1)
BELLCORE TR-NWT-000332
MIL-HDBK-217F
4.248 x 10
6 hrs
4.941 x 10
6 hrs
INPUT SPECIFICATIONS
Input voltage range
5V nominal input
12V nominal input
24V nominal input
48V nominal input
4.5 – 9VDC
9 – 18VDC
18 – 36VDC
36 – 75VDC
Input filter
L-C filter
Input surge voltage
100mS max
5V nominal input
12V nominal input
24V nominal input
48V nominal input
15VDC
36VDC
50VDC
100VDC
ENVIRONMENTAL SPECIFICATIONS
Operating ambient temperature
-25ºC ~ +85ºC (with derating)
Maximum case temperature
100ºC
Storage temperature range
-55ºC ~ +105ºC
Cooling
Nature convection
Thermal shock
MIL-STD-810F
Vibration
At no operation, 10~55~10Hz (sweep for 15min.) amplitude
1.5mm constant (maximum 9G X, Y, Z 2hrs each)
Operating humidity range
20% to 95% RH
Storage humidity range
20% to 95% RH
EMC CHARACTERISTICS
EMI (Note 9)
EN55022
Class A
TECHNICAL SPECI F ICA T ION All specifications are typical at nominal input, full load and 25ºC otherwise noted
FEATURES
3 WATTS MAXIMUM OUTPUT POWER
OUTPUT CURRENT UP TO 600mA
PACKAGE, 1.12 x 0.81 x 0.33 INCH
HIGH EFFICIENCY UP TO 82%
2:1 WIDE INPUT VOLTAGE RANGE
FIVE-SIDED SHIELD
SWITCHING FREQENCY 100K TO 1500KHz.
NO EXTERNAL INPUT AND OUTPUT CAPACITOR NEEDED
LOW RIPPLE & NOISE
OVER CURRENT PROTECTION
SHORT CIRCUIT PROTECTION
LONG LIFE WITHOUT ELECTROLYTIC CAPACITOR
CE MARK MEETS 2006/95/EC, 93/68/EEC AND 2004/108//EC
DESIGN MEETS J60950-1, UL60950-1, EN60950-1 AND IEC60950-1
ISO9001 CERTIFIED MANUFACTURING FACILITIES
COMPLIANT TO RoHS EU DIRECTIVE 2002/95/EC
DESCRIPTION
The TEM03 series offer 3 watts of output power from a 1.12 x 0.81 x 0.33 inch
package without derating to 50ºC and without external input/output capacitor. The
TEM03 series with 2:1 wide input voltage of 4.5-9, 9-18, 18-36 and 36-75VDC and
features 500VAC of isolation, short-circuit protection.
APPLICATIONS
Wireless Network
Telecom/Datacom
Industry Control System
Measurement Equipment
Semiconductor Equipment


Similar Part No. - TEM03-48D12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TEM03-48D12 ETC1-TEM03-48D12 Datasheet
109Kb / 2P
   TEM03 SERIES
logo
RSG Electronic Componen...
TEM03-48D12 RSG-TEM03-48D12 Datasheet
173Kb / 3P
   3 WATTS DC-DC CONVERTER
More results

Similar Description - TEM03-48D12

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
PDL03-05S3P3 P-DUKE-PDL03-05S3P3 Datasheet
299Kb / 3P
   3 WATTS MAXIMUM OUTPUT POWER
PDL03-12S3P3W P-DUKE-PDL03-12S3P3W Datasheet
234Kb / 3P
   3 WATTS MAXIMUM OUTPUT POWER
logo
Wall Industries,Inc.
LANEUW3 WALL-LANEUW3 Datasheet
300Kb / 5P
   3 Watts Maximum Output Power
logo
Power Mate Technology C...
LED15-24S3P3 P-DUKE-LED15-24S3P3 Datasheet
328Kb / 3P
   15 WATTS MAXIMUM OUTPUT POWER
PDL02-05S33 P-DUKE-PDL02-05S33 Datasheet
309Kb / 3P
   2 WATTS MAXIMUM OUTPUT POWER
TEN06-05S33 P-DUKE-TEN06-05S33 Datasheet
306Kb / 3P
   6 WATTS MAXIMUM OUTPUT POWER
logo
Volgen Kaga Electronics...
MT20E-2433SI-W VOLGEN-MT20E-2433SI-W Datasheet
2Mb / 3P
   20 WATTS MAXIMUM OUTPUT POWER
logo
Power Mate Technology C...
FEC30-12S1P5 P-DUKE-FEC30-12S1P5 Datasheet
343Kb / 3P
   30 WATTS MAXIMUM OUTPUT POWER
QEB125-24S3P3 P-DUKE-QEB125-24S3P3 Datasheet
312Kb / 4P
   125 WATTS MAXIMUM OUTPUT POWER
TEA1P5-05S33 P-DUKE-TEA1P5-05S33 Datasheet
253Kb / 3P
   1.5 WATTS MAXIMUM OUTPUT POWER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com