Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP-03-ELR-CNA Datasheet(PDF) 2 Page - Source Photonics, Inc.

Part # SP-03-ELR-CNA
Description  155 Mbps SFP Transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SP-03-ELR-CNA Datasheet(HTML) 2 Page - Source Photonics, Inc.

  SP-03-ELR-CNA Datasheet HTML 1Page - Source Photonics, Inc. SP-03-ELR-CNA Datasheet HTML 2Page - Source Photonics, Inc. SP-03-ELR-CNA Datasheet HTML 3Page - Source Photonics, Inc. SP-03-ELR-CNA Datasheet HTML 4Page - Source Photonics, Inc. SP-03-ELR-CNA Datasheet HTML 5Page - Source Photonics, Inc. SP-03-ELR-CNA Datasheet HTML 6Page - Source Photonics, Inc. SP-03-ELR-CNA Datasheet HTML 7Page - Source Photonics, Inc. SP-03-ELR-CNA Datasheet HTML 8Page - Source Photonics, Inc. SP-03-ELR-CNA Datasheet HTML 9Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
155 Mbps SFP Transceiver
SP-03-ELR
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS883-Jul2908
Rev A.3
LUMINENTOIC.COM
Parameter
Symbol
Min
Typical
Max
Unit
Input Differential Impedence
Rin
80
100
120
Ω
PECL Single-Ended Data Input Swing
Vin,p-p
250
-
1200
mV
TxFault_Fault
Vfault
2
-
Vcc
V
TxFault_Normal
Vnormal
Vee
-
Vee+0.5
V
TxDisable_Disable
Vd
2
-
Vcc
V
TxDisable_Enable
Ven
Vee
-
Vee+0.8
V
Transmitter Specifications (Electrical)
Parameter
Symbol
Min
Typical
Max
Unit
Receive Power Lowc
Rsens,low
-
-36
-34
dBm
Receive Power Highc
Rsens,high
-10
-
-
dBm
Damage Threshold For Receiver
Pin,damage
4
-
-
dBm
Wavelengthd
λ
1480
1550
1580
nm
LOS Assert
-45
-
-
dBm
LOS De-Assert
-
-
-34
dBm
LOS Hysteresis
0.5
-
-
dB
c) AT BER 10-10, PRBS 223-1
d) Operational over 1200 to 1625 nm range
Receiver Specifications (Optical)
Parameter
Symbol
Min
Typical
Max
Unit
PECL Single-Ended Data Output Swing
Vout, p-p
185
-
800
mV
Data Output Rise Time
tr
-
-
1000
ps
Data Output Fall Time
tf
-
-
1000
ps
Receiver Specifications (Electrical)
Parameter
Symbol
Min
Typical
Max
Unit
Tx Disable Negate Time
t_on
-
-
5
ms
Tx Disable Assert Time
t_off
-
-
10
µs
Time To Initialize, Including Reset Of Tx Fault
t_init
-
-
300
ms
Tx Fault Assert Time
t_fault
-
-
100
µs
Tx Disable To Reset
t_reset
10
-
-
µs
LOS Assert Time
t_loss_on
-
-
100
µs
LOS De-Assert Time
t_loss_off
-
-
100
µs
Serial ID Clock Rate
f_serial_clock
-
-
100
kHz
RX_LOS Voltage (High)
2
-
-
V
RX_LOS Voltage (Low)
-
-
0.8
V
LOS Output Voltage-Fault
VLOS fault
2
-
Vcc
V
LOS Output Voltage-Normal
VLOSnormal
Vee
-
Vee+0.5
V
MOD_DEF (0:2)-High
Vh
2
-
Vcc
V
MOD_DEF (0:2)-LOW
Vl
Vee
-
Vee+0.5
V
Timing and Electrical


Similar Part No. - SP-03-ELR-CNA

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SP-03-IR1-CDA SOURCE-SP-03-IR1-CDA Datasheet
600Kb / 7P
   OC-3 IR1 SFP Transceiver
SP-03-IR1-CDFN SOURCE-SP-03-IR1-CDFN Datasheet
293Kb / 9P
   1310nm FP laser and PIN photodetector for 15km transmission
SP-03-IR1-CNA SOURCE-SP-03-IR1-CNA Datasheet
600Kb / 7P
   OC-3 IR1 SFP Transceiver
SP-03-IR1-IDFN SOURCE-SP-03-IR1-IDFN Datasheet
293Kb / 9P
   1310nm FP laser and PIN photodetector for 15km transmission
SP-03-IR1-TDA SOURCE-SP-03-IR1-TDA Datasheet
600Kb / 7P
   OC-3 IR1 SFP Transceiver
More results

Similar Description - SP-03-ELR-CNA

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
SFP-O3D-XLR MRV-SFP-O3D-XLR Datasheet
93Kb / 4P
   155 Mbps SFP Transceiver
logo
Source Photonics, Inc.
SP-03-LR1-CDA SOURCE-SP-03-LR1-CDA Datasheet
485Kb / 7P
   155 Mbps SFP Transceiver (LR1)
SPC-03-LR-47CDA SOURCE-SPC-03-LR-47CDA Datasheet
497Kb / 9P
   155 Mbps CWDM SFP Transceiver
SP-03-LR2-CDA SOURCE-SP-03-LR2-CDA Datasheet
474Kb / 7P
   155 Mbps SFP Transceiver (LR2)
SPC-03-ELR-47CDA SOURCE-SPC-03-ELR-47CDA Datasheet
497Kb / 9P
   155 Mbps CWDM SFP Transceiver
logo
Quanzhou Jinmei Electro...
SPB-3620G JMNIC-SPB-3620G Datasheet
177Kb / 6P
   155 Mbps Single-Fiber SFP Transceiver
logo
Optoway Technology Inc
SPB-3780G_2015 OPTOWAY-SPB-3780G_2015 Datasheet
177Kb / 6P
   155 Mbps Single-Fiber SFP Transceiver
SPB-3640G OPTOWAY-SPB-3640G_15 Datasheet
177Kb / 6P
   155 Mbps Single-Fiber SFP Transceiver
SPB-37160-1590G_2015 OPTOWAY-SPB-37160-1590G_2015 Datasheet
187Kb / 6P
   155 Mbps Single-Fiber SFP Transceiver
SPB-37200-1590G OPTOWAY-SPB-37200-1590G_15 Datasheet
185Kb / 6P
   155 Mbps Single-Fiber SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com