Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFMA1314-1W Datasheet(PDF) 3 Page - Excelics Semiconductor, Inc.

Part # RFMA1314-1W
Description  13.75 - 14.50 GHz Power Amplifier MMIC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

RFMA1314-1W Datasheet(HTML) 3 Page - Excelics Semiconductor, Inc.

  RFMA1314-1W Datasheet HTML 1Page - Excelics Semiconductor, Inc. RFMA1314-1W Datasheet HTML 2Page - Excelics Semiconductor, Inc. RFMA1314-1W Datasheet HTML 3Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RFMA1314-1W
UPDATED 01/03/2005
13.75 – 14.50 GHz Power Amplifier MMIC
Specifications are subject to change without notice.
Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085
page 3 of 3
Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
Revised January 2005
02 Package Outline
-1W
RFMA1314
Excelics
All dimensions in inches [mm]
ORDERING INFORMATION
Part Number
RFMA1314-1W-01
Refer 01 Package Outline
RFMA1314-1W-01A
Refer 01 Package Outline
RFMA1314-1W-01B
Refer 01 Package Outline
RFMA1314-1W-02
Refer 02 Package Outline


Similar Part No. - RFMA1314-1W

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
RFMA1314-2W EXCELICS-RFMA1314-2W Datasheet
97Kb / 2P
   13.75 - 14.50 GHz Power Amplifier MMIC
More results

Similar Description - RFMA1314-1W

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
RFMA1314-2W EXCELICS-RFMA1314-2W Datasheet
97Kb / 2P
   13.75 - 14.50 GHz Power Amplifier MMIC
EIC1314-12 EXCELICS-EIC1314-12 Datasheet
241Kb / 3P
   13.75-14.50 GHz 12-Watt Internally Matched Power FET
EID1314A1-8 EXCELICS-EID1314A1-8 Datasheet
170Kb / 4P
   13.75-14.50 GHz 8-Watt Internally-Matched Power FET
EID1314A1-12 EXCELICS-EID1314A1-12 Datasheet
91Kb / 2P
   13.75-14.50 GHz 12-Watt Internally Matched Power FET
EIC1314-7 EXCELICS-EIC1314-7 Datasheet
255Kb / 4P
   13.75-14.50 GHz 7-Watt Internally Matched Power FET
EID1314A1-5 EXCELICS-EID1314A1-5 Datasheet
122Kb / 4P
   13.75-14.50 GHz 5-Watt Internally-Matched Power FET
logo
Eudyna Devices Inc
FMM5051VF EUDYNA-FMM5051VF Datasheet
117Kb / 4P
   13.75-14.5GHz Power Amplifier MMIC
logo
List of Unclassifed Man...
TC4541 ETC-TC4541 Datasheet
85Kb / 3P
   13.75 - 14.5 GHz 2W MMIC
logo
Transcom, Inc.
TC4523 TRANSCOM-TC4523 Datasheet
102Kb / 3P
   13.75 - 14.5 GHz 0.5W MMIC
TC4535 TRANSCOM-TC4535 Datasheet
97Kb / 3P
   13.75 - 14.5 GHz 1W MMIC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com