Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC-MR-LR-57CDA Datasheet(PDF) 7 Page - Source Photonics, Inc.

Part # SPC-MR-LR-57CDA
Description  Multi-Rate CWDM SFP Transceiver(LR)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPC-MR-LR-57CDA Datasheet(HTML) 7 Page - Source Photonics, Inc.

  SPC-MR-LR-57CDA Datasheet HTML 1Page - Source Photonics, Inc. SPC-MR-LR-57CDA Datasheet HTML 2Page - Source Photonics, Inc. SPC-MR-LR-57CDA Datasheet HTML 3Page - Source Photonics, Inc. SPC-MR-LR-57CDA Datasheet HTML 4Page - Source Photonics, Inc. SPC-MR-LR-57CDA Datasheet HTML 5Page - Source Photonics, Inc. SPC-MR-LR-57CDA Datasheet HTML 6Page - Source Photonics, Inc. SPC-MR-LR-57CDA Datasheet HTML 7Page - Source Photonics, Inc. SPC-MR-LR-57CDA Datasheet HTML 8Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Multi-Rate CWDM SFP Transceiver(LR)
SPC-MR-LR-xx
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMINENTOIC.COM
LUMNDS1539-Aug0407
Rev A.3
Suggested Transceiver Interface
Protocol IC
SerDes
Laser Driver
Receiver Amplifier
LuminentOIC
SFP
Vcc
R
1
10�F
0.1�F
1�H
1�H
.01�F
VCC
T
10K�
TX_DISABLE
TX_FAULT
TD +
TD -
VEE
T
.01�F
.01�F
100�
VCC
R
10�F
0.1�F
.01�F
.01�F
100�
EEPROM
MOD_DEF 2
MOD_DEF 1
MOD_DEF 0
RD +
RD -
RX_LOS
TX_DISABLE
TX_FAULT
RX_LOS
R
1
R
1
R
1
R
1
VEE
R
Vcc
R
1=4.7K to 10K�


Similar Part No. - SPC-MR-LR-57CDA

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPC-MR-EIR-31CDA SOURCE-SPC-MR-EIR-31CDA Datasheet
493Kb / 8P
   Multi-Rate CWDM SFP Transceiver
SPC-MR-EIR-31CNA SOURCE-SPC-MR-EIR-31CNA Datasheet
493Kb / 8P
   Multi-Rate CWDM SFP Transceiver
SPC-MR-EIR-33CDA SOURCE-SPC-MR-EIR-33CDA Datasheet
493Kb / 8P
   Multi-Rate CWDM SFP Transceiver
SPC-MR-EIR-33CNA SOURCE-SPC-MR-EIR-33CNA Datasheet
493Kb / 8P
   Multi-Rate CWDM SFP Transceiver
SPC-MR-EIR-35CDA SOURCE-SPC-MR-EIR-35CDA Datasheet
493Kb / 8P
   Multi-Rate CWDM SFP Transceiver
More results

Similar Description - SPC-MR-LR-57CDA

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPC-MR-EIR-31CDA SOURCE-SPC-MR-EIR-31CDA Datasheet
493Kb / 8P
   Multi-Rate CWDM SFP Transceiver
logo
Finisar Corporation.
FWLF15217D FINISAR-FWLF15217D Datasheet
702Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF1621P2T47 FINISAR-FWLF1621P2T47 Datasheet
506Kb / 12P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF15217DXX FINISAR-FWLF15217DXX Datasheet
702Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF1521P2N47 FINISAR-FWLF1521P2N47 Datasheet
500Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWDM-1521-7D-47 FINISAR-FWDM-1521-7D-47 Datasheet
768Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF1621P2T FINISAR-FWLF1621P2T Datasheet
543Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF1521P2N FINISAR-FWLF1521P2N Datasheet
705Kb / 12P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF16217D FINISAR-FWLF16217D Datasheet
5Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF15217D47 FINISAR-FWLF15217D47 Datasheet
948Kb / 12P
   Multi-rate CWDM Pluggable SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com