Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFMA1415A-2W Datasheet(PDF) 2 Page - Excelics Semiconductor, Inc.

Part # RFMA1415A-2W
Description  14.20 - 14.60 GHz Power Amplifier MMIC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

RFMA1415A-2W Datasheet(HTML) 2 Page - Excelics Semiconductor, Inc.

  RFMA1415A-2W Datasheet HTML 1Page - Excelics Semiconductor, Inc. RFMA1415A-2W Datasheet HTML 2Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RFMA1415A-2W
UPDATED 02/16/2005
14.20 – 14.60 GHz Power Amplifier MMIC
Specifications are subject to change without notice.
Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085
page 2 of 2
Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
Revised February 2005
P3 Package Outline
RFMA1415A
Excelics
-2W
All dimensions in inches
Ordering Information
Part Number
RFMA1415A-2W-P3
Refer P3 Package Outline


Similar Part No. - RFMA1415A-2W

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
RFMA1415-0.5W EXCELICS-RFMA1415-0.5W Datasheet
117Kb / 3P
   14.40 - 15.40 GHz Power Amplifier MMIC
RFMA1415-0.5W-Q7 EXCELICS-RFMA1415-0.5W-Q7 Datasheet
150Kb / 4P
   14.40- 15.40GHz High Gain Surface-Mounted PA
RFMA1415-1W EXCELICS-RFMA1415-1W Datasheet
117Kb / 3P
   14.40 - 15.40 GHz Power Amplifier MMIC
RFMA1415-1W-Q7 EXCELICS-RFMA1415-1W-Q7 Datasheet
153Kb / 5P
   14.4 - 15.4 GHz High Gain Surface-Mounted PA
RFMA1415-2W EXCELICS-RFMA1415-2W Datasheet
93Kb / 2P
   14.4 - 15.4 GHz Power Amplifier MMIC
More results

Similar Description - RFMA1415A-2W

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EMP210 EXCELICS-EMP210 Datasheet
145Kb / 3P
   9.5 - 12 GHz Power Amplifier MMIC
EMP211-P1 EXCELICS-EMP211-P1 Datasheet
94Kb / 2P
   9.0 - 12.0 GHz Power Amplifier MMIC
EMP212 EXCELICS-EMP212 Datasheet
200Kb / 2P
   9.50 - 12.0 GHz Power Amplifier MMIC
EMP214 EXCELICS-EMP214 Datasheet
205Kb / 3P
   12.50- 15.50 GHz Power Amplifier MMIC
EMP214-P1 EXCELICS-EMP214-P1 Datasheet
98Kb / 2P
   12.50 - 15.50 GHz Power Amplifier MMIC
EMP103-P2 EXCELICS-EMP103-P2 Datasheet
94Kb / 2P
   6.4 - 8.0 GHz Power Amplifier MMIC
EMP104 EXCELICS-EMP104 Datasheet
292Kb / 2P
   5.0 - 6.5 GHz Power Amplifier MMIC
EMP215-P1 EXCELICS-EMP215-P1 Datasheet
94Kb / 2P
   12.5 - 16.5 GHz Power Amplifier MMIC
EMP106-P1 EXCELICS-EMP106-P1 Datasheet
87Kb / 1P
   5.0 - 6.5 GHz Power Amplifier MMIC
EMP110-P1 EXCELICS-EMP110-P1 Datasheet
94Kb / 2P
   5.8 - 8.0 GHz Power Amplifier MMIC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com