Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC-MR-EIR-53CNA Datasheet(PDF) 1 Page - Source Photonics, Inc.

Part # SPC-MR-EIR-53CNA
Description  Multi-Rate CWDM SFP Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPC-MR-EIR-53CNA Datasheet(HTML) 1 Page - Source Photonics, Inc.

  SPC-MR-EIR-53CNA Datasheet HTML 1Page - Source Photonics, Inc. SPC-MR-EIR-53CNA Datasheet HTML 2Page - Source Photonics, Inc. SPC-MR-EIR-53CNA Datasheet HTML 3Page - Source Photonics, Inc. SPC-MR-EIR-53CNA Datasheet HTML 4Page - Source Photonics, Inc. SPC-MR-EIR-53CNA Datasheet HTML 5Page - Source Photonics, Inc. SPC-MR-EIR-53CNA Datasheet HTML 6Page - Source Photonics, Inc. SPC-MR-EIR-53CNA Datasheet HTML 7Page - Source Photonics, Inc. SPC-MR-EIR-53CNA Datasheet HTML 8Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Multi-Rate CWDM SFP Transceiver
SPC-MR-EIR-xx
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMINENTOIC.COM
LUMNDS1538-Aug0407
Rev A.3
Parameter
Symbol
Min
Typical
Max
Unit
Optical Power
Pop
0
2
5
dBm
Average Launch Power Of Off Tx
Poff
-
-
-45
dBm
Extinction Ratio
ER
9
-
-
dB
Eye Mask
IEEE 802.3Z, SONET/SDH compliant
Optical Jitter Generation
Jgen
-
-
0.007
UI
Optical Rise Timeb
tr
-
-
160
ps
Optical Fall Timeb
tf
-
160
ps
Mean Wavelength
λ
1xxx-6.5nm
1xxx
1xxx+6.5nm
nm
Spectral Width (20dB)
∆λ
-
-
1
nm
Dispersion Penalty (60 Km)c
dp
-
0.5
1
dB
Relative Intensity Noise
RIN
-
-
-120
dB/Hz
Reflection Toleranced
rp
-24
-
-
dB
b) 20%-80% values
c) Measured at BER of 1e-12, PRBS of 223-1, at eye center
d) 1 dB degradation of receiver sensitivity
Transmitter Specifications (Optical)
Features
• Single 3.3 V supply
• 30/60 km reach (1270~1450nm/1470~1610nm)
• 20dB minnimum, 24 dB typical link budget
• Commercial temperature available
• CWDM wavelength, DFB laser
• SFP MSA SFF-8074i compliant
• GR 253/STM G.957 compliant
• Digital Diagnostic SFF-8472 Rev.9.3 compliant
• Telcordia GR-468 compliant
• RoHS compliant
Parameter
Symbol
Min.
Typical
Max.
Unit
Supply Voltage
Vcc
3.135
3.3
3.465
V
Total Current
Icc
-
-
300
mA
Power Supply Noise Rejectiona
PSR
100
-
-
mVp-p
Operating Temperature (-Cxx)
Top
-5
-
70
ºC
Storage Temperature
Tst
-40
-
85
ºC
Data Rate
DR
100
-
2700
Mbps
a) 20Hz to 155MHz
General Operating


Similar Part No. - SPC-MR-EIR-53CNA

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPC-MR-LR-31CDA SOURCE-SPC-MR-LR-31CDA Datasheet
494Kb / 8P
   Multi-Rate CWDM SFP Transceiver(LR)
SPC-MR-LR-31CNA SOURCE-SPC-MR-LR-31CNA Datasheet
494Kb / 8P
   Multi-Rate CWDM SFP Transceiver(LR)
SPC-MR-LR-33CDA SOURCE-SPC-MR-LR-33CDA Datasheet
494Kb / 8P
   Multi-Rate CWDM SFP Transceiver(LR)
SPC-MR-LR-33CNA SOURCE-SPC-MR-LR-33CNA Datasheet
494Kb / 8P
   Multi-Rate CWDM SFP Transceiver(LR)
SPC-MR-LR-35CDA SOURCE-SPC-MR-LR-35CDA Datasheet
494Kb / 8P
   Multi-Rate CWDM SFP Transceiver(LR)
More results

Similar Description - SPC-MR-EIR-53CNA

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FWLF15217D FINISAR-FWLF15217D Datasheet
702Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF1621P2T47 FINISAR-FWLF1621P2T47 Datasheet
506Kb / 12P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF15217DXX FINISAR-FWLF15217DXX Datasheet
702Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF1521P2N47 FINISAR-FWLF1521P2N47 Datasheet
500Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
logo
Source Photonics, Inc.
SPC-MR-LR-31CDA SOURCE-SPC-MR-LR-31CDA Datasheet
494Kb / 8P
   Multi-Rate CWDM SFP Transceiver(LR)
logo
Finisar Corporation.
FWDM-1521-7D-47 FINISAR-FWDM-1521-7D-47 Datasheet
768Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF1621P2T FINISAR-FWLF1621P2T Datasheet
543Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF1521P2N FINISAR-FWLF1521P2N Datasheet
705Kb / 12P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF16217D FINISAR-FWLF16217D Datasheet
5Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF15217D47 FINISAR-FWLF15217D47 Datasheet
948Kb / 12P
   Multi-rate CWDM Pluggable SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com