Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTM-9423T-KGHIG Datasheet(PDF) 2 Page - Source Photonics, Inc.

Part # FTM-9423T-KGHIG
Description  SFF GPON ONT Diplexer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

FTM-9423T-KGHIG Datasheet(HTML) 2 Page - Source Photonics, Inc.

  FTM-9423T-KGHIG Datasheet HTML 1Page - Source Photonics, Inc. FTM-9423T-KGHIG Datasheet HTML 2Page - Source Photonics, Inc. FTM-9423T-KGHIG Datasheet HTML 3Page - Source Photonics, Inc. FTM-9423T-KGHIG Datasheet HTML 4Page - Source Photonics, Inc. FTM-9423T-KGHIG Datasheet HTML 5Page - Source Photonics, Inc. FTM-9423T-KGHIG Datasheet HTML 6Page - Source Photonics, Inc. FTM-9423T-KGHIG Datasheet HTML 7Page - Source Photonics, Inc. FTM-9423T-KGHIG Datasheet HTML 8Page - Source Photonics, Inc. FTM-9423T-KGHIG Datasheet HTML 9Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
SFF GPON ONT Diplexer
FTM-9423P(T)-K(F)GH(i)G
Class B
+ attenuation range: 13-28dB
Preliminary Data Sheet
May. 15, 2007
Document Confidential Level: In public
Template ver. 1e
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 2 of 17
Regulatory Compliance
The transceivers have been tested according to American and European product safety and electromagnetic
compatibility regulations (See Table 1). For further information regarding regulatory certification, please refer to
Flexon
TM regulatory specification and safety guidelines, or contact with Fiberxon, Inc. America sales office listed at
the end of documentation.
Table 1 - Regulatory Compliance
Feature
Standard
Performance
Electrostatic Discharge
(ESD) to the Electrical Pins
MIL-STD-883E
Method 3015.7
Class
(>500 V)
Electromagnetic
Interference (EMI)
FCC Part 15 Class B
EN55022 Class B (CISPR 22B)
VCCI Class B
Compliant with standards
Immunity
IEC 61000-4-3
Compliant with standards
Laser Eye Safety
FDA 21CFR 1040.10 and 1040.11
EN60950, EN (IEC) 60825-1,2
Compliant with Class I laser product
Component Recognition
UL and CSA
Compliant with standards
RoHS
2002/95/EC 4.1&4.2
Compliant with standards
Absolute Maximum Ratings
Absolute Maximum Ratings are those values, beyond which, some damages may occur to the devices. Exposure
to conditions above the Absolute Maximum Ratings listed in Table 2 may negatively impact the reliability of the
products.
Table 2 - Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Unit
Note
Storage Ambient Temperature
TSTG
-40
85
°C
0
70
FTM-9423P(T)-K(F)GHG
Operating Case Temperature
(Note)
TC
-40
85
°C
FTM-9423P(T)-K(F)GHiG
Operating Humidity
HOPR
5
95
%
Power Supply Voltage
VCC
0
4
V
Input Voltage
GND
Vcc
V
Receiver Damaged Threshold
0
dBm
Soldering Temperature
260/10
°C/s
Bending Radius
30
mm
Note: Refer to temperature testing area marked in Figure 6


Similar Part No. - FTM-9423T-KGHIG

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-9423P-F10DC SOURCE-FTM-9423P-F10DC Datasheet
250Kb / 10P
   SFF 1.25G/2.5G EPON ONU Transceiver
FTM-9423P-F10DCG SOURCE-FTM-9423P-F10DCG Datasheet
250Kb / 10P
   SFF 1.25G/2.5G EPON ONU Transceiver
More results

Similar Description - FTM-9423T-KGHIG

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-9823T-CGH SOURCE-FTM-9823T-CGH Datasheet
329Kb / 18P
   GPON ONT Triplexer
logo
List of Unclassifed Man...
ODP-34-PE ETC2-ODP-34-PE Datasheet
816Kb / 4P
   GPON High Power Diplexer PRELIMINARY
logo
Source Photonics, Inc.
FTM-9412S-F20F SOURCE-FTM-9412S-F20F Datasheet
751Kb / 11P
   2x5 SFF GEPON ONU Diplexer
FTM-9412S-F10 SOURCE-FTM-9412S-F10 Datasheet
810Kb / 11P
   2x5 SFF GE-PON ONU Diplexer
logo
Maxim Integrated Produc...
MAX3886 MAXIM-MAX3886 Datasheet
302Kb / 17P
   Multirate CDR with Integrated Serializer/Deserializer for GPON and BPON ONT Applications
Rev 0; 12/07
logo
Finisar Corporation.
FTGN2117P2XXN FINISAR-FTGN2117P2XXN Datasheet
225Kb / 8P
   GPON Stick (GPON SFP ONU)
logo
Applied Micro Circuits ...
CS3157 AMCC-CS3157 Datasheet
38Kb / 2P
   GPON Transceiver With CDR
logo
Mini-Circuits
LDPG-212-322 MINI-LDPG-212-322 Datasheet
367Kb / 3P
   Diplexer
DPLC-8510A01M MINI-DPLC-8510A01M Datasheet
500Kb / 4P
   Diplexer
ZX75-23 MINI-ZX75-23 Datasheet
361Kb / 3P
   Diplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com