Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTM-3413C-SL05CG Datasheet(PDF) 5 Page - Source Photonics, Inc.

Part # FTM-3413C-SL05CG
Description  100BASE-FX/1000BASE-X Spring-Latch SFP Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

FTM-3413C-SL05CG Datasheet(HTML) 5 Page - Source Photonics, Inc.

  FTM-3413C-SL05CG Datasheet HTML 1Page - Source Photonics, Inc. FTM-3413C-SL05CG Datasheet HTML 2Page - Source Photonics, Inc. FTM-3413C-SL05CG Datasheet HTML 3Page - Source Photonics, Inc. FTM-3413C-SL05CG Datasheet HTML 4Page - Source Photonics, Inc. FTM-3413C-SL05CG Datasheet HTML 5Page - Source Photonics, Inc. FTM-3413C-SL05CG Datasheet HTML 6Page - Source Photonics, Inc. FTM-3413C-SL05CG Datasheet HTML 7Page - Source Photonics, Inc. FTM-3413C-SL05CG Datasheet HTML 8Page - Source Photonics, Inc. FTM-3413C-SL05CG Datasheet HTML 9Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
125M/1.25G Spring-Latch SFP Transceiver
550m transmission
Preliminary datasheet
Nov. 20, 2006
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 5 of 11
20 49 4E 43 2E 20 20 20
36
1
Reserved
00
37—39
3
Vendor OUI
00 00 00
40—55
16
Vendor PN
46 54 4D 2D 33 34 31 33
43 2D 53 4C 30 35 43 47
“FTM-3413C-SL05CG” (ASC )
56—59
4
Vendor rev
xx xx xx xx
ASC ( “31 30 20 20” means 1.0 revision)
60—61
2
Wavelength
05 1E
1310nm
62
1
Reserved
00
63
1
CC BASE
xx
Check sum of bytes 0 - 62
64—65
2
Options
00 1A
LOS, TX_FAULT and TX_DISABLE
66
1
BR, max
00
67
1
BR, min
00
68—83
16
Vendor SN
xx xx xx xx xx xx xx xx
xx xx xx xx xx xx xx xx
ASCⅡ
84—91
8
Vendor date codexx xx xx xx xx xx 20 20
Year(2 bytes), Month(2 bytes), Day (2 bytes)
92—94
3
Reserved
00 00 00
95
1
CC_EXT
xx
Check sum of bytes 64 - 94
96—154
58
Vendor specific
155
1
Reserved
Read only
156-247
Vendor specific
248
1
Status
Read only
249
1
CFG0
Work mode configuration
250
1
CFG1
Work mode configuration
251
1
CFG2
Work mode configuration
252
1
Status
Module status indication
253
1
Reserved
Read only
254
1
PSWH
Password entry
255
1
PSWL
Password entry
Note: The “xx” byte should be filled in according to practical case. For more information, please refer to the
related document of SFP Multi-Source Agreement (MSA) and application note.
Easier Configuration
Designing-in a high performance MCU in FTM-3413C-SL05CG, host can configure Fiberxon’s SGMII series
product easily.
For FTM-3413C-SL05CG, host only need access few registers of A0H via I2C to configure SGMII series
module, such as speed-selection, Auto-negotiation, LOS/Link detection, TX disable, FEFI/RFI and CRC
counter function support. Host can get inner status via access specific register of FTM-3413C-SL05CG.
The operation data rate can be configured via hardware pin and I2C bus independently.
For more detailed information, please refer to application note of FTM-3413C-SL05CG.


Similar Part No. - FTM-3413C-SL05CG

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-3413C-SL05ICG SOURCE-FTM-3413C-SL05ICG Datasheet
247Kb / 12P
   100BASE-FX/1000BASE-X Spring-Latch SFP Transceiver
More results

Similar Description - FTM-3413C-SL05CG

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-3413C-SL05ICG SOURCE-FTM-3413C-SL05ICG Datasheet
247Kb / 12P
   100BASE-FX/1000BASE-X Spring-Latch SFP Transceiver
FTM-8401C-SL2CG SOURCE-FTM-8401C-SL2CG Datasheet
235Kb / 10P
   100BASE-FX Spring-Latch SFP Transceiver
FTM-3401C-SL2ICG SOURCE-FTM-3401C-SL2ICG Datasheet
277Kb / 10P
   100BASE-FX Spring-Latch SGMII SFP Transceiver
FTM-3401C-SL2CG SOURCE-FTM-3401C-SL2CG Datasheet
280Kb / 10P
   100BASE-FX Spring-Latch SGMII SFP Transceiver
FTM-3413C-SLICG SOURCE-FTM-3413C-SLICG Datasheet
268Kb / 10P
   100BASE-LX/1000BASE-LX Spring-Latch SFP Transceiver
FTM-3413C-SLCG SOURCE-FTM-3413C-SLCG Datasheet
279Kb / 10P
   100BASE-LX/1000BASE-LX Spring-Latch SFP Transceiver
FTM-3401C-SL10CG SOURCE-FTM-3401C-SL10CG Datasheet
260Kb / 10P
   100BASE-LX Spring-Latch SFP Transceiver
FTM-3401C-SL10ICG SOURCE-FTM-3401C-SL10ICG Datasheet
246Kb / 10P
   100BASE-LX Spring-Latch SFP Transceiver
logo
ATGBICS by Approved Tec...
100BASE-FX-MM-SFP-C ATGBICS-100BASE-FX-MM-SFP-C Datasheet
340Kb / 10P
   100BASE-FX-MM-SFP Huawei Compatible Transceiver SFP, 100Base-FX (1310nm, MMF, 2km, DOM)
logo
Source Photonics, Inc.
FTM-5112C-SL80IG SOURCE-FTM-5112C-SL80IG Datasheet
239Kb / 10P
   1.25G Spring-Latch SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com