Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTM-8401C-SL2CG Datasheet(PDF) 1 Page - Source Photonics, Inc.

Part # FTM-8401C-SL2CG
Description  100BASE-FX Spring-Latch SFP Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

FTM-8401C-SL2CG Datasheet(HTML) 1 Page - Source Photonics, Inc.

  FTM-8401C-SL2CG Datasheet HTML 1Page - Source Photonics, Inc. FTM-8401C-SL2CG Datasheet HTML 2Page - Source Photonics, Inc. FTM-8401C-SL2CG Datasheet HTML 3Page - Source Photonics, Inc. FTM-8401C-SL2CG Datasheet HTML 4Page - Source Photonics, Inc. FTM-8401C-SL2CG Datasheet HTML 5Page - Source Photonics, Inc. FTM-8401C-SL2CG Datasheet HTML 6Page - Source Photonics, Inc. FTM-8401C-SL2CG Datasheet HTML 7Page - Source Photonics, Inc. FTM-8401C-SL2CG Datasheet HTML 8Page - Source Photonics, Inc. FTM-8401C-SL2CG Datasheet HTML 9Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 1 of 10
Features
Build-in PHY supporting SGMII Interface
Build-in high performance MCU supporting
easier configuration
100BASE-FX operation
850nm VCSEL laser and PIN photo-detector
0.5m~2km transmission with MMF
Standard serial ID information Compatible with
SFP MSA
SFP MSA package with duplex LC connector
With Spring-Latch for high density application
Very low EMI and excellent ESD protection
+3.3V single power supply
Operating case temperature: 0 to +70°C
Applications
Switch to Switch interface
Switched backplane applications
Router/Server interface
Other optical transmission systems
Standard
Compatible with SFP MSA
Compatible with IEEE 802.3ah-2004
Compatible with FCC 47 CFR Part 15, Class B
Compatible with FDA 21 CFR 1040.10 and
1040.11, Class I
Compatible with Telcordia GR-468-CORE
RoHS compliance
Description
Fiberxon FTM-8401C-SL2CG SFP transceiver is
high performance, cost effective modules. It is
designed for 100BASE-FX applications from 0.5m to
2km with MMF.
The transceiver consists of two sections: The
standard
SFP
part
and
the
PHY
part.
FTM-8401C-SL2CG is built with SGMII interface.
The optical output can be disabled by a TTL logic
high-level input of Tx Disable. Tx Fault is provided to
indicate that degradation of the laser. Loss of signal
(LOS) output is provided to indicate the loss of an
input optical signal of receiver.
The standard serial ID information Compatible with
SFP MSA describes the transceiver’s capabilities,
standard
interfaces,
manufacturer
and
other
information. The host equipment can access this
information via the 2-wire serial CMOS EEPROM
protocol. For further information, please refer to SFP
Multi-Source Agreement (MSA).
Nov 20, 2006
Members of Flexon
TM Family
(For 2km transmission with MCU version)
100BASE-FX Spring-Latch SFP Transceiver


Similar Part No. - FTM-8401C-SL2CG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FTM-8001C-S ETC-FTM-8001C-S Datasheet
251Kb / 9P
   155M 850nm SFP Transceiver
logo
Source Photonics, Inc.
FTM-8001C-SLG SOURCE-FTM-8001C-SLG Datasheet
251Kb / 9P
   155Mbps 850nm Spring-Latch SFP Transceiver
FTM-8012S-GG SOURCE-FTM-8012S-GG Datasheet
383Kb / 8P
   1.0625節?.25Gbps GBIC Transceiver
FTM-8025C-FBG SOURCE-FTM-8025C-FBG Datasheet
234Kb / 8P
   1~2.5Gbps 850nm SFF 2횞5 Transceiver
FTM-811XC-L03DG SOURCE-FTM-811XC-L03DG Datasheet
260Kb / 13P
   10G 850nm SFP Transceiver
More results

Similar Description - FTM-8401C-SL2CG

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-3401C-SL2ICG SOURCE-FTM-3401C-SL2ICG Datasheet
277Kb / 10P
   100BASE-FX Spring-Latch SGMII SFP Transceiver
FTM-3401C-SL2CG SOURCE-FTM-3401C-SL2CG Datasheet
280Kb / 10P
   100BASE-FX Spring-Latch SGMII SFP Transceiver
FTM-3413C-SL05ICG SOURCE-FTM-3413C-SL05ICG Datasheet
247Kb / 12P
   100BASE-FX/1000BASE-X Spring-Latch SFP Transceiver
FTM-3413C-SL05CG SOURCE-FTM-3413C-SL05CG Datasheet
257Kb / 11P
   100BASE-FX/1000BASE-X Spring-Latch SFP Transceiver
FTM-3401C-SL10CG SOURCE-FTM-3401C-SL10CG Datasheet
260Kb / 10P
   100BASE-LX Spring-Latch SFP Transceiver
FTM-3401C-SL10ICG SOURCE-FTM-3401C-SL10ICG Datasheet
246Kb / 10P
   100BASE-LX Spring-Latch SFP Transceiver
FTM-3413C-SLICG SOURCE-FTM-3413C-SLICG Datasheet
268Kb / 10P
   100BASE-LX/1000BASE-LX Spring-Latch SFP Transceiver
FTM-3413C-SLCG SOURCE-FTM-3413C-SLCG Datasheet
279Kb / 10P
   100BASE-LX/1000BASE-LX Spring-Latch SFP Transceiver
logo
ATGBICS by Approved Tec...
100BASE-FX-MM-SFP-C ATGBICS-100BASE-FX-MM-SFP-C Datasheet
340Kb / 10P
   100BASE-FX-MM-SFP Huawei Compatible Transceiver SFP, 100Base-FX (1310nm, MMF, 2km, DOM)
logo
Source Photonics, Inc.
FTM-5112C-SL80IG SOURCE-FTM-5112C-SL80IG Datasheet
239Kb / 10P
   1.25G Spring-Latch SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com