Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPS-34-GB-BX-TDC Datasheet(PDF) 2 Page - Source Photonics, Inc.

Part # SPS-34-GB-BX-TDC
Description  SFP Bi-Directional Transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPS-34-GB-BX-TDC Datasheet(HTML) 2 Page - Source Photonics, Inc.

  SPS-34-GB-BX-TDC Datasheet HTML 1Page - Source Photonics, Inc. SPS-34-GB-BX-TDC Datasheet HTML 2Page - Source Photonics, Inc. SPS-34-GB-BX-TDC Datasheet HTML 3Page - Source Photonics, Inc. SPS-34-GB-BX-TDC Datasheet HTML 4Page - Source Photonics, Inc. SPS-34-GB-BX-TDC Datasheet HTML 5Page - Source Photonics, Inc. SPS-34-GB-BX-TDC Datasheet HTML 6Page - Source Photonics, Inc. SPS-34-GB-BX-TDC Datasheet HTML 7Page - Source Photonics, Inc. SPS-34-GB-BX-TDC Datasheet HTML 8Page - Source Photonics, Inc. SPS-34-GB-BX-TDC Datasheet HTML 9Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
SFP Bi-Directional Transceiver
SPS-34-GB-BX
LUMINENTOIC.COM
LUMNDS112-Dec1106
Rev A.4
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
Parameter
Symbol
Min
Typical
Max
Unit
Input Differential Impedence
Rin
80
100
120
Ω
PECL Single-Ended Data Input Swing
Vin, p-p
250
-
1200
mV
TxFault_Fault
Vfault
2
-
Vcc
V
TxFault_Normal
Vnormal
Vee
-
Vee + 0.5
V
TxDisable_Disable
Vd
2
-
Vcc
V
TxDisable_Enable
Ven
Vee
-
Vee + 0.8
V
Transmitter Specifications (Electrical)
Parameter
Symbol
Min
Typical
Max
Unit
Receiver Power Lowa
Rsens,low
-
-22
-20
dBm
Receiver Power Higha
Rsens,high
-3
-
-
dBm
Damage Threshold for Receiver
Pin, damage
0
-
-
dBm
Wavelengthb
λ
1480
-
1580
nm
LOS Assert
-
-45
-
-
dBm
LOS De-Assert
-
-
-
-20
dBm
LOS Hysteresis
-
0.5
-
-
dB
Receiver Reflectance
-
-
-
-12
dB
a) Measured at 10-12 BER, PRBS 27-1, 6dB ER
b) Receiver performance can be maintained over a broader wavelength range of 1480 to 1580nm
Receiver Specifications (Optical)
Parameter
Symbol
Min
Typical
Max
Unit
PECL Single-Ended Data Output Swing
Vout,p-p
185
-
800
mV
Data Output Rise Time
tr
-
-
500
ps
Data Output Fall Time
tf
-
-
500
ps
Receiver Specifications (Electrical)


Similar Part No. - SPS-34-GB-BX-TDC

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPS-34-GB-EBX-CDC SOURCE-SPS-34-GB-EBX-CDC Datasheet
684Kb / 7P
   SFP Bi-Directional Transceiver
SPS-34-GB-EBX-CNC SOURCE-SPS-34-GB-EBX-CNC Datasheet
684Kb / 7P
   SFP Bi-Directional Transceiver
More results

Similar Description - SPS-34-GB-BX-TDC

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPL-54-GB-BZ-CNA SOURCE-SPL-54-GB-BZ-CNA Datasheet
499Kb / 7P
   SFP Bi-Directional Transceiver
SPL-43-GB-BD-CDA SOURCE-SPL-43-GB-BD-CDA Datasheet
510Kb / 7P
   SFP Bi-Directional Transceiver
SPL-43-GB-BX-CNA SOURCE-SPL-43-GB-BX-CNA Datasheet
625Kb / 9P
   SFP Bi-Directional Transceiver
SPL-53-GB-BD-CNA SOURCE-SPL-53-GB-BD-CNA Datasheet
523Kb / 7P
   SFP Bi-Directional Transceiver
SPS-35-FE-BX-CDC SOURCE-SPS-35-FE-BX-CDC Datasheet
527Kb / 7P
   SFP Bi-directional Transceiver
SPS-43-GB-BX-CNA SOURCE-SPS-43-GB-BX-CNA Datasheet
671Kb / 9P
   SFP Bi-Directional Transceiver
SPL-34-GB-BX-CNA SOURCE-SPL-34-GB-BX-CNA Datasheet
641Kb / 9P
   SFP Bi-Directional Transceiver
SPL-53-GB-EBX-CNA SOURCE-SPL-53-GB-EBX-CNA Datasheet
625Kb / 7P
   SFP Bi-Directional Transceiver
SPL-45-FE-BZ-CDA SOURCE-SPL-45-FE-BZ-CDA Datasheet
625Kb / 7P
   SFP Bi-directional Transceiver
SPL-54-FE-BZ-CDA SOURCE-SPL-54-FE-BZ-CDA Datasheet
607Kb / 7P
   SFP Bi-Directional Transceiver
SPL-35-GB-EBX-CNA SOURCE-SPL-35-GB-EBX-CNA Datasheet
633Kb / 7P
   SFP Bi-Directional Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com