Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTM-5012S-G50G Datasheet(PDF) 1 Page - Source Photonics, Inc.

Part # FTM-5012S-G50G
Description  1.0625節?.25Gbps GBIC Transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

FTM-5012S-G50G Datasheet(HTML) 1 Page - Source Photonics, Inc.

  FTM-5012S-G50G Datasheet HTML 1Page - Source Photonics, Inc. FTM-5012S-G50G Datasheet HTML 2Page - Source Photonics, Inc. FTM-5012S-G50G Datasheet HTML 3Page - Source Photonics, Inc. FTM-5012S-G50G Datasheet HTML 4Page - Source Photonics, Inc. FTM-5012S-G50G Datasheet HTML 5Page - Source Photonics, Inc. FTM-5012S-G50G Datasheet HTML 6Page - Source Photonics, Inc. FTM-5012S-G50G Datasheet HTML 7Page - Source Photonics, Inc. FTM-5012S-G50G Datasheet HTML 8Page - Source Photonics, Inc. FTM-5012S-G50G Datasheet HTML 9Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 1 of 1
Controlled Electronic Version. 24hrs Obsolete when printed out without authorization. Last printed 2006-11-15 下午
04:56
Features
1.0625~1.25Gbps multi-rate
1550nm DFB laser and PIN photodiode for 50
transmission
Class I laser product
Low EMI and excellent ESD protection
Duplex SC optical interface
Extended power supply +3.3/5.0V compatibility
Standard serial ID information compatible with
SFF-8053
Operating case temperature: 0 to +70°C
Applications
Switch to Switch interface
Switched backplane applications
Router/Server interface
Other optical transmission systems
Standard
Compatible with GBIC specification (SFF-8053),
Rev 5.5
Compatible with ANSI specification for Fibre
Channel
Compatible with IEEE 802.3z
Compatible with FCC 47 CFR Part 15, Class B
Compatible with FDA 21 CFR 1040.10 and
1040.11, Class I
RoHS compliance
Description
Fiberxon 1.0625~1.25Gbps GBIC transceivers are
high performance, cost effective modules. They are
designed for Gigabit Ethernet and 1x Fibre Channel
applications from 50km.
The transceiver consists of two sections: The
transmitter section incorporates a highly reliable
uncooled DFB laser. And the receiver section is a
PIN with a trans-impedance preamplifier (TIA). All
modules satisfy Class I Laser Safety requirements.
The standard serial ID information compatible with
GBIC MSA describes the transceiver’s capabilities,
standard
interfaces,
manufacturer
and
other
information. The host equipment can access this
information via the 2-wire serial CMOS EEPROM
protocol. For further information, please refer to
SFF-8053.
Nov 14, 2006
Members Of Flexon
TM Family
(For 50km transmission)
1.06251.25Gbps GBIC Transceiver


Similar Part No. - FTM-5012S-G50G

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-5012S-G80G SOURCE-FTM-5012S-G80G Datasheet
248Kb / 8P
   1.25Gbps GBIC Transceiver
More results

Similar Description - FTM-5012S-G50G

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-8012S-GG SOURCE-FTM-8012S-GG Datasheet
383Kb / 8P
   1.0625節?.25Gbps GBIC Transceiver
FTM-3012S-GG SOURCE-FTM-3012S-GG Datasheet
237Kb / 10P
   1.0625節?.25Gbps GBIC Transceiver
logo
List of Unclassifed Man...
MGB-243S ETC2-MGB-243S Datasheet
437Kb / 7P
   GBIC Transceiver
logo
Finisar Corporation.
FTR-1629-17 FINISAR-FTR-1629-17 Datasheet
149Kb / 10P
   DWDM GBIC Transceiver
logo
Source Photonics, Inc.
FTM-5012S-G80G SOURCE-FTM-5012S-G80G Datasheet
248Kb / 8P
   1.25Gbps GBIC Transceiver
logo
Finisar Corporation.
FCM-8519-1-T4 FINISAR-FCM-8519-1-T4 Datasheet
73Kb / 9P
   Copper GBIC Transceiver
FTR-1631-17 FINISAR-FTR-1631-17 Datasheet
87Kb / 10P
   DWDM GBIC Transceiver
logo
OPLINK Communications I...
DTR1250SMGBL1 OPLINK-DTR1250SMGBL1 Datasheet
107Kb / 5P
   GBIC Single Mode Transceiver
logo
Finisar Corporation.
FTR-8519-3D FINISAR-FTR-8519-3D Datasheet
188Kb / 8P
   Short-Wavelength GBIC Transceiver
logo
Level One
GVT-0302 LVL1-GVT-0302 Datasheet
195Kb / 2P
   Mini GBIC SFP transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com