Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFMA5880-0.5W-Q7 Datasheet(PDF) 2 Page - Excelics Semiconductor, Inc.

Part # RFMA5880-0.5W-Q7
Description  5.8 - 8.0 GHz High Gain Surface-Mounted PA
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

RFMA5880-0.5W-Q7 Datasheet(HTML) 2 Page - Excelics Semiconductor, Inc.

  RFMA5880-0.5W-Q7 Datasheet HTML 1Page - Excelics Semiconductor, Inc. RFMA5880-0.5W-Q7 Datasheet HTML 2Page - Excelics Semiconductor, Inc. RFMA5880-0.5W-Q7 Datasheet HTML 3Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RFMA5880-0.5W-Q7
UPDATED: 04/24/2008
5.8 – 8.0 GHz High Gain Surface-Mounted PA
Specifications are subject to change without notice.
Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085
page 2 of 3
Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
Revised May 2008
Package Dimension and Pin Assignment
0.276±0.002
0 REF
EXCELICS
Top View
Bottom View
* All measurements in inches
0.012±0.002
15
0.038
0.240
0.276±0.002
0 REF
0.013
0.036
14
22
21
7
0.032±0.002
8
28
1
RFMA5880
-0.5W-Q7
Additional Notes:
1)
Ground Plane must be soldered to PCB RF ground
2)
All dimensions are in inches
3)
Refer to Excelics application notes on QFNs for further guidelines
4)
Pin Assignment:
-0.5W-Q7
Vg1
RFin
Vg2
RFout
14
Vg2
15
RFout
8
Vg1
RFin
7
Top View
EXCELICS
Vda Vdb
Bottom View
Vdd
Vdc
Vdd
22
21
Vdc
Vda
Vdb
28
1
RFMA5880
Pin
Assignment
1, 2, 3, 5, 6, 7, 8, 10, 11, 12, 14
NC
4
RFin
9
Vg1
13
Vg2
15, 16, 17, 19, 20, 21, 22, 24, 25, 26, 28
NC
18
RFout
22, 23
Vdd, Vdc
27, 28
Vdb, Vda


Similar Part No. - RFMA5880-0.5W-Q7

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
RFMA5880-0.1W-02 EXCELICS-RFMA5880-0.1W-02 Datasheet
174Kb / 2P
   5.8 - 8.0 GHz Power Amplifier MMIC
More results

Similar Description - RFMA5880-0.5W-Q7

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EMP107-Q5 EXCELICS-EMP107-Q5 Datasheet
144Kb / 4P
   5.8 - 8.0 GHz Surface-Mounted PA
EMP110-Q5 EXCELICS-EMP110-Q5 Datasheet
129Kb / 3P
   5.8 - 8.0 GHz Surface-Mounted PA
RFMA5872-1W-Q7 EXCELICS-RFMA5872-1W-Q7 Datasheet
130Kb / 3P
   5.8 - 7.2 GHz High Gain Surface-Mounted PA
EMP103-Q5 EXCELICS-EMP103-Q5 Datasheet
144Kb / 4P
   6.4 - 8.0 GHz Surface-Mounted PA
RFMA0912-1W-Q7 EXCELICS-RFMA0912-1W-Q7 Datasheet
150Kb / 4P
   9.50 - 11.70 GHz High-Gain Surface Mounted PA
RFMA1720-0.5W-Q7 EXCELICS-RFMA1720-0.5W-Q7 Datasheet
130Kb / 3P
   17.7 - 19.7 GHz High Gain Surface-Mounted PA
RFMA1415-1W-Q7 EXCELICS-RFMA1415-1W-Q7 Datasheet
153Kb / 5P
   14.4 - 15.4 GHz High Gain Surface-Mounted PA
RFMA5065-0.5W-Q7 EXCELICS-RFMA5065-0.5W-Q7 Datasheet
130Kb / 3P
   5.0 - 6.5 GHz High Gain Surface-Mounted PA
RFMA5065-1W-Q7 EXCELICS-RFMA5065-1W-Q7 Datasheet
131Kb / 3P
   5.0 - 6.5 GHz High Gain Surface-Mounted PA
RFMA1214-1W-Q7 EXCELICS-RFMA1214-1W-Q7 Datasheet
146Kb / 4P
   12.50 - 14.50 GHz High-Gain Surface Mounted PA
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com