Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ACT3622 Datasheet(PDF) 11 Page - Texas Instruments

Part # SN74ACT3622
Description  256 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT3622 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74ACT3622 Datasheet HTML 7Page - Texas Instruments SN74ACT3622 Datasheet HTML 8Page - Texas Instruments SN74ACT3622 Datasheet HTML 9Page - Texas Instruments SN74ACT3622 Datasheet HTML 10Page - Texas Instruments SN74ACT3622 Datasheet HTML 11Page - Texas Instruments SN74ACT3622 Datasheet HTML 12Page - Texas Instruments SN74ACT3622 Datasheet HTML 13Page - Texas Instruments SN74ACT3622 Datasheet HTML 14Page - Texas Instruments SN74ACT3622 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
SN74ACT3622
256
× 36 × 2
CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SCAS247D – AUGUST 1993 – REVISED APRIL 1998
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
mailbox registers
Each FIFO has a 36-bit bypass register to pass command and control information between port A and port B
without putting it in queue. The mailbox-select (MBA, MBB) inputs choose between a mail register and a FIFO
for a port data transfer operation. A low-to-high transition on CLKA writes A0 – A35 data to the mail1 register
when a port-A write is selected by CSA, W/RA, and ENA and with MBA high. A low-to-high transition on CLKB
writes B0 – B35 data to the mail2 register when a port-B write is selected by CSB, W/RB, and ENB and with MBB
high. Writing data to a mail register sets its corresponding flag (MBF1 or MBF2) low. Attempted writes to a mail
register are ignored while the mail flag is low.
When data outputs of a port are active, the data on the bus comes from the FIFO output register when the
port-mailbox-select input is low and from the mail register when the port-mailbox-select input is high. The mail1
register flag (MBF1) is set high by a low-to-high transition on CLKB when a port-B read is selected by CSB,
W/RB, and ENB and with MBB high. The mail2 register flag (MBF2) is set high by a low-to-high transition on
CLKA when a port-A read is selected by CSA, W/RA, and ENA and with MBA high. The data in a mail register
remains intact after it is read and changes only when new data is written to the register.
CLKA
CLKB
RST1
0,1
th(FS)
tsu(FS)
th(RS)
tsu(RS)
FS1, FS0
IRA
tpd(C-IR)
tpd(C-IR)
ORB
tpd(C-OR)
tpd(R-F)
tpd(R-F)
AEB
AFA
MBF1
tpd(R-F)
Figure 1. FIFO1 Reset Loading X1 and Y1 With a Preset Value of Eight
† FIFO2 is reset in the same manner to load X2 and Y2 with a preset value.


Similar Part No. - SN74ACT3622

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT3622-15PCB TI1-SN74ACT3622-15PCB Datasheet
513Kb / 31P
[Old version datasheet]   256 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT3622-15PQ TI1-SN74ACT3622-15PQ Datasheet
513Kb / 31P
[Old version datasheet]   256 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT3622-15PQG4 TI1-SN74ACT3622-15PQG4 Datasheet
513Kb / 31P
[Old version datasheet]   256 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT3622-20PQ TI1-SN74ACT3622-20PQ Datasheet
513Kb / 31P
[Old version datasheet]   256 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT3622-30PCB TI1-SN74ACT3622-30PCB Datasheet
513Kb / 31P
[Old version datasheet]   256 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
More results

Similar Description - SN74ACT3622

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT3622 TI1-SN74ACT3622_08 Datasheet
513Kb / 31P
[Old version datasheet]   256 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN54ACT3632 TI-SN54ACT3632 Datasheet
383Kb / 25P
[Old version datasheet]   512 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ABT3612 TI-SN74ABT3612 Datasheet
462Kb / 31P
[Old version datasheet]   64 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT3632 TI-SN74ACT3632 Datasheet
407Kb / 27P
[Old version datasheet]   512 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT3638 TI-SN74ACT3638 Datasheet
461Kb / 30P
[Old version datasheet]   512 횞 32 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ABT7819A TI-SN74ABT7819A Datasheet
321Kb / 21P
[Old version datasheet]   512 횞 18 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN54ABT7819 TI-SN54ABT7819 Datasheet
289Kb / 20P
[Old version datasheet]   512 횞 18 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT7805 TI-SN74ACT7805 Datasheet
193Kb / 14P
[Old version datasheet]   256 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT3641 TI-SN74ACT3641 Datasheet
379Kb / 26P
[Old version datasheet]   1024 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN54ACT3641 TI-SN54ACT3641 Datasheet
377Kb / 26P
[Old version datasheet]   1024 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com