Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ACT8994 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74ACT8994
Description  DIGITAL BUS MONITOR IEEE STD 1149.1 JTAG SCAN-CONTROLLED LOGIC/SIGNATURE ANALYZER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT8994 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74ACT8994 Datasheet HTML 3Page - Texas Instruments SN74ACT8994 Datasheet HTML 4Page - Texas Instruments SN74ACT8994 Datasheet HTML 5Page - Texas Instruments SN74ACT8994 Datasheet HTML 6Page - Texas Instruments SN74ACT8994 Datasheet HTML 7Page - Texas Instruments SN74ACT8994 Datasheet HTML 8Page - Texas Instruments SN74ACT8994 Datasheet HTML 9Page - Texas Instruments SN74ACT8994 Datasheet HTML 10Page - Texas Instruments SN74ACT8994 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
SN74ACT8994
DIGITAL BUS MONITOR
IEEE STD 1149.1 (JTAG) SCAN-CONTROLLED LOGIC/SIGNATURE ANALYZER
SCAS196E – JULY 1990 – REVISED DECEMBER 1996
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
trace/PSA
The trace and PSA operations are executed simultaneously. All the configuration options for the trace and PSA
operations are available for trace/PSA.
In the off-line mode, system test operations are performed via the TAP controller. This is done independent of
system conditions.
In the on-line mode, the device is configured to perform system test operations that are dependent on system
conditions (event-qualified testing) and synchronous to the system clock(s). Eight different event-qualification
protocols offer a wide range of test schemes that control when system test operations take place.
An event can be configured as a match between expected data from the register files and data at the D inputs
(local event-qualified testing). Mask data bits from the register files allow any combination of bits to be ignored
when the compare takes place. The EQI pin can also be configured as an event to trigger system test operations
(global event-qualified testing). The device can be configured to output one of several different status signals
via EQO. These are used for global event-qualified testing.
The DBM has instructions that enable the user to perform a self-test on the RAM. This is done by filling the RAM
with known values and performing a PSA on its contents. Instructions are included to expedite the loading of
the RAM with known values, as well as to perform PSA on the contents of the RAM.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
–0.5 V to VCC
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO (see Note 1)
–0.5 V to VCC
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0 or VI > VCC)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VCC)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO (VO = 0 to VCC)
±25 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum power dissipation at TA = 55°C (in still air) (see Note 2)
1.1 W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
2. The maximum package power dissipation is calculated using a junction temperature of 150
°C and a board trace length of 75 mils.
For more information, refer to the
Package Thermal Considerations application note in the ABT Advanced BiCMOS Technology Data
Book, literature number SCBD002.
recommended operating conditions
MIN
MAX
UNIT
VCC
Supply voltage
4.5
5.5
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
VI
Input voltage
0
VCC
V
VO
Output voltage
0
VCC
V
IOH
High level output current
EQO
–4
mA
IOH
High-level output current
PIO, TDO
–16
mA
IOL
Low level output current
EQO
4
mA
IOL
Low-level output current
PIO, TDO
16
mA
TA
Operating free-air temperature
0
70
°C


Similar Part No. - SN74ACT8994

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT8990 TI-SN74ACT8990 Datasheet
305Kb / 15P
[Old version datasheet]   TEST-BUS CONTROLLERS IEEE STD 1149.1 JTAG TAP MASTERS WITH 16-BIT GENERIC HOST INTERFACES
SN74ACT8990 TI-SN74ACT8990 Datasheet
308Kb / 15P
[Old version datasheet]   TEST-BUS CONTROLLERS IEEE STD 1149.1 (JTAG) TAP MASTERS WITH 16-BIT GENERIC HOST INTERFACES
SN74ACT8990FN TI-SN74ACT8990FN Datasheet
305Kb / 15P
[Old version datasheet]   TEST-BUS CONTROLLERS IEEE STD 1149.1 JTAG TAP MASTERS WITH 16-BIT GENERIC HOST INTERFACES
SN74ACT8990FN TI-SN74ACT8990FN Datasheet
308Kb / 15P
[Old version datasheet]   TEST-BUS CONTROLLERS IEEE STD 1149.1 (JTAG) TAP MASTERS WITH 16-BIT GENERIC HOST INTERFACES
SN74ACT8990FNR TI-SN74ACT8990FNR Datasheet
305Kb / 15P
[Old version datasheet]   TEST-BUS CONTROLLERS IEEE STD 1149.1 JTAG TAP MASTERS WITH 16-BIT GENERIC HOST INTERFACES
More results

Similar Description - SN74ACT8994

ManufacturerPart #DatasheetDescription
logo
Xilinx, Inc
XQ18V04 XILINX-XQ18V04_03 Datasheet
155Kb / 15P
   IEEE Std 1149.1 boundary-scan (JTAG) support
logo
Texas Instruments
SN54ACT8997 TI-SN54ACT8997 Datasheet
335Kb / 28P
[Old version datasheet]   SCAN-PATH LINKERS WITH 4-BIT IDENTIFICATION BUSES SCAN-CONTROLLED IEEE STD 1149.1 JTAG TAP CONCATENATORS
SN54ACT8999 TI1-SN54ACT8999 Datasheet
435Kb / 29P
[Old version datasheet]   SCAN-PATH SELECTORS WITH 8-BIT BIDIRECTIONAL DATA BUSES SCAN-CONTROLLED IEEE STD 1149.1 (JTAG) TAP MULTIPLEXERS
SN54ABT8996 TI-SN54ABT8996 Datasheet
564Kb / 40P
[Old version datasheet]   10-BIT ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 JTAG TAP TRANSCEIVERS
logo
National Semiconductor ...
SCANSTA111 NSC-SCANSTA111 Datasheet
524Kb / 29P
   Enhanced SCAN bridge Multidrop Addressable IEEE 1149.1 (JTAG) Port
logo
Texas Instruments
SN54ABT8996 TI1-SN54ABT8996_15 Datasheet
741Kb / 46P
[Old version datasheet]   10-BIT ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 (JTAG) TAP TRANSCEIVERS
logo
National Semiconductor ...
SCANSTA111 NSC-SCANSTA111_05 Datasheet
911Kb / 31P
   Enhanced SCAN bridge Multidrop Addressable IEEE 1149.1 (JTAG) Port
logo
Keysight Technologies
N8817A KEYSIGHT-N8817A Datasheet
8Mb / 8P
   JTAG (IEEE 1149.1) Protocol
logo
Texas Instruments
SN74LVT8986 TI-SN74LVT8986 Datasheet
880Kb / 47P
[Old version datasheet]   3.3-V LINKING ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 (JTAG) TAP TRANSCEIVERS
SN74LVT8986 TI-SN74LVT8986_07 Datasheet
885Kb / 54P
[Old version datasheet]   3.3-V LINKING ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 (JTAG) TAP TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com